Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA75501V Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LA75501V
Description  For Use in TV/VTR Applications VIF/SIF Signal Processing IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA75501V Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LA75501V_07 Datasheet HTML 2Page - Sanyo Semicon Device LA75501V_07 Datasheet HTML 3Page - Sanyo Semicon Device LA75501V_07 Datasheet HTML 4Page - Sanyo Semicon Device LA75501V_07 Datasheet HTML 5Page - Sanyo Semicon Device LA75501V_07 Datasheet HTML 6Page - Sanyo Semicon Device LA75501V_07 Datasheet HTML 7Page - Sanyo Semicon Device LA75501V_07 Datasheet HTML 8Page - Sanyo Semicon Device LA75501V_07 Datasheet HTML 9Page - Sanyo Semicon Device LA75501V_07 Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
LA75501V
No.A0224-9/10
V28. VCO control sensitivity [
β]
(1) Apply the VCC voltage to the external AGC, IF AGC (pin 18).
(2) Apply the 3V to the external FLL, FLL (pin 10).
(3) Pick up the VCO oscillation frequency from the VIDEO output (A), GND, etc.
And adjust the VCO coil so that the frequency becomes 38.9MHz.
(4) f1 is taken as the frequency when 2.8V is applied to the APC pin (pin 9).
In the same manner, f2 is taken as the frequency when 3.2V is applied to the APC pin (pin 9).
β = f2−
(kHz/mV)
F1. 1st SIF conversion gain [VG]
(1) Internal AGC
(2) fp = 38.9MHz CW;10mV (VIF input)
fs = 33.4MHz CW;500
µV (1st SIF input) ····· V1
(3) measure the detection output level at test point C (5.5MHz) ····· V2
(4) VG = 20log
dB
F2. 5.5MHz output level [So]
(1) Internal AGC
(2) fp = 38.9MHz CW; 10mV (VIF input)
fs = 33.4MHz CW; 10mV (1st SIF input) ····· V1
(3) Measure the detection output level at test point C (5.5MHz). ····· So (mVrms)
F3. 1st maximum input [Si max]
(1) Internal AGC
(2) fp = 38.9MHz CW; 10mV (VIF input)
fs = 33.4MHz CW; Variable (1st SIF input)
(3) Input level at which the detection output (5.5MHz) at test point C becomes So ±2dB. ····· Si max
F4.F5. 1st SIF input resistance, input capacitance [Ri (SIF1), Ci (SIF1)]
(1) Referring to the Input Impedance Test Circuit, measure Ri and Ci with an impedance analyzer.
S1. SIF Limiting sensitivity [Vi (lim)]
(1) Apply the VCC voltage to the external AGC, IF AGC (pin 18).
(2) fs = 5.5MHz fm = 400Hz
∆F = ±300kHz (SIF input)
(3) Set the SIF input level to 31.6mVrms and measure the level at test point D. ····· V1
(4) Lower the SIF input level and measure the input level which becomes V1. ····· 3dB.
S2.S4. FM detection output voltage, total harmonics distortion [VO(FM), THD]
(1) Apply the VCC voltage to the external AGC, IF AGC (pin 18).
(2) fs = 5.5MHz fm = 400Hz
∆f = ±30kHz
(SIF input Vi = 31.6mVrms)
(3) Measure the FM detection output voltage, total harmonics distortion at test point D.
S3. AM rejection ratio [AMR]
(1) External AGC (V18 =VCC)
(2) fs = 5.5MHz fm = 400Hz AM = 30%
(SIF input Vi = 31.6mVrms)
(3) Measure the output level at test point D. ····· VAM
(4) AMR = 20log
dB
S5. SIF S/N [S/N (FM)]
(1) External AGC (V15 = VCC)
(2) fs = 5.5MHz NO MOD Vi = 31.6mVrms
(3) Measure the output level at test point D. ····· Vn
(4) S/N = 20log
dB
V2
V1
f1
− f2
400
VO (DET)
VAM
VO (DET)
Vn


Similar Part No. - LA75501V_07

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA75501V SANYO-LA75501V Datasheet
204Kb / 10P
   For Use in TV/VTR Applications VIF/SIF Signal Processing IC
More results

Similar Description - LA75501V_07

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA75501V SANYO-LA75501V Datasheet
204Kb / 10P
   For Use in TV/VTR Applications VIF/SIF Signal Processing IC
LA75695VA SANYO-LA75695VA Datasheet
286Kb / 12P
   For Use in TV/VTR Applications IF Signal Processing (VIFSIFSIF converter)
LA75501 SANYO-LA75501 Datasheet
118Kb / 11P
   For Use in TV/VCR Applications VIF/SIF Signal Processing IC
LA7530N SANYO-LA7530N Datasheet
87Kb / 3P
   IF Signal Processing (VIFSIF) Circuit for TV/VTR Use
LA75694M SANYO-LA75694M Datasheet
232Kb / 10P
   For Use in TV/VTR Applications IF Signal Processing (VIF/SIF for Hi-Fi)
LA7550 SANYO-LA7550 Datasheet
285Kb / 3P
   IF Signal Processing (VIFSIF) Cricuit for TV/VTR
LA75600VA SANYO-LA75600VA Datasheet
390Kb / 16P
   Monolithic Linear IC IF Signal Processing (VIF/SIF) IC for use in TV/VCR Applications
LA7520 SANYO-LA7520 Datasheet
65Kb / 2P
   VIFSIF Circuit for TV, VTR Applications
LA7555 SANYO-LA7555 Datasheet
258Kb / 11P
   IF Signal Processing (VIFSIF) Cricuit for TV/VCR Use
LA75525AVA SANYO-LA75525AVA Datasheet
177Kb / 10P
   VIF/SIF Signal-Processing IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com