Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC74731W Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC74731W
Description  On-Screen Display Controller
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74731W Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC74731W_11 Datasheet HTML 1Page - Sanyo Semicon Device LC74731W_11 Datasheet HTML 2Page - Sanyo Semicon Device LC74731W_11 Datasheet HTML 3Page - Sanyo Semicon Device LC74731W_11 Datasheet HTML 4Page - Sanyo Semicon Device LC74731W_11 Datasheet HTML 5Page - Sanyo Semicon Device LC74731W_11 Datasheet HTML 6Page - Sanyo Semicon Device LC74731W_11 Datasheet HTML 7Page - Sanyo Semicon Device LC74731W_11 Datasheet HTML 8Page - Sanyo Semicon Device LC74731W_11 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
Pin Assignment
No. 6526-2/38
LC74731W,74732W
1
VSS1
48
A6
2
XTALin
47
A7
3
XTALout
46
A8
4
CTRL1
45
A9
5
OSCin
44
A10
6
OSCout
43
A11
7
MUTE
42
A12
8
CDLR
41
A13
9
SYNCjdg/Rout
40
A14
10
CHARA/Gout
39
A15
11
BLANK/Bout
38
A16
12
IEOUT/BLKout
37
A17
13
OUTMOD
36
VDD1
14
CS
35
RST
15
SIN
(V)
34
SEPin
16
SCLK
33
SEPout
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
64


Similar Part No. - LC74731W_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC74731W-9818-E ONSEMI-LC74731W-9818-E Datasheet
339Kb / 39P
   On-Screen Display Controller
March 2015 - Rev. 1
LC74731WS-9818-E ONSEMI-LC74731WS-9818-E Datasheet
339Kb / 39P
   On-Screen Display Controller
March 2015 - Rev. 1
More results

Similar Description - LC74731W_11

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90050 FUJITSU-MB90050 Datasheet
743Kb / 41P
   On-Screen Display Controller
logo
ON Semiconductor
LC74736PT-E ONSEMI-LC74736PT-E Datasheet
420Kb / 106P
   On-Screen Display Controller
July, 2013
logo
Fujitsu Component Limit...
MB90097 FUJITSU-MB90097 Datasheet
928Kb / 63P
   ON-Screen Display Controller
logo
Sanyo Semicon Device
LC74735NW SANYO-LC74735NW Datasheet
295Kb / 52P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90096 FUJITSU-MB90096 Datasheet
367Kb / 36P
   On-screen Display Controller
logo
Sanyo Semicon Device
LC74788 SANYO-LC74788 Datasheet
211Kb / 23P
   On-Screen Display Controller
LC74789 SANYO-LC74789 Datasheet
211Kb / 23P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90092 FUJITSU-MB90092_01 Datasheet
348Kb / 40P
   ON-Screen Display Controller
logo
Sanyo Semicon Device
LC74787 SANYO-LC74787 Datasheet
216Kb / 23P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90099 FUJITSU-MB90099 Datasheet
1Mb / 36P
   On-Screen Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com