Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1864N-J Datasheet(PDF) 8 Page - Analog Devices

Part # AD1864N-J
Description  Complete Dual 18-Bit Audio DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1864N-J Datasheet(HTML) 8 Page - Analog Devices

Back Button AD1864N-J Datasheet HTML 4Page - Analog Devices AD1864N-J Datasheet HTML 5Page - Analog Devices AD1864N-J Datasheet HTML 6Page - Analog Devices AD1864N-J Datasheet HTML 7Page - Analog Devices AD1864N-J Datasheet HTML 8Page - Analog Devices AD1864N-J Datasheet HTML 9Page - Analog Devices AD1864N-J Datasheet HTML 10Page - Analog Devices AD1864N-J Datasheet HTML 11Page - Analog Devices AD1864N-J Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD1864
–8–
REV. A
2
4
5
6
1
3
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
AD1864
S
+V
L
–V
TRIM
MSB
SJ
DL
LL
DGND
AGND
OUT
V
OUT
I
R F
–VS
OUT
I
+V L
OUT
V
TRIM
MSB
LR
CLK
DR
AGND
SJ
R F
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
C1
C2
1
2
3
4
5
6
7
8
–VS
S
+V
LEFT
CHANNEL
OUTPUT
RIGHT
CHANNEL
OUTPUT
–5V ANALOG SUPPLY
+5V ANALOG SUPPLY
+5V DIGITAL SUPPLY
–5V DIGITAL SUPPLY
BCKO
WCKO
DOL
DOR
VDD
DG
OW18
OW20
SM5813AP/A
PT
AD712
OR
NE5532
VSS1
VSS2
Figure 11. Complete 8
× F
S 18-Bit CD Player
8-BIT CD PLAYER DESIGN
Figure 11 illustrates an 18-bit CD player design incorporating
an AD1864 D/A converter, an AD712 or NE5532 dual op amp
and the SM5813 digital filter chip manufactured by NPC. In
this design, the SM5813 filter transmits left and right digital
data to both channels of the AD1864. The left and right latch
signals, LL and LR, are both provided by the word clock signal
(WCKO) of the digital filter. The digital filter supplies data at
an 8
× F
S oversample rate to each channel.
The digital data is converted to analog output voltages by the
output amplifiers on the AD1864. Note that no external
components are required by the AD1864. Also, no deglitching
circuitry is required.
An AD712 or NE5532 dual op amp is used to provide the
output antialias filters required for adequate image rejection.
One 2-pole filter section is provided for each channel. An
additional pole is created from the combination of the internal
feedback resistors (RF) and the external capacitors C1 and C2.
For example, the nominal 3 k
Ω RF with a 360 pF capacitor for
C1 and C2 will place a pole at approximately 147 kHz, effec-
tively eliminating all high frequency noise components.
Close matching of the ac characteristics of the amplifiers on the
AD712 as well as their low distortion make it an ideal choice for
the task.
LOW distortion, superior channel separation, low power
consumption and a low component count are all realized by this
simple design.


Similar Part No. - AD1864N-J

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1864 AD-AD1864_15 Datasheet
564Kb / 12P
   COMPLETE DUAL 18 BIT AUDIO DAC
REV. A
More results

Similar Description - AD1864N-J

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1864 AD-AD1864_15 Datasheet
564Kb / 12P
   COMPLETE DUAL 18 BIT AUDIO DAC
REV. A
AD1865 AD-AD1865_15 Datasheet
693Kb / 12P
   Complete Dual 18-Bit 16FS Audio DAC
REV. 0
AD1865 AD-AD1865 Datasheet
149Kb / 12P
   Complete Dual 18-Bit 16 x Fs Audio DAC
REV. 0
AD1865N-K AD-AD1865N-K Datasheet
693Kb / 12P
   Complete Dual 18-Bit 16 x FS Audio DAC
REV. 0
AD1868 AD-AD1868 Datasheet
246Kb / 12P
   Single Supply Dual 18-Bit Audio DAC
REV. A
AD1868 AD-AD1868_15 Datasheet
250Kb / 12P
   Single Supply Dual 18-Bit Audio DAC
REV. A
logo
Maxim Integrated Produc...
MX7845 MAXIM-MX7845 Datasheet
145Kb / 4P
   Complete, 12-Bit Multiplying DAC
19-3986; Rev 0; 10/91
logo
Analog Devices
AD7840 AD-AD7840 Datasheet
338Kb / 16P
   LC2MOS Complete 14-Bit DAC
REV. B
logo
API Technologies Corp
DAC9377 APITECH-DAC9377 Datasheet
2Mb / 3P
   Complete Buffered 16-Bit DAC
logo
Analog Devices
AD8582ANZ AD-AD8582ANZ Datasheet
192Kb / 8P
   5 Volt, Parallel Input Complete Dual 12-Bit DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com