Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1877JR Datasheet(PDF) 6 Page - Analog Devices

Part # AD1877JR
Description  Single-Supply 16-Bit Stereo ADC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1877JR Datasheet(HTML) 6 Page - Analog Devices

Back Button AD1877JR Datasheet HTML 2Page - Analog Devices AD1877JR Datasheet HTML 3Page - Analog Devices AD1877JR Datasheet HTML 4Page - Analog Devices AD1877JR Datasheet HTML 5Page - Analog Devices AD1877JR Datasheet HTML 6Page - Analog Devices AD1877JR Datasheet HTML 7Page - Analog Devices AD1877JR Datasheet HTML 8Page - Analog Devices AD1877JR Datasheet HTML 9Page - Analog Devices AD1877JR Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
AD1877
REV. A
–6–
(Continued from Page 1 )
The flexible serial output port produces data in twos-comple-
ment, MSB-first format. The input and output signals are TTL
compatible. The port is configured by pin selections. Each 16-bit
output word of a stereo pair can be formatted within a 32-bit
field of a 64-bit frame as either right-justified, I
2S-compatible,
Word Clock controlled or left-justified positions. Both 16-bit
samples can also be packed into a 32-bit frame, in left-justified
and I
2S-compatible positions.
The AD1877 is fabricated on a single monolithic integrated circuit
using a 0.8
µm CMOS double polysilicon, double metal process,
and is offered in a plastic 28-lead SOIC package. Analog and
digital supply connections are separated to isolate the analog cir-
cuitry from the digital supply and reduce digital crosstalk.
The AD1877 operates from a single 5 V power supply over the
temperature range of 0
°C to 70°C, and typically consumes less
than 260 mW of power.
THEORY OF OPERATION
Modulator Noise-Shaping
The stereo, internally differential analog modulator of the
AD1877 employs a proprietary feedforward and feedback archi-
tecture that passes input signals in the audio band with a unity
transfer function yet simultaneously shapes the quantization
noise generated by the one-bit comparator out of the audio
band. See Figure 1. Without the
∑∆ architecture, this quantiza-
tion noise would be spread uniformly from dc to one-half the
oversampling frequency, 64
× F
S.
DAC
DAC
SINGLE TO
DIFFERENTIAL
CONVERTER
MODULATOR
BITSTREAM
OUTPUT
VIN
VIN
VIN
Figure 1. Modulator Noise-Shaper (One Channel)
∑∆ architectures “shape” the quantization noise-transfer function
in a nonuniform manner. Through careful design, this transfer
function can be specified to high-pass filter the quantization
noise out of the audio band into higher frequency regions. The
AD1877 also incorporates a feedback resonator from the fourth
integrator’s output to the third integrator’s input. This resonator
does not affect the signal transfer function but allows the flexible
placement of a zero in the noise transfer function for more effec-
tive noise shaping.
Oversampling by 64 simplifies the implementation of a high per-
formance audio analog-to-digital conversion system. Antialias
requirements are minimal; a single pole of filtering will usually
suffice to eliminate inputs near FS and its higher multiples.
A fourth-order architecture was chosen both to strongly shape
the noise out of the audio band and to help break up the idle
tones produced in all
∑∆ architectures. These architectures have
a tendency to generate periodic patterns with a constant dc input, a
response that looks like a tone in the frequency domain. These
idle tones have a direct frequency dependence on the input dc
offset and indirect dependence on temperature and time as it
affects dc offset. The AD1877 suppresses idle tones 20 dB or
better below the integrated noise floor.
The AD1877’s modulator was designed, simulated, and exhaus-
tively tested to remain stable for any input within a wide tolerance
of its rated input range. The AD1877 is designed to internally
reset itself should it ever be overdriven, to prevent it from going
instable. It will reset itself within 5
µs at a 48 kHz sampling
frequency after being overdriven. Overdriving the inputs will
produce a waveform “clipped” to plus or minus full scale.
See TPCs 1 through 16 for illustrations of the AD1877’s
typical analog performance as measured by an Audio Precision
System One. Signal-to(distortion + noise) is shown under a
range of conditions. Note that there is a small variance between
the AD1877 analog performance specifications and some of the
performance plots. This is because the Audio Precision System
One measures THD and noise over a 20 Hz to 24 kHz band-
width, while the analog performance is specified over a 20 Hz to
20 kHz bandwidth (i.e., the AD1877 performs slightly better
than the plots indicate). The power supply rejection (TPC 5)
graph illustrates the benefits of the AD1877’s internal differen-
tial architecture. The excellent channel separation shown in
TPC 6 is the result of careful chip design and layout.
Digital Filter Characteristics
The digital decimator accepts the modulator’s stereo bitstream
and simultaneously performs two operations on it. First, the
decimator low-pass filters the quantization noise that the modu-
lator shaped to high frequencies and filters any other out-of
audio-band input signals. Second, it reduces the data rate to an
output word rate equal to FS. The high frequency bitstream is
decimated to stereo 16-bit words at 48 kHz (or other desired
FS). The out-of-band one-bit quantization noise and other high
frequency components of the bitstream are attenuated by at
least 90 dB.
The AD1877 decimator implements a symmetric Finite Impulse
Response (FIR) filter which possesses a linear phase response.
This filter achieves a narrow transition band (0.1
× FS), high
stopband attenuation (> 90 dB), and low passband ripple
(< 0.006 dB). The narrow transition band allows the unattenu-
ated digitization of 20 kHz input signals with FS as low as
44.1 kHz. The stopband attenuation is sufficient to eliminate
modulator quantization noise from affecting the output. Low
passband ripple prevents the digital filter from coloring the
audio signal. See TPC 7 for the digital filter’s characteristics.
The output from the decimator is available as a single serial
output, multiplexed between left and right channels.
Note that the digital filter itself is operating at 64
× FS. As a
consequence, Nyquist images of the passband, transition band,
and stopband will be repeated in the frequency spectrum at
multiples of 64
× FS. Thus the digital filter will attenuate to
greater than 90 dB across the frequency spectrum except for a
window
±0.55 × F
S wide centered at multiples of 64
× F
S. Any
input signals, clock noise, or digital noise in these frequency
windows will not be attenuated to the full 90 dB. If the high
frequency signals or noise appear within the passband images
within these windows, they will not be attenuated at all, and
therefore input antialias filtering should be applied.


Similar Part No. - AD1877JR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1877 AD-AD1877_15 Datasheet
240Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. A
More results

Similar Description - AD1877JR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1870 AD-AD1870_15 Datasheet
282Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. A
AD1877 AD-AD1877_15 Datasheet
240Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. A
AD1870 AD-AD1870 Datasheet
276Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. 0
AD1870 AD-AD1870_02 Datasheet
272Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. A
logo
Linear Technology
LTC1606 LINER-LTC1606 Datasheet
169Kb / 12P
   16-Bit, 250ksps, Single Supply ADC
LTC1606 LINER-LTC1606_15 Datasheet
205Kb / 16P
   16-Bit, 250ksps, Single Supply ADC
LTC1606 LINER-LTC1606_1 Datasheet
200Kb / 16P
   16-Bit, 250ksps, Single Supply ADC
logo
Asahi Kasei Microsystem...
AK5701 AKM-AK5701 Datasheet
470Kb / 62P
   PLL & MIC-AMP 16-Bit Stereo ADC
logo
Maxim Integrated Produc...
MAX1132 MAXIM-MAX1132 Datasheet
388Kb / 19P
   16-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2083; Rev 0; 8/01
MAX1132ACAP MAXIM-MAX1132ACAP Datasheet
252Kb / 19P
   16-Bit ADC, 200ksps, 5V Single-Supply with Reference
Rev 0; 8/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com