Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1881A Datasheet(PDF) 9 Page - Analog Devices

Part # AD1881A
Description  AC??7 SoundMAX Codec
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1881A Datasheet(HTML) 9 Page - Analog Devices

Back Button AD1881A Datasheet HTML 5Page - Analog Devices AD1881A Datasheet HTML 6Page - Analog Devices AD1881A Datasheet HTML 7Page - Analog Devices AD1881A Datasheet HTML 8Page - Analog Devices AD1881A Datasheet HTML 9Page - Analog Devices AD1881A Datasheet HTML 10Page - Analog Devices AD1881A Datasheet HTML 11Page - Analog Devices AD1881A Datasheet HTML 12Page - Analog Devices AD1881A Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
AD1881A
–9–
REV. 0
Power and Ground Signals
Pin Name
LQFP
Type
Description
DVDD1
1
I
Digital VDD 3.3 V
DVSS1
4
I
Digital GND
DVSS2
7
I
Digital GND
DVDD2
9
I
Digital VDD 3.3 V
AVDD1
25
I
Analog VDD 5.0 V
AVSS1
26
I
Analog GND
AVDD2
38
I
Analog VDD 5.0 V
AVSS2
42
I
Analog GND
No Connects
Pin Name
LQFP
Type
Description
NC
40
No Connect
NC
43
No Connect
NC
44
No Connect
0x20
PHAT
0x22
DP
OSCILLATORS
G = GAIN
A = ATTENUATE
M = MUTE
MV = MASTER VOLUME
GM 0x1C
RIM
IM
GM 0x1C
LIM
IM
LS/RS (0)
LS (4)
RS (4)
LS (3)
RS (3)
LS (1)
RS (1)
LS/RS (6)
RS (5)
LS (2)
RS (2)
S 0x1A
S
E
L
E
C
T
O
R
LS/RS (7)
LS (5)
0x20
POP
M 0x14
VM
M 0x16
CM
M 0x12
AM
M 0x10
LM
M 0x0E
MCM
RESET
SYNC
BIT_CLK
SDATA_OUT
SDATA_IN
GM 0X1C
LIM
IM
GA 0x14
LVV
RVV
GA 0x12
LCV
RCV
GA 0x16
LAV
RAV
GA 0x10
LLV
RLA
GA 0x0E
MCV
GAM 0x18
LOV
OM
ROV
OM
GAM 0x18
GM 0X1C
RIM
IM
16-BIT
A/D
16-BIT
A/D
16-BIT
D/A
16-BIT
D/A
LPBK
0x20
PCM DAC RATE 0x2C
SR1
0x7A
PCM ADC RATE 0x32
SR0
0x78
XTL_OUT
XTL_IN
STEREO MIX (L)
MONO MIX
STEREO MIX (R)
AD1881A
M 0x0C
PHM
GA 0x0C
PHV
A 0x0A
PCV
M 0x0A
PCM
0x02
MM
0x20
0x02
MM
MS
0
1
02
LMV
LINE_OUT_L
LINE_OUT_R
PC_BEEP
MIC1
MIC2
AUX
CD
VIDEO
0dB/20dB
M20 0x0E
PHONE_IN
LINE_IN
LNLVL_OUT_L
LNLVL_OUT_R
02
LMV
0x22
DP
MV
NC
NC
MIX
0x20
0x20
PHAT
POP
0x20
POP
0x20
MONO_OUT
Figure 8. Block Diagram Register Map


Similar Part No. - AD1881A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1881A AD-AD1881A_15 Datasheet
261Kb / 26P
   AC 97 SoundMAX Codec
REV. 0
More results

Similar Description - AD1881A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1980 AD-AD1980 Datasheet
1Mb / 32P
   AC ??7 SoundMAX Codec
REV. 0
AD1886A AD-AD1886A Datasheet
281Kb / 28P
   AC??7 SoundMAX Codec
REV. 0
AD1885 AD-AD1885 Datasheet
291Kb / 27P
   AC??7 SoundMAX Codec
REV. 0
AD1887 AD-AD1887 Datasheet
150Kb / 16P
   AC??7 SoundMAX Codec
REV. 0
AD1986 AD-AD1986 Datasheet
1Mb / 52P
   AC ??7 SoundMAX CODEC
REV. 0
AD1981B AD-AD1981B Datasheet
499Kb / 28P
   AC ??7 SoundMAX Codec
REV. B
AD1981A AD-AD1981A Datasheet
183Kb / 24P
   AC ??7 SoundMAX Codec
REV. 0
AD1985 AD-AD1985 Datasheet
357Kb / 48P
   AC ??7 SoundMAX Codec
REV. A
AD1986A AD-AD1986A Datasheet
365Kb / 56P
   AC ??7 and HD Audio SoundMAX Codec
REV. 0
AD1888 AD-AD1888_05 Datasheet
662Kb / 32P
   AC 97 SoundMAX Codec
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com