Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF-PCM-8120-A10-05 Datasheet(PDF) 1 Page - AAEON Technology

Part # TF-PCM-8120-A10-05
Description  Compact Board with VIA C7/ Eden (V4 Bus) Series Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

TF-PCM-8120-A10-05 Datasheet(HTML) 1 Page - AAEON Technology

  TF-PCM-8120-A10-05 Datasheet HTML 1Page - AAEON Technology TF-PCM-8120-A10-05 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Note: All specifications are subject to change without notice.
01-5
01
Features
Specifications
9657666600
Jumper Cap
Product CD
PCM-8120
System
Form Factor
5.25”
Processor
VIA C7™/ Eden™ ULV (V4 Bus) series Processor up to 2.0 GHz with FSB 533 MHz
System Memory
240-pin DDR2 DIMM x 1, Max 1 GB (DDR2 400/533)
Chipset
VIA Eden™ (V4 Bus) + CX700M
I/O Chipset
ITE IT8712 + IT8888G
Ethernet
Realtek RTL 8139DL, 10/100Base-TX , RJ-45 x 2
BIOS
Award 1 MB Flash ROM
Wake On LAN
Yes
Watchdog Timer
Generates a time-out system reset
H/W Status Monitoring
Supports power supply voltages, fan speed, and temperature monitoring
Expansion Interface
Mini PCI x 1, PCI x 1, PC/104 x 1 & PCMCIA x 1
Battery
Lithium battery
Power Requirement
AT/ ATX
Power Consumption
(Typical)
VIA Eden™ 1 GHz, DDR2 533 1 GB
2.69A@+5V
Board Size
8” (L) x 5.75” (W) (203mm x 146mm)
Gross Weight
1.2 lb (0.5 Kg)
Operating Temperature
32°F ~ 140°F (0°C ~ 60°C)
Storage Temperature
-40°F~176°F (-40°C~80°C)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
MTBF (Hours)
50,000
Display
Supports CRT/LVDS or CRT/TTL, CRT/DVI simultaneous/ Dual view displays
Supports MPEG-4 accelerator
Chipset
VIA CX700M integrated
Memory
Shared system memory up to 128 MB
Resolutions
Up to 1600x1200 @ 32bpp for CRT
Up to 1600x1200 @ 24bpp for LCD
LCD Interface
Up to 24-bit dual-channel LVDS TFT LCD, up to 24-bit TTL TFT LCD
DVI
Yes
I/O
Storage
EIDE x 1 (UDMA 100 for one device), SATA 3.0Gb/s x 2,
Type 2 CompactFlash™ x 1, Floppy Disk Drive x 1
Serial Port
RS-232 x 3, RS-232/422/485 x 1
Parallel Port
SPP/ EPP/ ECP mode
USB
USB2.0 x 6
PS/2 Port
Keyboard x 1, Mouse x 1
Digital I/O
Supports 16-bit (Programmable)
IrDA
One IrDA Tx/Rx header
Audio
Mic-in, Line-in, Line-out, CD-in, S/PDIF in/out, 5.1CH
Packing List
Onboard VIA C7™/ Eden™ ULV (V4 Bus) Series Processor
VIA Eden™ (V4 Bus) + CX700M
DIMM DDR2 400/533 Up To 1 GB
10/100Base-TX Ethernet x 2
Up to 24-bit Dual-channel LVDS TTL/ LVDS LCD, DVI and CRT
HD 5.1CH Audio
Type 2 CompactFlash™ x 1, SATA 3.0Gb/s x 2, EIDE x 1, Floppy
Disk Drive x 1
USB2.0 x 6, COM x 4, 16-bit Digital I/O, Parallel x 1
PCI x 1, Mini PCI x 1, PC/104 x 1 & PCMCIA x 1
AT/ATX
Compact Board with VIA C7™/ Eden™ (V4 Bus) Series Processor
PCM-8120
IrDA
Ethernet RJ-45
Power Input
TTL LCD
LVDS LCD
CRT
LCD Inverter
Serial ATA
PCI
DDR2 DIMM
Type III Mini PCI
PC/104
40-pin IDE
Keyboard & Mouse
Parallel
Floppy Disk
Drive
Digital I/O
COM
USB
HD Audio &
S/P DIF
Audio


Similar Part No. - TF-PCM-8120-A10-05

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
TF-PCM-8150-A21 AAEON-TF-PCM-8150-A21 Datasheet
220Kb / 1P
   Intel짰 Socket-478M Pentium짰 M/ Celeron짰 M/ Onboard ULV Intel짰 Celeron짰 M Processors at 600 MHz and 1 GHz
TF-PCM-8150-A21-01 AAEON-TF-PCM-8150-A21-01 Datasheet
220Kb / 1P
   Intel짰 Socket-478M Pentium짰 M/ Celeron짰 M/ Onboard ULV Intel짰 Celeron짰 M Processors at 600 MHz and 1 GHz
TF-PCM-8150-A21-02 AAEON-TF-PCM-8150-A21-02 Datasheet
220Kb / 1P
   Intel짰 Socket-478M Pentium짰 M/ Celeron짰 M/ Onboard ULV Intel짰 Celeron짰 M Processors at 600 MHz and 1 GHz
TF-PCM-8150-A21-03 AAEON-TF-PCM-8150-A21-03 Datasheet
220Kb / 1P
   Intel짰 Socket-478M Pentium짰 M/ Celeron짰 M/ Onboard ULV Intel짰 Celeron짰 M Processors at 600 MHz and 1 GHz
TF-PCM-8150-A21-04 AAEON-TF-PCM-8150-A21-04 Datasheet
220Kb / 1P
   Intel짰 Socket-478M Pentium짰 M/ Celeron짰 M/ Onboard ULV Intel짰 Celeron짰 M Processors at 600 MHz and 1 GHz
More results

Similar Description - TF-PCM-8120-A10-05

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
ETB9F000 AXIOMTEK-ETB9F000_15 Datasheet
223Kb / 1P
   VIA V4 compliant C7/Eden processor onboard
logo
BOSER Technology Co., L...
HS-4610 BOSER-HS-4610 Datasheet
100Kb / 1P
   VIA C7 or V4 Eden processor Embedded Engine Board w/CF
HS-6654 BOSER-HS-6654 Datasheet
88Kb / 1P
   VIA V4 Eden or C7 processor ISA Bus SBC w/CF
logo
AAEON Technology
ETX-CX700M AAEON-ETX-CX700M Datasheet
380Kb / 1P
   Onboard VIA C7?? Eden??(V4) Series Processors
logo
Axiomtek Co., Ltd.
SBC84710 AXIOMTEK-SBC84710_14 Datasheet
452Kb / 1P
   Low power fanless VIA V4 Eden/C7 processor onboard
logo
BOSER Technology Co., L...
HS-6254 BOSER-HS-6254 Datasheet
94Kb / 1P
   VIA V4 Eden or C7 processor PCI-ISA Bus SBC w/CF
logo
AAEON Technology
IMBM-700 AAEON-IMBM-700 Datasheet
319Kb / 2P
   VIA C7?? Eden??Processor, Up To 2.0 GHz
FWS-7150 AAEON-FWS-7150 Datasheet
476Kb / 2P
   1U VIA C7?? Eden??Network Appliance With 5 LAN Ports
FWS-2150 AAEON-FWS-2150 Datasheet
371Kb / 2P
   Desktop VIA C7/ Eden Network Appliance With 5 LAN Ports
logo
Advantech Co., Ltd.
PCM-3372 ADVANTECH-PCM-3372 Datasheet
362Kb / 2P
   VIA Eden??(V4) CX700 PC/104-Plus CPU Module
24-Mar-2009
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com