Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRH4D22HPNP-820MC Datasheet(PDF) 3 Page - Sumida Corporation

Part # CDRH4D22HPNP-820MC
Description  Ferrite drum core construction.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH4D22HPNP-820MC Datasheet(HTML) 3 Page - Sumida Corporation

  CDRH4D22HPNP-820MC Datasheet HTML 1Page - Sumida Corporation CDRH4D22HPNP-820MC Datasheet HTML 2Page - Sumida Corporation CDRH4D22HPNP-820MC Datasheet HTML 3Page - Sumida Corporation CDRH4D22HPNP-820MC Datasheet HTML 4Page - Sumida Corporation CDRH4D22HPNP-820MC Datasheet HTML 5Page - Sumida Corporation CDRH4D22HPNP-820MC Datasheet HTML 6Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Page 3 of 5
Revised: 5-Jun-12
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH4D22/HP
0
3
6
9
12
15
18
0.0 0.3 0.6
0.9 1.2 1.5
0
10
20
30
40
50
60
0
2
4
6
8
10
12
0.0
0.4
0.8
1.2
1.6
0
10
20
30
40
50
60
0
2
4
6
8
10
12
0.0 0.3 0.6 0.9 1.2 1.5 1.8
0
10
20
30
40
50
60
0.0
1.5
3.0
4.5
6.0
7.5
9.0
0.0 0.4 0.8 1.2 1.6 2.0
0
10
20
30
40
50
60
0.0
1.5
3.0
4.5
6.0
7.5
9.0
0.0 0.4 0.8 1.2 1.6 2.0 2.4
0
10
20
30
40
50
60
0
1
2
3
4
5
6
0.0 0.4 0.8 1.2 1.6 2.0 2.4
0
10
20
30
40
50
60
0
1
2
3
4
5
6
0.0
0.5
1.0
1.5
2.0
2.5
0
10
20
30
40
50
60
0.0
0.8
1.6
2.4
3.2
4.0
4.8
0.0 0.5 1.0 1.5 2.0 2.5 3.0
0
10
20
30
40
50
60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0 0.5 1.0 1.5 2.0 2.5 3.0
0
10
20
30
40
50
60
0.0
0.4
0.8
1.2
1.6
2.0
2.4
0.0 0.6 1.2 1.8 2.4 3.0 3.6
0
10
20
30
40
50
60
0.0
0.3
0.6
0.9
1.2
1.5
1.8
0
1
2
3
4
5
0
10
20
30
40
50
60
0.0
0.3
0.6
0.9
1.2
1.5
1.8
0
1
2
3
4
5
0
10
20
30
40
50
60
Saturation Current & Temperature Rise Graph
1. CDRH4D22HPNP-1R2NC
△T (℃)
L (
μH)
DC (A)
DC (A)
2. CDRH4D22HPNP-1R5NC
△T (℃)
L (
μH)
△T (℃)
3. CDRH4D22HPNP-2R2NC
L (
μH)
DC (A)
△T (℃)
4. CDRH4D22HPNP-2R7NC
L (
μH)
DC (A)
△T (℃)
5. CDRH4D22HPNP-3R5NC
L (
μH)
DC (A)
△T (℃)
6. CDRH4D22HPNP-4R7NC
L (
μH)
DC (A)
△T (℃)
7. CDRH4D22HPNP-5R2NC
L (
μH)
DC (A)
△T (℃)
8. CDRH4D22HPNP-6R3NC
L (
μH)
DC (A)
DC (A)
△T (℃)
9. CDRH4D22HPNP-8R2NC
L (
μH)
L (20
℃)
△T
L (105
℃)
△T (℃)
10. CDRH4D22HPNP-100MC
L (
μH)
DC (A)
△T (℃)
11. CDRH4D22HPNP-120MC
L (
μH)
DC (A)
DC (A)
△T (℃)
12. CDRH4D22HPNP-150MC
L (
μH)


Similar Part No. - CDRH4D22HPNP-820MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH4D22HPNP-820MC SUMIDA-CDRH4D22HPNP-820MC Datasheet
176Kb / 5P
   SMD Power Inductor
More results

Similar Description - CDRH4D22HPNP-820MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH3D23 SUMIDA-CDRH3D23_12 Datasheet
173Kb / 5P
   Ferrite drum core construction.
CDRH8D58 SUMIDA-CDRH8D58_12 Datasheet
153Kb / 5P
   Ferrite drum core construction.
CDC90D48 SUMIDA-CDC90D48 Datasheet
159Kb / 2P
   Ferrite drum core construction
CDRH5D28RH125 SUMIDA-CDRH5D28RH125 Datasheet
183Kb / 4P
   Ferrite drum core construction
CDRH7D58RA SUMIDA-CDRH7D58RA Datasheet
142Kb / 3P
   Ferrite drum core construction
CDRH10D38D SUMIDA-CDRH10D38D Datasheet
170Kb / 4P
   Ferrite drum core construction
CDRH10D38DHP SUMIDA-CDRH10D38DHP Datasheet
163Kb / 4P
   Ferrite drum core construction
CDRH10D68RT125 SUMIDA-CDRH10D68RT125 Datasheet
232Kb / 5P
   Ferrite drum core construction
CDRH12D58A SUMIDA-CDRH12D58A Datasheet
182Kb / 5P
   Ferrite drum core construction
CDRCH12D78B SUMIDA-CDRCH12D78B Datasheet
210Kb / 4P
   Ferrite drum core construction.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com