Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF-PFM-535S-A10-01 Datasheet(PDF) 2 Page - AAEON Technology

Part # TF-PFM-535S-A10-01
Description  PC/104 Module With DM&P Vortex86SX/Vortex86DX SoC Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

TF-PFM-535S-A10-01 Datasheet(HTML) 2 Page - AAEON Technology

  TF-PFM-535S-A10-01 Datasheet HTML 1Page - AAEON Technology TF-PFM-535S-A10-01 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
04-14
Dimension
Unit: mm
TF-PFM-P13DW2-A10
PC/104 Board Power Supply Module with +5V & +12V Output PC/104 Rev. A1.0 WiTAS 2
1701400205
COM Cable, Length 20cm
1709100201
USB Cable, Length 20cm
1701260201
Printer Cable, Length 20cm
1700100201
LAN Cable, Length 20cm
1701080150
8-pin Front Panel, Length 15cm
1701010150
10-pin Front Panel, Length 15cm
Optional Accessories
PFM-535S
Part Number
CPU
RAM
Fan/ Fanless
Storage
Display
LVDS
LAN
USB
RS-232
RS-
232/422/485
Parallel
Expansion Slot
Power
Temp.
TF-PFM-535S-A10
Vortex86SX 300 MHz
256MB
Fanless
EIDE x 1,
CompactFlash™ x 1
CRT +
LVDS
24b, 1CH
FE x 2
4
3
1
1
PC/104+
+5V/AT
0°C ~ 60°C
TF-PFM-535S-A10-01
Vortex86SX 300 MHz
256MB
Fanless
EIDE x 1,
CompactFlash™ x 1
CRT +
LVDS
24b, 1CH
FE x 1
4
3
1
PC/104
+5V/AT
0°C ~ 60°C
TF-PFM-535S-A10-02
Vortex86DX 1GHz
256MB
Fanless
EIDE x
1,CompactFlash™ x 1
CRT +
LVDS
24b, 1CH
FE x 2
4
3
1
1
PC/104+
+5V/AT
0°C ~ 60°C
Ordering Information


Similar Part No. - TF-PFM-535S-A10-01

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
TF-PFM-530I-A10 AAEON-TF-PFM-530I-A10 Datasheet
679Kb / 1P
   Onboard STPC짰 Atlas SoC
TF-PFM-530I-A10-02 AAEON-TF-PFM-530I-A10-02 Datasheet
679Kb / 1P
   Onboard STPC짰 Atlas SoC
TF-PFM-530I-A10-02-WT01 AAEON-TF-PFM-530I-A10-02-WT01 Datasheet
679Kb / 1P
   Onboard STPC짰 Atlas SoC
TF-PFM-530I-A10-WT01 AAEON-TF-PFM-530I-A10-WT01 Datasheet
679Kb / 1P
   Onboard STPC짰 Atlas SoC
More results

Similar Description - TF-PFM-535S-A10-01

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-3343 ADVANTECH-PCM-3343 Datasheet
613Kb / 2P
   DM&P Vortex86DX-800MHz PC/104 SBC, LCD,Ethernet, CF, Onboard Memory,
PCM-3343EL-256A1E ADVANTECH-PCM-3343EL-256A1E Datasheet
613Kb / 2P
   DM&P Vortex86DX-800MHz PC/104 SBC, LCD, Ethernet, CF, Onboard Memory
PCA-6743 ADVANTECH-PCA-6743 Datasheet
368Kb / 2P
   DM&P Vortex86DX ISA Half-size SBC with VGA/ TTL/ LAN/ USB/ PC/104/ CFC/ COM
PCM-9343EFG-S6A1E ADVANTECH-PCM-9343EFG-S6A1E Datasheet
700Kb / 2P
   DM&P Vortex86DX 800MHz 3.5" SBC, Ultra Low Power, Onboard Memory, Dual Ethernet, CF, PC/104
PCA-6743F-L0A2E ADVANTECH-PCA-6743F-L0A2E Datasheet
538Kb / 2P
   DM&P Vortex86DX ISA Half-size SBC with VGA/ TTL or LVDS/ LAN/ USB/ PC/104/ CFC/ COM
PCM-9343 ADVANTECH-PCM-9343_15 Datasheet
700Kb / 2P
   DM&P Vortex86DX 800MHz 3.5" SBC, Ultra Low Power, Onboard Memory, Dual Ethernet, CF, PC/104
PCA-6743VE-Q0A2E ADVANTECH-PCA-6743VE-Q0A2E Datasheet
538Kb / 2P
   DM&P Vortex86DX ISA Half-size SBC with VGA/ TTL or LVDS/ LAN/ USB/ PC/104/ CFC/ COM
PCM-9343FGZ-S6A1E ADVANTECH-PCM-9343FGZ-S6A1E Datasheet
700Kb / 2P
   DM&P Vortex86DX 800MHz 3.5" SBC, Ultra Low Power, Onboard Memory, Dual Ethernet, CF, PC/104
PCM-9343 ADVANTECH-PCM-9343 Datasheet
1Mb / 2P
   DM&P Vortex86DX 1.0 GHz 3.5" SBC, Ultra Low Power, Onboard Memory, Dual Ethernet, PC/104
logo
AAEON Technology
PFM-CVS AAEON-PFM-CVS Datasheet
252Kb / 2P
   PC/104 Module with Intel Atom N2600 Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com