Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRH4D22HPNP-6R3NC Datasheet(PDF) 4 Page - Sumida Corporation

Part # CDRH4D22HPNP-6R3NC
Description  Ferrite drum core construction.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH4D22HPNP-6R3NC Datasheet(HTML) 4 Page - Sumida Corporation

  CDRH4D22HPNP-6R3NC Datasheet HTML 1Page - Sumida Corporation CDRH4D22HPNP-6R3NC Datasheet HTML 2Page - Sumida Corporation CDRH4D22HPNP-6R3NC Datasheet HTML 3Page - Sumida Corporation CDRH4D22HPNP-6R3NC Datasheet HTML 4Page - Sumida Corporation CDRH4D22HPNP-6R3NC Datasheet HTML 5Page - Sumida Corporation CDRH4D22HPNP-6R3NC Datasheet HTML 6Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Page 4 of 5
Revised: 5-Jun-12
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH4D22/HP
0
20
40
60
80
100
120
0.0 0.1 0.2 0.3 0.4 0.5 0.6
0
10
20
30
40
50
60
0
20
40
60
80
100
120
0.0 0.1 0.2 0.3 0.4 0.5 0.6
0
10
20
30
40
50
60
0
15
30
45
60
75
90
0.0
0.2
0.4
0.6
0.8
0
10
20
30
40
50
60
0
15
30
45
60
75
90
0.0
0.2
0.4
0.6
0.8
0
10
20
30
40
50
60
0
10
20
30
40
50
60
0.0
0.2
0.4
0.6
0.8
0
10
20
30
40
50
60
0
8
16
24
32
40
48
0.0 0.2 0.4
0.6 0.8 1.0
0
10
20
30
40
50
60
0
6
12
18
24
30
36
0.0 0.2 0.4
0.6 0.8 1.0
0
10
20
30
40
50
60
0
6
12
18
24
30
36
0.0 0.2 0.4 0.6 0.8 1.0 1.2
0
10
20
30
40
50
60
0
4
8
12
16
20
24
0.0 0.2 0.4 0.6 0.8 1.0 1.2
0
10
20
30
40
50
60
0
4
8
12
16
20
24
0.0 0.3 0.6
0.9 1.2 1.5
0
10
20
30
40
50
60
Saturation Current & Temperature Rise Graph
13. CDRH4D22HPNP-180MC
△T (℃)
L (
μH)
DC (A)
DC (A)
14. CDRH4D22HPNP-220MC
△T (℃)
L (
μH)
△T (℃)
15. CDRH4D22HPNP-270MC
L (
μH)
DC (A)
△T (℃)
16. CDRH4D22HPNP-330MC
L (
μH)
DC (A)
△T (℃)
17. CDRH4D22HPNP-390MC
L (
μH)
DC (A)
△T (℃)
18. CDRH4D22HPNP-470MC
L (
μH)
DC (A)
△T (℃)
19. CDRH4D22HPNP-560MC
L (
μH)
DC (A)
△T (℃)
20. CDRH4D22HPNP-680MC
L (
μH)
DC (A)
DC (A)
△T (℃)
21. CDRH4D22HPNP-820MC
L (
μH)
L (20
℃)
△T
L (105
℃)
△T (℃)
22. CDRH4D22HPNP-101MC
L (
μH)
DC (A)


Similar Part No. - CDRH4D22HPNP-6R3NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH4D22HPNP-6R3NC SUMIDA-CDRH4D22HPNP-6R3NC Datasheet
176Kb / 5P
   SMD Power Inductor
More results

Similar Description - CDRH4D22HPNP-6R3NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH3D23 SUMIDA-CDRH3D23_12 Datasheet
173Kb / 5P
   Ferrite drum core construction.
CDRH8D58 SUMIDA-CDRH8D58_12 Datasheet
153Kb / 5P
   Ferrite drum core construction.
CDC90D48 SUMIDA-CDC90D48 Datasheet
159Kb / 2P
   Ferrite drum core construction
CDRH5D28RH125 SUMIDA-CDRH5D28RH125 Datasheet
183Kb / 4P
   Ferrite drum core construction
CDRH7D58RA SUMIDA-CDRH7D58RA Datasheet
142Kb / 3P
   Ferrite drum core construction
CDRH10D38D SUMIDA-CDRH10D38D Datasheet
170Kb / 4P
   Ferrite drum core construction
CDRH10D38DHP SUMIDA-CDRH10D38DHP Datasheet
163Kb / 4P
   Ferrite drum core construction
CDRH10D68RT125 SUMIDA-CDRH10D68RT125 Datasheet
232Kb / 5P
   Ferrite drum core construction
CDRH12D58A SUMIDA-CDRH12D58A Datasheet
182Kb / 5P
   Ferrite drum core construction
CDRCH12D78B SUMIDA-CDRCH12D78B Datasheet
210Kb / 4P
   Ferrite drum core construction.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com