Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF-TKS-G20-9310-002-DT Datasheet(PDF) 2 Page - AAEON Technology

Part # TF-TKS-G20-9310-002-DT
Description  Fanless Embedded Box For GENE-9310
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

TF-TKS-G20-9310-002-DT Datasheet(HTML) 2 Page - AAEON Technology

  TF-TKS-G20-9310-002-DT Datasheet HTML 1Page - AAEON Technology TF-TKS-G20-9310-002-DT Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
12-8
Dimension
Unit: mm
Optional Accessories
9761G50000
Wallmount Kit
9741850R00
802.11b/g Wireless LAN Kit
9741G50006
DVI Kit
1701150201
Digital I/O Cable
1757908401
84 Watts Power Adapter
Part Number
CPU
RAM
Cooler
Storage
Display
LAN
USB RS-232
RS-
232/422/485
KB/
MS
Audio
DIO
Expansion
Slot
Mounting
Power
Temp.
TF-TKS-G20-9310-002-DT
Intel® Celeron® M
1.86GHz
SODIMM
Fanless
SATA x 1,
CompactFlash™
x 1
CRT
GbE x 1 4
1
1
Yes
Line-out,
Mic-in
8-Bit
(Programmable)
Mini PCI x 1
Wallmount
+9~30V, DC/
AT
0°C ~ 40°C
TF-TKS-G20-9310-002-DX
Intel® Celeron® M
1.86GHz
SODIMM
Fanless
SATA x 1,
CompactFlash™
x 1
CRT
GbE x 1 4
1
1
Yes
Line-out,
Mic-in
8-Bit
(Programmable)
Mini PCI x 1
Wallmount
+9~30V, DC/
ATX
0°C ~ 40°C
TF-TKS-G20-9310-002-AT
Intel® Celeron® M
1.86GHz
SODIMM
Fanless
SATA x 1,
CompactFlash™
x 1
CRT
GbE x 1 4
1
1
Yes
Line-out,
Mic-in
8-Bit
(Programmable)
Mini PCI x 1
Wallmount
+100~240V,
AC/AT
0°C ~ 40°C
Ordering Information
TKS-G20-9310


Similar Part No. - TF-TKS-G20-9310-002-DT

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
TF-TKS-G20-9455-001-AT AAEON-TF-TKS-G20-9455-001-AT Datasheet
330Kb / 2P
   Fanless Embedded Box for GENE-9455
TF-TKS-G20-9455-001-DT AAEON-TF-TKS-G20-9455-001-DT Datasheet
330Kb / 2P
   Fanless Embedded Box for GENE-9455
TF-TKS-G20-9455-001-DX AAEON-TF-TKS-G20-9455-001-DX Datasheet
330Kb / 2P
   Fanless Embedded Box for GENE-9455
More results

Similar Description - TF-TKS-G20-9310-002-DT

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
TKS-G50-9310 AAEON-TKS-G50-9310 Datasheet
269Kb / 2P
   Embedded Box for GENE-9310
TKS-G20-LN05 AAEON-TKS-G20-LN05 Datasheet
292Kb / 2P
   Fanless Embedded Box for GENE-LN05
TKS-G21-CV05 AAEON-TKS-G21-CV05 Datasheet
350Kb / 2P
   Fanless Embedded Box for GENE-CV05
TKS-G20-9455 AAEON-TKS-G20-9455 Datasheet
330Kb / 2P
   Fanless Embedded Box for GENE-9455
TKS-G30-5315B AAEON-TKS-G30-5315B Datasheet
391Kb / 2P
   Fanless Embedded Box for GENE-5315 Rev.B
TKS-E21-HD07 AAEON-TKS-E21-HD07 Datasheet
341Kb / 2P
   Fanless Embedded Box for EPIC-HD07
TKS-P20-CV01 AAEON-TKS-P20-CV01 Datasheet
213Kb / 2P
   Din Rail Fanless Embedded Box For PICO-CV01
logo
Advantech Co., Ltd.
EPC-S101 ADVANTECH-EPC-S101 Datasheet
803Kb / 2P
   Embedded 3.5 SBC system for PCM-9310
ARK-1360 ADVANTECH-ARK-1360_11 Datasheet
2Mb / 2P
   Fanless, ultra compact embedded box IPC
logo
AAEON Technology
TKS-G30 AAEON-TKS-G30 Datasheet
313Kb / 2P
   Fanless Chassis Kit for GENE-5315/ 5312
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com