Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1958YRSRL Datasheet(PDF) 3 Page - Analog Devices

Part # AD1958YRSRL
Description  PLL/Multibit DAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1958YRSRL Datasheet(HTML) 3 Page - Analog Devices

  AD1958YRSRL Datasheet HTML 1Page - Analog Devices AD1958YRSRL Datasheet HTML 2Page - Analog Devices AD1958YRSRL Datasheet HTML 3Page - Analog Devices AD1958YRSRL Datasheet HTML 4Page - Analog Devices AD1958YRSRL Datasheet HTML 5Page - Analog Devices AD1958YRSRL Datasheet HTML 6Page - Analog Devices AD1958YRSRL Datasheet HTML 7Page - Analog Devices AD1958YRSRL Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
REV. 0
–3–
AD1958
TEMPERATURE RANGE
Min
Typ
Max
Unit
Specifications Guaranteed
25
°C
Functionality Guaranteed
–40
+105
*
°C
Storage
–55
+125
°C
NOTE
*105
°C ambient guaranteed for a 4-layer board, two 1 oz. planes, two 2 oz. signal layers. Derate to 85°C for 2-layer board, 2 oz. layers.
Specifications subject to change without notice.
POWER
Min
Typ
Max
Unit
Supplies
Voltage, Analog Digital PLL
4.50
5
5.50
V
Analog Current
36
41
mA
Digital Current
25
29
mA
PLL Current
30
34
mA
Dissipation
Operation—All Supplies
455
540
mW
Operation—Analog Supply
180
mW
Operation—Digital Supply
125
mW
Operation—PLL Supply
150
mW
Power Supply Rejection Ratio
1 kHz 300 mV p-p Signal at Analog Supply Pins
–60
dB
20 kHz 300 mV p-p Signal at Analog Supply Pins
–50
dB
Specifications subject to change without notice.
DIGITAL FILTER CHARACTERISTICS
Sample Rate (kHz)
Pass Band (kHz)
Stop Band (kHz)
Stop Band Attenuation (dB)
Pass Band Ripple (dB)
44.1
DC–20
24.1–328.7
75
±0.0002
48
DC–21.8
26.23–358.28
75
±0.0002
96
DC–39.95
56.9–327.65
75
±0.0005
192
DC–87.2
117–327.65
60
0/–0.04 (DC–21.8 kHz)
0/–0.5 (DC–65.4 kHz)
0/–1.5 (DC–87.2 kHz)
Specifications subject to change without notice.
GROUP DELAY
Chip Mode
Group Delay Calculation
fS
Group Delay
Unit
INT8
× Mode
24.625/fS
48 kHz
513
µs
INT4
× Mode
15.75/fS
96 kHz
164
µs
INT2
× Mode
14/fS
192 kHz
72.91
µs
Specifications subject to change without notice.
DIGITAL TIMING (Guaranteed over –40
°C to +105 C, AVDD = DVDD = PVDD = 5.0 V
10%)
Min
Unit
tDMP
MCLK Period (FMCLK = 256
× FLRCLK)
54
ns
tDML
MCLK LO Pulsewidth (All Modes)
15
ns
tDMH
MCLK HI Pulsewidth (All Modes)
10
ns
tDBH
BCLK HI Pulsewidth
20
ns
tDBL
BCLK LO Pulsewidth
20
ns
tDBP
BCLK Period
60
ns
tDLS
LRCLK Setup
20
ns
tDLH
LRCLK Hold (DSP Serial Port Mode Only)
20
ns
tDDS
SDATA Setup
15
ns
tDDH
SDATA Hold
15
ns
tRSTL
RST LO Pulsewidth
15
ns
Specifications subject to change without notice.


Similar Part No. - AD1958YRSRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1958 AD-AD1958_15 Datasheet
634Kb / 8P
   PLL/Multibit DAC
REV. 0
More results

Similar Description - AD1958YRSRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1959 AD-AD1959 Datasheet
107Kb / 8P
   PLL/Multibit DAC
REV. 0
AD1958 AD-AD1958_15 Datasheet
634Kb / 8P
   PLL/Multibit DAC
REV. 0
AD1959 AD-AD1959_15 Datasheet
104Kb / 8P
   PLL/Multibit DAC
REV. 0
AD1855 AD-AD1855 Datasheet
233Kb / 15P
   Stereo, 96 kHz, Multibit DAC
REV. B
AD1854 AD-AD1854_15 Datasheet
396Kb / 12P
   Stereo, 96 kHz, Multibit DAC
REV. A
AD1854 AD-AD1854 Datasheet
390Kb / 12P
   Stereo, 96 kHz, Multibit DAC
REV. A
AD1855 AD-AD1855_15 Datasheet
234Kb / 15P
   Stereo, 96 kHz, Multibit DAC
REV. B
AD1853JRSZ AD-AD1853JRSZ Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
AD1853 AD-AD1853 Datasheet
416Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
AD1853 AD-AD1853_15 Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com