Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF-XTX-CV-A10-01 Datasheet(PDF) 2 Page - AAEON Technology

Part # TF-XTX-CV-A10-01
Description  XTX CPU Module with Onboard Intel Atom D2550/N2600 Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

TF-XTX-CV-A10-01 Datasheet(HTML) 2 Page - AAEON Technology

  TF-XTX-CV-A10-01 Datasheet HTML 1Page - AAEON Technology TF-XTX-CV-A10-01 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
06-2
Dimension
Unit: mm
XTX-CV
TF-ECB-910M-BA10
XTX Carrier Board, LAN, Audio, 4 COM, USB, PCI-E, 2 SATA, TPM, AT/ATX, Rev.A1.0
TF-PER-A119
Heat Spreader, For XTX/ETX-CV
TF-PER-A120
Passive Heat-sink, For XTX/ETX CPU Module
TF-PER-A121
CPU Cooler, 35W, For XTX/ETX CPU Module
Optional Accessories
Ordering Information
Part Number
CPU
Memory
Display
LVDS
Storage
LAN
USB2.0
KB/MS
URAT
LPT
Expansion
Slot
Power
Temp
TF-XTX-CV-A10
Intel® Atom™
D2550/1.86GHz
DDR3 SODIMM x 1
Max.4GB
CRT, LVDS
24-bit dual channel
SATA2 x 3
PATA x 1
FE x 1
6
1
2
1
PCI-E[1] x 4
32-bit PCI x 4
5V
0°C~60°C
TF-XTX-CV-A10-01
Intel® Atom™
N2600/1.6GHz
DDR3 SODIMM x 1
Max.2GB
CRT, LVDS
18-bit dual channel
SATA2 x 3
PATA x 1
FE x 1
6
1
2
1
PCI-E[1] x 4
32-bit PCI x 4
5V
0°C~60°C
Component Side
Solder Side


Similar Part No. - TF-XTX-CV-A10-01

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
TF-XTX-915-A10 AAEON-TF-XTX-915-A10 Datasheet
206Kb / 1P
   Intel Pentium M/ Celeron짰 M Processors
TF-XTX-915-A10-01 AAEON-TF-XTX-915-A10-01 Datasheet
206Kb / 1P
   Intel Pentium M/ Celeron짰 M Processors
TF-XTX-945GSE-A11 AAEON-TF-XTX-945GSE-A11 Datasheet
262Kb / 2P
   XTX CPU Module With Onboard Intel Atom N270 Processor
TF-XTX-945GSE-A11-01 AAEON-TF-XTX-945GSE-A11-01 Datasheet
262Kb / 2P
   XTX CPU Module With Onboard Intel Atom N270 Processor
TF-XTX-U15B-A10 AAEON-TF-XTX-U15B-A10 Datasheet
317Kb / 2P
   XTX CPU Module With Onboard Intel짰 Atom??Z530P/Z510P Processor
More results

Similar Description - TF-XTX-CV-A10-01

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
XTX-945GSE AAEON-XTX-945GSE Datasheet
262Kb / 2P
   XTX CPU Module With Onboard Intel Atom N270 Processor
EPIC-CV07 AAEON-EPIC-CV07 Datasheet
282Kb / 2P
   EPIC Board With Onboard Intel Atom D2550/N2600 Processor
NANOCOM-CV AAEON-NANOCOM-CV Datasheet
259Kb / 2P
   COM Express Type 10 CPU Module with Onboard Intel Atom N2600 Processor
XTX-U15B AAEON-XTX-U15B Datasheet
317Kb / 2P
   XTX CPU Module With Onboard Intel짰 Atom??Z530P/Z510P Processor
ETX-945GSE AAEON-ETX-945GSE Datasheet
294Kb / 2P
   ETX CPU Module with Onboard Intel Atom N270 Processor
NVR-CV AAEON-NVR-CV Datasheet
264Kb / 2P
   Standalone NVR System with Onboard Intel Atom D2550 Processor
logo
List of Unclassifed Man...
EMQ-I2506 ETC2-EMQ-I2506 Datasheet
458Kb / 3P
   Intel Atom N2600 Qseven??CPU Module
logo
AAEON Technology
GENE-CV05 AAEON-GENE-CV05 Datasheet
347Kb / 2P
   3.5 SubCompact Board With Intel Atom D2550/N2800/N2600 Processor
HSB-CV1P AAEON-HSB-CV1P Datasheet
305Kb / 2P
   PCI Half-Size SBC With Intel Atom D2550/N2600 Processor
logo
List of Unclassifed Man...
EMETXE-I2503 ETC2-EMETXE-I2503 Datasheet
398Kb / 2P
   Intel Atom N2600/ D2550 COM Express Compact Type 2 CPU Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com