Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD215BY Datasheet(PDF) 5 Page - Analog Devices

Part # AD215BY
Description  120 kHz Bandwidth, Low Distortion, Isolation Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD215BY Datasheet(HTML) 5 Page - Analog Devices

  AD215BY Datasheet HTML 1Page - Analog Devices AD215BY Datasheet HTML 2Page - Analog Devices AD215BY Datasheet HTML 3Page - Analog Devices AD215BY Datasheet HTML 4Page - Analog Devices AD215BY Datasheet HTML 5Page - Analog Devices AD215BY Datasheet HTML 6Page - Analog Devices AD215BY Datasheet HTML 7Page - Analog Devices AD215BY Datasheet HTML 8Page - Analog Devices AD215BY Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Performance Characteristics–AD215
REV. 0
–5–
TEMPERATURE –
°C
0.10
–0.25
–40
100
–20
0
20406080
0.05
–0.05
–0.10
–0.15
–0.20
0
Figure 2. Gain Error vs. Temperature
10
0%
100
90
1mV
+1
0
–1
+0.004
–0.004
–10 –8
–6
–4
–2
0
2
4
6
8
10
OUTPUT VOLTAGE – Volts
Figure 3. Gain Nonlinearity vs. Output Voltage (G = 1 V/V)
FREQUENCY – Hz
150
140
60
10
100k
100
1k
10k
130
120
110
100
90
80
70
RS ≤ 100Ω
RS ≤ 1kΩ
Figure 4. Typical Common-Mode Rejection vs. Frequency
INPUT SIGNAL FREQUENCY – kHz
1
0
–12
0.1
1000
1.0
10
100
–1
–2
–3
–4
–5
–6
–7
–8
–9
–10
–11
G = 100
G = 10
G = 1
Figure 5. Normalized Gain as a Function of Signal
Frequency
3
2
1
0
0
45
90
130
10
20
30
40
50
60
70
80
90 100 110 120
FREQUENCY – kHz
G = 100
G =10
G = 1
G = 100
G =10
G = 1
Figure 6. Phase Shift and Transport Delay vs. Frequency


Similar Part No. - AD215BY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AD215BY ETC2-AD215BY Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - AD215BY

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD215 AD-AD215_15 Datasheet
237Kb / 12P
   120 kHz Bandwidth, Low Distortion, Isolation Amplifier
REV. 0
AD215 AD-AD215_16 Datasheet
266Kb / 13P
   120 kHz Bandwidth, Low Distortion, Isolation Amplifier
logo
Allegro MicroSystems
ACS716 ALLEGRO-ACS716_16 Datasheet
913Kb / 22P
   120 kHz Bandwidth, High-Voltage Isolation
ACS710 ALLEGRO-ACS710_16 Datasheet
946Kb / 23P
   120 kHz Bandwidth, High-Voltage Isolation
logo
Analog Devices
AD203SN AD-AD203SN Datasheet
776Kb / 12P
   Rugged, Military Temperature Range, 10 kHz Bandwidth Isolation Amplifier
REV. A
AD203SN AD-AD203SN_16 Datasheet
1Mb / 14P
   Rugged, Military Temperature Range, 1 0 kHz Bandwidth Isolation Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ACS710KLATR-12CB-T AVAGO-ACS710KLATR-12CB-T Datasheet
461Kb / 22P
   120 kHz Bandwidth, High Voltage Isolation Current Sensor with Integrated Overcurrent Detection
logo
Allegro MicroSystems
ACS710 ALLEGRO-ACS710 Datasheet
459Kb / 22P
   120 kHz Bandwidth, High Voltage Isolation Current Sensor with Integrated Overcurrent Detection
ACS716 ALLEGRO-ACS716 Datasheet
486Kb / 22P
   120 kHz Bandwidth, High Voltage Isolation Current Sensor with Integrated Overcurrent Detection
logo
SEC Electronics Inc.
SC212KSIT SECELECTRONICS-SC212KSIT Datasheet
1Mb / 13P
   120 kHz Bandwidth, High Voltage Isolation Current Sensor with Integrated Overcurrent Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com