Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZX62-B-5PA Datasheet(PDF) 10 Page - Hirose Electric

Part # ZX62-B-5PA
Description  Micro-USB connectors meeting requirements of USB 2.0 Standard
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

ZX62-B-5PA Datasheet(HTML) 10 Page - Hirose Electric

Back Button ZX62-B-5PA Datasheet HTML 6Page - Hirose Electric ZX62-B-5PA Datasheet HTML 7Page - Hirose Electric ZX62-B-5PA Datasheet HTML 8Page - Hirose Electric ZX62-B-5PA Datasheet HTML 9Page - Hirose Electric ZX62-B-5PA Datasheet HTML 10Page - Hirose Electric ZX62-B-5PA Datasheet HTML 11Page - Hirose Electric ZX62-B-5PA Datasheet HTML 12Page - Hirose Electric ZX62-B-5PA Datasheet HTML 13Page - Hirose Electric ZX62-B-5PA Datasheet HTML 14Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
ZX SeriesqMicro-USB connectors meeting requirements of USB 2.0 Standard
sPlugs
qMicro A, Micro B - Component, Cover-bottom - Direct wire soldering
Part Number
CL No.
Packaging
Cable dia.
ZX40-SLDB
242-0004-0
4,000 pieces per reel
Ø3.8
ZX40-SLDB(3.3)
242-0023-4
Ø3.3
8
8
ZX40-SLDB
ZX40-SLDB(3.3)
All dimensions: mm
6.85
8.6
qAssembled
All dimensions: mm
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


Similar Part No. - ZX62-B-5PA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
ZX62-B-5PA HIROSE-ZX62-B-5PA Datasheet
1Mb / 20P
   Micro-USB connectors meeting requirements of USB 2.0 Standard
ZX62-B-5PA HIROSE-ZX62-B-5PA Datasheet
931Kb / 20P
   Micro-USB connectors meeting USB 2.0 Standard
logo
Texas Instruments
ZX62-B-5PA TI-ZX62-B-5PA Datasheet
534Kb / 27P
[Old version datasheet]   Tiva™ C Series TM4C123G LaunchPad Evaluation Board
April 2013
More results

Similar Description - ZX62-B-5PA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
ZX20-B-5S HIROSE-ZX20-B-5S Datasheet
1Mb / 20P
   Micro-USB connectors meeting requirements of USB 2.0 Standard
ZX HIROSE-ZX_18 Datasheet
931Kb / 20P
   Micro-USB connectors meeting USB 2.0 Standard
UX60S HIROSE-UX60S Datasheet
251Kb / 7P
   Mini-B Connectors, SMT mount receptacles meeting requirements of USB 2.0 Standard
UX60-MB-5ST HIROSE-UX60-MB-5ST Datasheet
218Kb / 8P
   Meet requirements of USB 2.0
logo
Amphenol Communications...
IO_USB_MICRO AMPHENOLCS-IO_USB_MICRO Datasheet
310Kb / 3P
   Micro USB 2.0 Connectors
logo
Hirose Electric
UX HIROSE-UX_18 Datasheet
308Kb / 6P
   USB 2.0 Standard Connectors
logo
Japan Aviation Electron...
DX4 JAE-DX4 Datasheet
562Kb / 10P
   USB 2.0 Compatible Micro Connectors
logo
Rosenberger Hochfrequen...
L99-988-800 ROSENBERGER-L99-988-800 Datasheet
782Kb / 2P
   USB 2.0 A MALE TO USB 2.0 MICRO-B
logo
Samtec, Inc
USBR-A-S-F-O-TH SAMTEC-USBR-A-S-F-O-TH Datasheet
731Kb / 1P
   STANDARD & RUGGED USB 2.0
USB-B SAMTEC-USB-B Datasheet
142Kb / 1P
   STANDARD & RUGGED USB 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com