Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD204JY Datasheet(PDF) 4 Page - Analog Devices

Part # AD204JY
Description  Low Cost, Miniature Isolation Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD204JY Datasheet(HTML) 4 Page - Analog Devices

  AD204JY Datasheet HTML 1Page - Analog Devices AD204JY Datasheet HTML 2Page - Analog Devices AD204JY Datasheet HTML 3Page - Analog Devices AD204JY Datasheet HTML 4Page - Analog Devices AD204JY Datasheet HTML 5Page - Analog Devices AD204JY Datasheet HTML 6Page - Analog Devices AD204JY Datasheet HTML 7Page - Analog Devices AD204JY Datasheet HTML 8Page - Analog Devices AD204JY Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. B
–4–
AD202/AD204
DIFFERENCES BETWEEN THE AD202 AND AD204
The primary distinction between the AD202 and AD204 is in
the method by which they are powered: the AD202 operates
directly from +15 V dc while the AD204 is powered by a non-
isolated externally-supplied clock (AD246) which can drive up
to 32 AD204s. The main advantages of using the externally-
clocked AD204 over the AD202 are reduced cost in multichannel
applications, lower power consumption, and higher bandwidth.
In addition, the AD204 can supply substantially more isolated
power than the AD202.
Of course, in a great many situations, especially where only one
or a few isolators are used, the convenience of stand-alone op-
eration provided by the AD202 will be more significant than any
of the AD204’s advantages. There may also be cases where it is
desirable to accommodate either device interchangeably, so the
pinouts of the two products have been designed to make that
easy to do.
MOD
RECT &
FILTER
3
2
VSIG
1
4
SIGNAL
DEMOD
±5V
F.S.
25kHz
25kHz
POWER
OSCILLATOR
FB
IN–
IN+
IN COM
38
37
31
32 POWER
RETURN
+15V DC
VOUT
HI
LO
AD202
+7.5V
–7.5V
–VISO OUT
+VISO OUT
±5V
FS
6
5
Figure 1a. AD202 Functional Block Diagram
MOD
RECT &
FILTER
3
2
VSIG
1
4
SIGNAL
±5V
F.S.
25kHz
25kHz
POWER
FB
IN–
IN+
IN COM
33
32 POWER
RETURN
(15V
p-p/25kHz)
VOUT
HI
LO
AD204
+7.5V
–7.5V
–VISO OUT
+VISO OUT
±5V
FS
6
5
CLOCK
POWER
CONV.
DEMOD
38
37
Figure 1b. AD204 Functional Block Diagram
(Pin Designations Apply to the DIP-Style Package)
INSIDE THE AD202 AND AD204
The AD202 and AD204 use an amplitude modulation technique
to permit transformer coupling of signals down to dc (Figure 1a
and 1b). Both models also contain an uncommitted input op
amp and a power transformer which provides isolated power to
the op amp, the modulator, and any external load. The power
transformer primary is driven by a 25 kHz, 15 V p-p square
wave which is generated internally in the case of the AD202, or
supplied externally for the AD204.
Within the signal swing limits of approximately
±5 V, the output
voltage of the isolator is equal to the output voltage of the op
amp; that is, the isolation barrier has unity gain. The output sig-
nal is not internally buffered, so the user is free to interchange
the output leads to get signal inversion. Additionally, in multi-
channel applications, the unbuffered outputs can be multiplexed
with one buffer following the mux. This technique minimizes
offset errors while reducing power consumption and cost. The
(Circuit figures shown on this page are for SIP style pack-
ages. Refer to page 3 for proper DIP package pinout.)
output resistance of the isolator is typically 3 k
Ω for the AD204
(7 k
Ω for AD202) and varies with signal level and temperature,
so it should not be loaded (see Figure 2 for the effects of load
upon nonlinearity and gain drift). In many cases a high-imped-
ance load will be present or a following circuit such as an output
filter can serve as a buffer, so that a separate buffer function will
not often be needed.
Figure 2. Effects of Output Loading
USING THE AD202 AND AD204
Powering the AD202.
The AD202 requires only a single +15 V
power supply connected as shown in Figure 3a. A bypass ca-
pacitor is provided in the module.
Figure 3a.
Powering the AD204.
The AD204 gets its power from an ex-
ternally supplied clock signal (a 15 V p-p square wave with a
nominal frequency of 25 kHz) as shown in Figure 3b.
Figure 3b.
AD246 Clock Driver.
The AD246 is a compact, inexpensive
clock driver that can be used to obtain the required clock from a
single 15 V supply. Alternatively, the circuit shown in Figure 4
(essentially an AD246) can be used. In either case, one clock
circuit can operate at least 32 AD204s at the rated minimum
supply voltage of 14.25 V and one additional isolator can be
operated for each 40 mV increase in supply voltage up to 15 V.
A supply bypass capacitor is included in the AD246, but if many


Similar Part No. - AD204JY

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD204JY AD-AD204JY Datasheet
430Kb / 12P
   Low Cost, Miniature Isolation Amplifiers
REV. D
More results

Similar Description - AD204JY

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD202 AD-AD202_15 Datasheet
934Kb / 12P
   Low Cost, Miniature Isolation Amplifiers
REV. D
AD202 AD-AD202_02 Datasheet
430Kb / 12P
   Low Cost, Miniature Isolation Amplifiers
REV. D
AD204 AD-AD204_15 Datasheet
934Kb / 12P
   Low Cost, Miniature Isolation Amplifiers
REV. D
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C78A-500E AVAGO-ACPL-C78A-500E Datasheet
278Kb / 17P
   Miniature Isolation Amplifiers
ACPL-C790-000E AVAGO-ACPL-C790-000E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C790-500E AVAGO-ACPL-C790-500E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C79A-000E AVAGO-ACPL-C79A-000E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C79B AVAGO-ACPL-C79B Datasheet
309Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C79B-000E AVAGO-ACPL-C79B-000E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
logo
MicroPower Direct, LLC
A200EHI MPD-A200EHI Datasheet
190Kb / 2P
   Low Cost, Miniature DIP 2W, Very High Isolation DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com