Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

bq24192I Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # bq24192I
Description  I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

bq24192I Datasheet(HTML) 3 Page - Texas Instruments

  bq24192I Datasheet HTML 1Page - Texas Instruments bq24192I Datasheet HTML 2Page - Texas Instruments bq24192I Datasheet HTML 3Page - Texas Instruments bq24192I Datasheet HTML 4Page - Texas Instruments bq24192I Datasheet HTML 5Page - Texas Instruments bq24192I Datasheet HTML 6Page - Texas Instruments bq24192I Datasheet HTML 7Page - Texas Instruments bq24192I Datasheet HTML 8Page - Texas Instruments bq24192I Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
bq24190, bq24192
bq24192I, bq24193
www.ti.com
SLUSAW5A – JANUARY 2012 – REVISED OCTOBER 2012
ORDERING INFORMATION
PART NUMBER
PART MARKING
PACKAGE
ORDERING NUMBER
QUANTITY
bq24190RGER
3000
bq24190
bq24190
24-pin 4mmx4mm VQFN
bq24190RGET
250
bq24192RGER
3000
bq24192
bq24192
24-pin 4mmx4mm VQFN
bq24192RGET
250
bq24192IRGER
3000
bq24192I
bq24192I
24-pin 4mmx4mm VQFN
bq24192IRGET
250
bq24193RGER
3000
bq24193
bq24193
24-pin 4mmx4mm VQFN
bq24193RGET
250
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: bq24190 bq24192 bq24192I bq24193


Similar Part No. - bq24192I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24192I TI1-BQ24192I Datasheet
2Mb / 52P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24192IRGER TI-BQ24192IRGER Datasheet
2Mb / 46P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger
BQ24192IRGER TI1-BQ24192IRGER Datasheet
2Mb / 52P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24192IRGET TI-BQ24192IRGET Datasheet
2Mb / 46P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger
BQ24192IRGET TI1-BQ24192IRGET Datasheet
2Mb / 52P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
More results

Similar Description - bq24192I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24292I TI-BQ24292I Datasheet
2Mb / 42P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24190 TI1-BQ24190 Datasheet
267Kb / 8P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adaptor Charger With Narrow VDC Power Path Management and USB OTG
BQ24196 TI1-BQ24196 Datasheet
2Mb / 41P
[Old version datasheet]   I2C Controlled 2.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
logo
Monolithic Power System...
MP2624 MPS-MP2624 Datasheet
1Mb / 45P
   I2C Controlled 4.5A Single Cell USB / Adaptor Charger with Narrow VDC Power Path Management USB OTG and Shipping Mode
logo
Texas Instruments
BQ24190 TI1-BQ24190_17 Datasheet
2Mb / 52P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24193 TI1-BQ24193_17 Datasheet
2Mb / 49P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24196 TI1-BQ24196_17 Datasheet
2Mb / 50P
[Old version datasheet]   I2C Controlled 2.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
logo
Monolithic Power System...
MP2624A MPS-MP2624A Datasheet
1Mb / 45P
   4.5A, I2C-Controlled, Single-Cell USB/Adaptor Charger with Narrow VDC Power-Path Management USB OTG and SYS Reset Function
logo
Texas Instruments
BQ24190 TI-BQ24190_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2419x I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24192 TI-BQ24192_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2419x I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com