Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

bq24193 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # bq24193
Description  I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

bq24193 Datasheet(HTML) 11 Page - Texas Instruments

Back Button bq24193 Datasheet HTML 7Page - Texas Instruments bq24193 Datasheet HTML 8Page - Texas Instruments bq24193 Datasheet HTML 9Page - Texas Instruments bq24193 Datasheet HTML 10Page - Texas Instruments bq24193 Datasheet HTML 11Page - Texas Instruments bq24193 Datasheet HTML 12Page - Texas Instruments bq24193 Datasheet HTML 13Page - Texas Instruments bq24193 Datasheet HTML 14Page - Texas Instruments bq24193 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
bq24190, bq24192
bq24192I, bq24193
www.ti.com
SLUSAW5A – JANUARY 2012 – REVISED OCTOBER 2012
ELECTRICAL CHARACTERISTICS (continued)
VVBUS_UVLOZ < VVBUS < VACOV and VVBUS > VBAT + VSLEEP, TJ = –40°C to 125°C and TJ = 25°C for typical values unless other
noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
BAT OVER-VOLTAGE PROTECTION
VBATOVP
Battery over-voltage threshold
VBAT rising, as percentage of VBAT_REG
104%
VBATOVP_HYST
Battery over-voltage hysteresis
VBAT falling, as percentage of VBAT_REG
2%
Battery over-voltage deglitch time to disable
tBATOVP
1
µs
charge
THERMAL REGULATION AND THERMAL SHUTDOWN
TJunction_REG
Junction temperature regulation accuracy
REG06[1:0] = 11
115
120
125
°C
TSHUT
Thermal shutdown rising temperature
Temperature increasing
160
°C
TSHUT_HYS
Thermal shutdown hysteresis
30
°C
Thermal shutdown rising deglitch
Temperature increasing delay
1
ms
Thermal shutdown falling deglitch
Temperature decreasing delay
1
ms
COLD/HOT THERMISTER COMPARATOR (bq24190,bq24192,bq24192I)
Cold temperature threshold, TS pin voltage
VLTF
Charger suspends charge. As Percentage to VREGN
73%
73.5%
74%
rising threshold
Cold temperature hysteresis, TS pin voltage
VLTF_HYS
As Percentage to VREGN
0.2%
0.4%
0.6%
falling
Hot temperature TS pin voltage falling
VHTF
As Percentage to VREGN
46.6%
47.2%
48.8%
threshold
Cut-off temperature TS pin voltage falling
VTCO
As Percentage to VREGN
44.2%
44.7%
45.2%
threshold
Deglitch time for temperature out of range
VTS > VLTF, or VTS < VTCO, or VTS < VHTF
10
ms
detection
JEITA THERMISTER COMPARATOR (bq24193)
T1 (0°C) threshold, Charge suspended T1
VT1
VTS rising, As Percentage to VREGN
70.2%
70.8%
71.4%
below this temperature.
Charge back to ICHG/2 and 4.2V above this
VT1_HYS
Hysteresis, VTS falling
0.6%
temperature
T2 (10°C) threshold, Charge back to ICHG/2
VT2
VTS rising, as percentage of VREGN
68.0%
68.6%
69.2%
and 4.2V below this temperature
Charge back to ICHG and 4.2V above this
VT2_HYS
Hysteresis, VTS falling
0.8%
temperature
T3 (45°C) threshold, Charge back to ICHG
VT3
VTS falling, as percentage of VREGN
55.5%
56.1%
56.7%
and 4.05V above this temperature
Charge back to ICHG and 4.2V below this
VT3_HYS
Hysteresis, VTS rising
0.8%
temperature
T5 (60°C) threshold, charge suspended
VT5
VTS falling, as percentage of VREGN
47.6%
48.1%
48.6%
above this temperature
Charge back to ICHG and 4.05V below this
VT5_HYS
Hysteresis, VTS rising
1.2%
temperature
CHARGE OVER-CURRENT COMPARATOR
IHSFET_OCP
HSFET over-Current threshold
5.3
7
A
IBATFET_OCP
System over load threshold
9
A
CHARGE UNDER-CURRENT COMPARATOR (CYCLE-BY-CYCLE)
LSFET charge under-current falling
VLSFET_UCP
From sync mode to non-sync mode
100
mA
threshold
PWM OPERATION
FSW
PWM Switching frequency, and digital clock
1300
1500
1700
kHz
DMAX
Maximum PWM duty cycle
97%
VBTST-VSW when LSFET refresh pulse is
3.6
requested, VBUS=5V
VBTST_REFRESH
Bootstrap refresh comparator threshold
V
VBTST-VSW when LSFET refresh pulse is
4.2
requested, VBUS>6V
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: bq24190 bq24192 bq24192I bq24193


Similar Part No. - bq24193

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24193 TI1-BQ24193 Datasheet
2Mb / 49P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24193RGER TI-BQ24193RGER Datasheet
2Mb / 46P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger
BQ24193RGER TI1-BQ24193RGER Datasheet
2Mb / 49P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24193RGET TI-BQ24193RGET Datasheet
2Mb / 46P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger
BQ24193RGET TI1-BQ24193RGET Datasheet
2Mb / 49P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
More results

Similar Description - bq24193

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24292I TI-BQ24292I Datasheet
2Mb / 42P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24190 TI1-BQ24190 Datasheet
267Kb / 8P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adaptor Charger With Narrow VDC Power Path Management and USB OTG
BQ24196 TI1-BQ24196 Datasheet
2Mb / 41P
[Old version datasheet]   I2C Controlled 2.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
logo
Monolithic Power System...
MP2624 MPS-MP2624 Datasheet
1Mb / 45P
   I2C Controlled 4.5A Single Cell USB / Adaptor Charger with Narrow VDC Power Path Management USB OTG and Shipping Mode
logo
Texas Instruments
BQ24190 TI1-BQ24190_17 Datasheet
2Mb / 52P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24193 TI1-BQ24193_17 Datasheet
2Mb / 49P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24196 TI1-BQ24196_17 Datasheet
2Mb / 50P
[Old version datasheet]   I2C Controlled 2.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
logo
Monolithic Power System...
MP2624A MPS-MP2624A Datasheet
1Mb / 45P
   4.5A, I2C-Controlled, Single-Cell USB/Adaptor Charger with Narrow VDC Power-Path Management USB OTG and SYS Reset Function
logo
Texas Instruments
BQ24190 TI-BQ24190_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2419x I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24192 TI-BQ24192_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2419x I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com