Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1201 Datasheet(PDF) 2 Page - Transcom, Inc.

Part # TC1201
Description  Low Noise and Medium Power GaAs FETs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC1201 Datasheet(HTML) 2 Page - Transcom, Inc.

  TC1201 Datasheet HTML 1Page - Transcom, Inc. TC1201 Datasheet HTML 2Page - Transcom, Inc. TC1201 Datasheet HTML 3Page - Transcom, Inc. TC1201 Datasheet HTML 4Page - Transcom, Inc. TC1201 Datasheet HTML 5Page - Transcom, Inc. TC1201 Datasheet HTML 6Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TC1201
REV5_20070502
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
2 / 6
CHIP DIMENSIONS
Units: Micrometers
Gate Pad: 55 x 50
Chip Thickness: 100
Drain Pad: 55 x 50
Source Pad: 55 x 65
TYPICAL SCATTERING PARAMETERS
(TA=25 °°°°C)
VDS = 4 V, IDS = 25 mA
D
S
S
G
D
S
G
430± 12
250± 12
0
1
.
0
1
.
0
-
1
.
0
1
0
.
0
10.
0
-
1
0
.
0
5
.
0
5.
0
-
5
.
0
2
.
0
2
.
0
-
2
.
0
3
.
0
3
.
0
-
3
.
0
4
.
0
4.
0
-
4
.
0
0
.
2
0
.
2
-0
.2
0
.
4
0
.
4
-
0
.
4
0
.
6
0
.
6
-
0
.
6
0
.
8
0
.
8
-
0
.
8
Swp Max
18GHz
Swp Min
2GHz
S11
0
15
30
4
5
6
0
7
5
9
0
1
0
5
1
2
0
1
3
5
15
0
165
-180
-1
65
-1
50
-
1
3
5
-
1
2
0
-
1
0
5
-
9
0
-
7
5
-
6
0
-
4
5
-3
0
-15
Swp Max
18 GHz
Swp Min
2 GHz
Mag Max
0.15
0.075
Per Div
S12


Similar Part No. - TC1201

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TC1201V TRANSCOM-TC1201V Datasheet
122Kb / 2P
   Low Noise and Medium Power GaAs FETs
More results

Similar Description - TC1201

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TC1201V TRANSCOM-TC1201V Datasheet
122Kb / 2P
   Low Noise and Medium Power GaAs FETs
TC1101V TRANSCOM-TC1101V Datasheet
90Kb / 2P
   Low Noise and Medium Power GaAs FETs
TC1301 TRANSCOM-TC1301 Datasheet
251Kb / 6P
   Low Noise and Medium Power GaAs FETs
logo
List of Unclassifed Man...
TC1301 ETC-TC1301 Datasheet
206Kb / 6P
   Low Noise and Medium Power GaAs FETs
logo
Transcom, Inc.
TC1304 TRANSCOM-TC1304 Datasheet
261Kb / 6P
   Low Noise and Medium Power GaAs FETs
logo
List of Unclassifed Man...
TC1101 ETC2-TC1101 Datasheet
154Kb / 6P
   Low Noise and Medium Power GaAs FETs
logo
Transcom, Inc.
TC1101 TRANSCOM-TC1101 Datasheet
250Kb / 5P
   Low Noise and Medium Power GaAs FETs
TC1304V TRANSCOM-TC1304V Datasheet
71Kb / 2P
   Low Noise and Medium Power GaAs FETs
TC1301V TRANSCOM-TC1301V Datasheet
73Kb / 2P
   Low Noise and Medium Power GaAs FETs
TC2384 TRANSCOM-TC2384 Datasheet
192Kb / 4P
   Low Noise and Medium Power Packaged GaAs FETs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com