Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD2S105 Datasheet(PDF) 9 Page - Analog Devices

Part # AD2S105
Description  Three-Phase Current Conditioner
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S105 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD2S105 Datasheet HTML 4Page - Analog Devices AD2S105 Datasheet HTML 5Page - Analog Devices AD2S105 Datasheet HTML 6Page - Analog Devices AD2S105 Datasheet HTML 7Page - Analog Devices AD2S105 Datasheet HTML 8Page - Analog Devices AD2S105 Datasheet HTML 9Page - Analog Devices AD2S105 Datasheet HTML 10Page - Analog Devices AD2S105 Datasheet HTML 11Page - Analog Devices AD2S105 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD2S105
REV. 0
–9–
MEASUREMENT OF HARMONICS
In ac power systems, the quality of the electrical supply can be
affected by harmonic voltages injected into the power main by
loads, such as variable speed drive systems and computer power
supplies. These harmonics are injected into other loads through
the point of common coupling of the supply. This produces ex-
tra losses in power factor correction capacitors, power supplies
and other loads which may result in failure. It also can result in
tripping and failure of computer systems and other sensitive
equipment. In ac machines the resultant harmonic currents and
flux patterns produce extra motor losses and torque pulsations,
which can be damaging to the load.
The AD2S105 can be used to monitor and detect the presence
and magnitude of a particular harmonic on a three-phase line.
Figure 10 shows the implementation of such a scheme using the
AD2S105, where Va, Vb, Vc are the scaled line voltages.
LOW PASS
FILTER
PARK
TRANSFORMATION
12-BIT UP/DOWN
COUNTER
AD2S105
a
k
HOMOPOLAR
OUTPUT
PULSE INPUTS
DIRECTION
Va
Vb
Vc
THREE -TO-TWO
CLARK
TRANSFORMATION
Vd
Vq
Vd1
Vq1
e
j
φ
Figure 10. Harmonics Measurement Using AD2S105
Selecting a harmonic is achieved by synchronizing the rotational
frequency of the park digital input, , with the frequency of the
fundamental component and the integer harmonic selected. The
update rate, r, of the counters is determined by:
r
= 4096 × n ×ω
2
π
.
Here, r = input clock pulse rate (pulses/second);
n = the order of harmonics to be measured;
= fundamental angular frequency of the ac signal.
The magnitude of the n-th harmonic as well as the fundamental
component in the power line is represented by the output of the
low-pass filter, ak. In concert with magnitude of the harmonic
the AD2S105 homopolar output will indicate whether the three
Figure 11. Field Oriented Control of AC Induction Motors
phases are balanced or not. For more details about this applica-
tion, refer to the related application note listed in the
bibliography.
Field Oriented Control of AC Induction Motors
In ac induction motors, torque is produced through interaction
between the rotating air gap field and currents induced in the
rotor windings. The stator currents consist of two components,
the flux component which drives the air gap field, and the
torque component which is reflected from the rotor windings. A
successful field oriented control strategy must independently
control the flux component of current, referred to as direct cur-
rent (Ids), and the torque producing component of stator cur-
rent, referred to as quadrature current (Iqs).
The control architecture in Figure 11 is referred to as field ori-
ented because the control algorithms performed on the ADSP-
2105 processor operate on decoupled flux and torque current
components in a reference frame relative to the rotor flux of the
motor. The control algorithms provide fast torque response at
any speed which results in superior dynamic performance, and
consequently, load variations have minimal effect on speed or
position control.
The AD2S90 resolver-to-digital converter is used to convert the
modulated resolver position signals into a 12-bit digital position
value. This value is brought into the ADSP-2105 via the
serial port where the control algorithms calculate the rotor flux
angle. The rotor flux angle is the sum of the rotor position and
the slip angle. The relationship between the stator current fre-
quency and the slip frequency can be summarized by the follow-
ing formula:
fstat = ( m × (p/2)) + fslip
where: fstat = Stator Current Frequency (Hz)
m = Mechanical Speed of the Motor ( revs/sec )
p = Number of poles
fslip = Slip Frequency (Hz)
The rotor flux angle is fed into the 12-bit position input of the
AD2S105. The AD2S105 transforms the three ac stator cur-
rents using the digital rotor flux angle into dc values represent-
ing direct current (Ids) and quadrature current (Iqs). The
transformation of the ac signals into dc values simplifies the de-
sign of the A/D converter as it avoids the bandwidth sampling
issues inherent in ac signal processing and in most cases elimi-
nates the need for a simultaneous sampling A/D converter.
ADSP-2105
AD2S105
INV
+
PWM
MOTOR
AD2S90
R / D
CONVERTER
RESOLVER
ROTOR POSITION DATA
ROTOR FLUX ANGLE
Ids
Iqs
Is2
Is3
Is1
2 CHANNEL
12 Bit A/D
CONVERTER
SPORT
ROTOR
FLUX
MODEL
STATOR
CURRENT
SIGNALS


Similar Part No. - AD2S105

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2S100 AD-AD2S100 Datasheet
393Kb / 12P
   AC Vector Processor
REV. A
AD2S100AP AD-AD2S100AP Datasheet
393Kb / 12P
   AC Vector Processor
REV. A
AD2S100 AD-AD2S100_15 Datasheet
1,015Kb / 12P
   AC Vector Processor
REV. A
More results

Similar Description - AD2S105

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
3TA8350-100 YHDC-3TA8350-100 Datasheet
675Kb / 1P
   Three-phase current transformer
3TA8350-300 YHDC-3TA8350-300 Datasheet
676Kb / 1P
   Three-phase current transformer
3TA8350BL-100 YHDC-3TA8350BL-100 Datasheet
1Mb / 1P
   Three-phase current transformer
3TA17-100 YHDC-3TA17-100 Datasheet
1Mb / 1P
   Three-phase current transformer
3TA8350-200 YHDC-3TA8350-200 Datasheet
694Kb / 1P
   Three-phase current transformer
3TA040BL YHDC-3TA040BL Datasheet
590Kb / 1P
   Three-phase current transformer
3TA17-200 YHDC-3TA17-200 Datasheet
1Mb / 1P
   Three-phase current transformer
3TA019BL YHDC-3TA019BL Datasheet
587Kb / 1P
   Three-phase current transformer
3TA8350BL-400 YHDC-3TA8350BL-400 Datasheet
1Mb / 1P
   Three-phase current transformer
3TA17-300 YHDC-3TA17-300 Datasheet
1Mb / 1P
   Three-phase current transformer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com