Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD2S105 Datasheet(PDF) 4 Page - Analog Devices

Part # AD2S105
Description  Three-Phase Current Conditioner
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S105 Datasheet(HTML) 4 Page - Analog Devices

  AD2S105 Datasheet HTML 1Page - Analog Devices AD2S105 Datasheet HTML 2Page - Analog Devices AD2S105 Datasheet HTML 3Page - Analog Devices AD2S105 Datasheet HTML 4Page - Analog Devices AD2S105 Datasheet HTML 5Page - Analog Devices AD2S105 Datasheet HTML 6Page - Analog Devices AD2S105 Datasheet HTML 7Page - Analog Devices AD2S105 Datasheet HTML 8Page - Analog Devices AD2S105 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD2S105
REV. 0
–4–
PIN DESIGNATIONS
1, 2, 3
Pin
Mnemonic
Description
3
STROBE
Begin Conversion
4VDD
Positive Power Supply
5VSS
Negative Power Supply
6
PH/OP4
Sin (
θ + φ)
7
PH/OP1
Cos (
θ + φ)
10
AGND
Analog Ground
11
PH/IP4
Sin
θ Input
12
PH/IPH3
High Level Cos
(
θ + 240°) Input
13
PH/IP3
Cos (
θ + 240°) Input
14
PH/IPH2
High Level Cos
(
θ + 120°) Input
15
PH/IP2
Cos (
θ + 120°) Input
16
PH/IPH1
High Level Cos
θ Input
17
PH/IP1
Cos
(θ) Input
19
VSS
Negative Power Supply
20
HPREF
Homopolar Reference
21
HPOP
Homopolar Output
22
HPFILT
Homopolar Filter
23
CONV1
Select Analog Input
Format
24
CONV2
Select Analog Input
Format
25
COS
Cos Output
26
SIN
Sin Output
27–38
DB12 to DB1
(DB1 = MSB, DB12 =
LSB Parallel Input Data)
41
VDD
Positive Power Supply
42
DGND
Digital Ground
44
BUSY
Internal Logic Setup
Time
NOTES
190
° orthogonal signals = Sin θ, Cos θ (Resolver) = PH/IP4 and PH/IP1.
2Three phase, 120
°, three-wire signals = Cos θ, Cos (θ + 120°), Cos (θ + 240°).
= PH/IP1, PH/IP2, PH/IP3
High Level = PH/IPH1, PH/IPH2, PH/IPH3.
3Three Phase, 120
°, two-wire signals = Cos (θ + 120°), Cos (θ + 240°) =
PH/IP2, PH/IP3.
In all cases where any of the input Pins 11 through 17 are not used, they must
be left unconnected.
PIN CONFIGURATION
6
5
4
3
2
1
44
43
42
41
40
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
NC = NO CONNECT.
TOP VIEW
(NOT TO SCALE)
AD2S105
7
8
11
12
13
14
15
16
17
9
10
NC
DB1
DB2
DB3
DB4
DB5
DB6
DB7
DB8
DB9
DB10
PH/OP1
NC
NC
AGND
PH/IP4
PH/IPH3
PH/IP3
PH/IPH2
PH/IP2
PH/IPH1
PH/IP1


Similar Part No. - AD2S105

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2S100 AD-AD2S100 Datasheet
393Kb / 12P
   AC Vector Processor
REV. A
AD2S100AP AD-AD2S100AP Datasheet
393Kb / 12P
   AC Vector Processor
REV. A
AD2S100 AD-AD2S100_15 Datasheet
1,015Kb / 12P
   AC Vector Processor
REV. A
More results

Similar Description - AD2S105

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
3TA8350-100 YHDC-3TA8350-100 Datasheet
675Kb / 1P
   Three-phase current transformer
3TA8350-300 YHDC-3TA8350-300 Datasheet
676Kb / 1P
   Three-phase current transformer
3TA8350BL-100 YHDC-3TA8350BL-100 Datasheet
1Mb / 1P
   Three-phase current transformer
3TA17-100 YHDC-3TA17-100 Datasheet
1Mb / 1P
   Three-phase current transformer
3TA8350-200 YHDC-3TA8350-200 Datasheet
694Kb / 1P
   Three-phase current transformer
3TA040BL YHDC-3TA040BL Datasheet
590Kb / 1P
   Three-phase current transformer
3TA17-200 YHDC-3TA17-200 Datasheet
1Mb / 1P
   Three-phase current transformer
3TA019BL YHDC-3TA019BL Datasheet
587Kb / 1P
   Three-phase current transformer
3TA8350BL-400 YHDC-3TA8350BL-400 Datasheet
1Mb / 1P
   Three-phase current transformer
3TA17-300 YHDC-3TA17-300 Datasheet
1Mb / 1P
   Three-phase current transformer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com