Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE93C56DP+UH Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE93C56DP+UH
Description  Three-wire Serial EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE93C56DP+UH Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE93C56DP+UH Datasheet HTML 1Page - ACE Technology Co., LTD. ACE93C56DP+UH Datasheet HTML 2Page - ACE Technology Co., LTD. ACE93C56DP+UH Datasheet HTML 3Page - ACE Technology Co., LTD. ACE93C56DP+UH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE93C56DP+UH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE93C56DP+UH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE93C56DP+UH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE93C56DP+UH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE93C56DP+UH Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
ACE93C46.56.66
Three-wire Serial EEPROM
VER 1.5
4
Ordering information
ACE93C46/56/66 XX
+
X
H
Pin Capacitance
Applicable over recommended operating range from TA=25℃, f=1.0MHz,VCC=+1.8V (unless otherwise noted)
Test Conditions
Symbol
Max
Unit
Conditions
Output Capacitance (DO)
COUT
5
pF
VOUT=0V
Input Capacitance (CS, SK, DI)
CIN
5
pF
VIN=0V
DC Characteristics
Applicable over recommended operating range from: TA = -40℃ to +85℃, VCC = +1.8V to +5.5V, (unless otherwise noted).
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
VCC1
Supply Voltage
1.8
5.5
V
VCC2
Supply Voltage
2.7
5.5
V
VCC3
Supply Voltage
4.5
5.5
V
ICC1
Supply Current
VCC = 5.0V,
Read at 1.0MHz
Write at 1.0MHz
0.2
0.9
2.0
3.0
mA
ISB1
Standby Current
VCC = 1.8V, CS=0V
1.0
µA
ISB2
Standby Current
VCC = 2.7V, CS=0V
1.0
µA
ISB3
Standby Current
VCC = 5.0V, CS=0V
1.0
µA
ILI(1)
Input Leakage
VIN = 0 to VCC
0.1
1.0
µA
ILI(2)
Input Leakage
VIN = 0 to VCC
2.0
3.0
µA
IOL
Output Leakage
VIN = 0 to VCC
0.1
1.0
µA
VIL1(3)
Input Low Voltage
2.7V≦Vcc≦5.5V
-0.3
0.8
V
VIH1(3)
Input High Voltage
2.7V≦Vcc≦5.5V
2.0
Vcc+0.3
V
VIL2(3)
Input Low Voltage
1.8V≦Vcc≦2.7V
-0.3
Vcc+0.3
V
VIH2(3)
Input High Voltage
1.8V≦Vcc≦2.7V
Vcc*0.7
Vcc+0.3
V
Pb - free
U : Tube
T : Tape and Reel
DP : DIP-8
FM : SOP-8
TM : TSSOP-8
Halogen-free


Similar Part No. - ACE93C56DP+UH

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE93C46 ACE-ACE93C46 Datasheet
234Kb / 13P
   Three-wire Serial EEPROM
VER 1.2
ACE93C46A ACE-ACE93C46A Datasheet
1Mb / 16P
   Three-wire Serial EEPROM
VER 1.3
ACE93C46DPTH ACE-ACE93C46DPTH Datasheet
234Kb / 13P
   Three-wire Serial EEPROM
VER 1.2
ACE93C46DPUH ACE-ACE93C46DPUH Datasheet
234Kb / 13P
   Three-wire Serial EEPROM
VER 1.2
ACE93C46FMTH ACE-ACE93C46FMTH Datasheet
234Kb / 13P
   Three-wire Serial EEPROM
VER 1.2
More results

Similar Description - ACE93C56DP+UH

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C46A ATMEL-AT93C46A Datasheet
430Kb / 15P
   Three-wire Serial EEPROM
AT93C56A ATMEL-AT93C56A_06 Datasheet
479Kb / 20P
   Three-wire Serial EEPROM
AT93C46E ATMEL-AT93C46E Datasheet
429Kb / 15P
   Three-wire Serial EEPROM
AT93C46 ATMEL-AT93C46_07 Datasheet
535Kb / 18P
   Three-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE93C46A ACE-ACE93C46A Datasheet
1Mb / 16P
   Three-wire Serial EEPROM
VER 1.3
logo
E-CMOS Corporation
EC93C56A E-CMOS-EC93C56A Datasheet
354Kb / 14P
   Three-wire Serial EEPROM
logo
ATMEL Corporation
AT93C86A ATMEL-AT93C86A_07 Datasheet
721Kb / 18P
   Three-wire Serial EEPROM
AT93C46D ATMEL-AT93C46D Datasheet
448Kb / 17P
   Three-wire Serial EEPROM
AT93C56A ATMEL-AT93C56A_09 Datasheet
491Kb / 21P
   Three-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE93C46 ACE-ACE93C46 Datasheet
234Kb / 13P
   Three-wire Serial EEPROM
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com