Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE701C125BM+H Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE701C125BM+H
Description  High Efficiency Low Noise PFM Boost DC/DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE701C125BM+H Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE701C125BM+H Datasheet HTML 1Page - ACE Technology Co., LTD. ACE701C125BM+H Datasheet HTML 2Page - ACE Technology Co., LTD. ACE701C125BM+H Datasheet HTML 3Page - ACE Technology Co., LTD. ACE701C125BM+H Datasheet HTML 4Page - ACE Technology Co., LTD. ACE701C125BM+H Datasheet HTML 5Page - ACE Technology Co., LTD. ACE701C125BM+H Datasheet HTML 6Page - ACE Technology Co., LTD. ACE701C125BM+H Datasheet HTML 7Page - ACE Technology Co., LTD. ACE701C125BM+H Datasheet HTML 8Page - ACE Technology Co., LTD. ACE701C125BM+H Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ACE701C
High Efficiency Low Noise PFM Boost DC/DC Converter
VER 1.3
1
Description
The ACE701C series are CMOS-based PFM step-up DC-DC Converter. The converter can start up by
supply voltage as low as 0.8V, and capable of delivering maximum 200mA output current at 3.3V output
with 1.8V input Voltage. Quiescent current drawn from power source is as low as 5.5uA. All of these
features make ACE701C series be suitable for the portable devices, which are supplied by a single
battery to four-cell batteries.
To reduce the noise caused by the switch regulator, ACE701C is well considerated in circuit design and
manufacture. So that the interferer to other circuits by the device is reduced greatly.
ACE701C integrates stable reference circuits and trimming technology, so it can afford high precision
and low temperature-drift coefficient of the output voltage.
Features
Deliver 200mA at 3.3V Output voltage with 1.8V input Voltage
Low start-up voltage (when the output current is 1mA) 0.8V
The converter output voltage can be adjusted from 2.5V~6.0V(In 0.1V step)
Output voltage accuracy 2%
Low temperature-drift coefficient of the output voltage 100ppm/℃
Only three external components are necessary: An inductor, a Schottky diode and an output filter
capacitor
High power conversion efficiency 85%
Low quiescent current drawn from power source <5.5uA
Application
Power source for PDA. DSC. MP3 Player. electronic toy and wireless mouse
Power source for a single or dual-cell battery-powered equipments
Power source for LED
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Input supply voltage
VIN
-0.3~12
V
Input voltage
VI(LX)
-0.3~Vout+0.3
V
CE pin voltage
-0.3~Vout+0.3
Lx pin output current
0.7
A
Power Dissipation
SOT-23-3
250
mW
Operating Junction temperature
TJ
125
OC
Storage temperature
TS
- 40 to 150
OC
Ambient temperature
Ta
-40 to 85
OC


Similar Part No. - ACE701C125BM+H

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE701CA ACE-ACE701CA Datasheet
806Kb / 13P
   Small Package PFM Control Step-Up DC/DC Converter
VER 1.2
ACE701CA11.8VAMH ACE-ACE701CA11.8VAMH Datasheet
806Kb / 13P
   Small Package PFM Control Step-Up DC/DC Converter
VER 1.2
ACE701CA11.8VANH ACE-ACE701CA11.8VANH Datasheet
806Kb / 13P
   Small Package PFM Control Step-Up DC/DC Converter
VER 1.2
ACE701CA11.8VBMH ACE-ACE701CA11.8VBMH Datasheet
806Kb / 13P
   Small Package PFM Control Step-Up DC/DC Converter
VER 1.2
ACE701CA11.8VBNH ACE-ACE701CA11.8VBNH Datasheet
806Kb / 13P
   Small Package PFM Control Step-Up DC/DC Converter
VER 1.2
More results

Similar Description - ACE701C125BM+H

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM6384 HMSEMI-HM6384 Datasheet
818Kb / 7P
   high efficiency PFM synchronous boost DC-DC converter
logo
QX Micro Devices Co.,Lt...
QX2304 QXMD-QX2304 Datasheet
240Kb / 2P
   High-efficiency PFM synchronous boost DC-DC converter
logo
ACE Technology Co., LTD...
ACE714 ACE-ACE714 Datasheet
172Kb / 8P
   High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.2
logo
Union Semiconductor, In...
UM1661 UNIONSEMI-UM1661_16 Datasheet
213Kb / 8P
   High Efficiency Low Noise PFM Step-Up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE714 ACE-ACE714_12 Datasheet
428Kb / 9P
   High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.3
logo
Union Semiconductor, In...
UM1661 UNIONSEMI-UM1661 Datasheet
197Kb / 8P
   High Efficiency Low Noise PFM Step-Up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE77LE9 ACE-ACE77LE9 Datasheet
539Kb / 8P
   High Efficiency Low Noise PFM Step-Up DC/DC Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8531 BELLING-BL8531 Datasheet
331Kb / 10P
   High Efficiency Low Noise PFM Step-up DC-DC Converter
BL8534 BELLING-BL8534 Datasheet
175Kb / 11P
   High Efficiency Low Noise PFM Step-up DC/DC Converter
logo
SHOUDING Shouding Semic...
SD6303 SHOUDING-SD6303 Datasheet
517Kb / 13P
   PFM boost DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com