Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE24LC16DM+UH Datasheet(PDF) 10 Page - ACE Technology Co., LTD.

Part # ACE24LC16DM+UH
Description  Two-wire Serial EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24LC16DM+UH Datasheet(HTML) 10 Page - ACE Technology Co., LTD.

Back Button ACE24LC16DM+UH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24LC16DM+UH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24LC16DM+UH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24LC16DM+UH Datasheet HTML 9Page - ACE Technology Co., LTD. ACE24LC16DM+UH Datasheet HTML 10Page - ACE Technology Co., LTD. ACE24LC16DM+UH Datasheet HTML 11Page - ACE Technology Co., LTD. ACE24LC16DM+UH Datasheet HTML 12Page - ACE Technology Co., LTD. ACE24LC16DM+UH Datasheet HTML 13Page - ACE Technology Co., LTD. ACE24LC16DM+UH Datasheet HTML 14Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
ACE24LC02/04/08/16
Two-wire Serial EEPROM
VER 1.6
10
Page Write:
The 2K EEPROM is capable of an 8-byte page write, and the 4K, 8K and 16K devices are capable of
16-byte page writes.
A page write is initiated the same as a byte write, but the microcontroller does not send a stop
condition after the first data word is clocked in. Instead, after the EEPROM acknowledges receipt of the
first data word, the microcontroller can transmit up to seven (2K) or fifteen (4K, 8K, 16K) more data
words. The EEPROM will respond with a zero after each data word received. The microcontroller must
terminate the page write sequence with a stop condition (refer to Figure 9).
The data word address lower three (2K) or four (4K, 8K, 16K) bits are internally incremented following
the receipt of each data word. The higher data word address bits are not incremented, retaining the
memory page row location. When the word address, internally generated, reaches the page boundary,
the following byte is placed at the beginning of the same page. If more than eight (2K) or sixteen (4K,
8K, 16K) data words are transmitted to the EEPROM,
the data word address will “roll over” and previous
data will be overwritten.
Acknowledge Polling:
Once the internally timed write cycle has started and the EEPROM inputs are disabled, acknowledge
polling can be initiated. This involves sending a start condition followed by the device address word.
The read/write bit is representative of the operation desired. Only if the internal write cycle has
completed will the EEPROM respond with a zero allowing the read or write sequence to continue.
Read operations
Read operations are initiated the same way as write operations with the exception that the read/write
select bit in the device address word is set to one. There are three read operations: current address
read, random address read and sequential read.
Current Address Read:
The internal data word address counter maintains the last address accessed during the last read or
write operation, incremented by one. This address stays valid between operations as long as the chip
power is maintained. The address “roll over” during read is from the last byte of the last memory page
to the
first byte of the first page. The address “roll over” during write is from the last byte of the current
page to the first byte of the same page.
Once the device address with the read/write select bit set to one is clocked in and acknowledged by
the EEPROM, the current address data word is serially clocked out. The microcontroller does not
respond with an input zero but does generate a following stop condition (refer to Figure 10).
Random Read:
A random read requires a “dummy” byte write sequence to load in the data word address. Once the
device address word and data word address are clocked in and acknowledged by the EEPROM, the
microcontroller must generate another start condition. The microcontroller now initiates a current
address read by sending a device address with the read/write select bit high. The EEPROM
acknowledges the device address and serially clocks out the data word. The microcontroller does not
respond with a zero but does generate a following stop condition (refer to Figure 11).


Similar Part No. - ACE24LC16DM+UH

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE24LC16DP+TH ACE-ACE24LC16DP+TH Datasheet
295Kb / 17P
   Two-wire Serial EEPROM
VER 1.3
ACE24LC16DP+UH ACE-ACE24LC16DP+UH Datasheet
295Kb / 17P
   Two-wire Serial EEPROM
VER 1.3
More results

Similar Description - ACE24LC16DM+UH

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE24C32B ACE-ACE24C32B Datasheet
988Kb / 18P
   Two-wire Serial EEPROM
VER 1.3
ACE24AC512 ACE-ACE24AC512 Datasheet
1Mb / 16P
   Two-wire Serial EEPROM
VER 1.1
ACE24LA64A ACE-ACE24LA64A Datasheet
1Mb / 18P
   Two-wire Serial EEPROM
VER 1.1
ACE24LC02BN++ ACE-ACE24LC02BN+ Datasheet
243Kb / 12P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C02B ATMEL-AT24C02B_07 Datasheet
546Kb / 21P
   Two-wire Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_07 Datasheet
540Kb / 17P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24LC02 ACE-ACE24LC02 Datasheet
295Kb / 17P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C16B ATMEL-AT24C16B_09 Datasheet
804Kb / 27P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24C32 ACE-ACE24C32_1 Datasheet
202Kb / 13P
   Two-wire Serial EEPROM
VER 1.3
logo
Leshan Radio Company
LR24C02 LRC-LR24C02 Datasheet
755Kb / 15P
   Two-Wire Serial EEPROM
logo
Shenzhen Huazhimei Semi...
HM24C1024 HMSEMI-HM24C1024 Datasheet
1Mb / 12P
   Two-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com