Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE50542QM+H Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE50542QM+H
Description  Low noise 150mA LDO regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE50542QM+H Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE50542QM+H Datasheet HTML 1Page - ACE Technology Co., LTD. ACE50542QM+H Datasheet HTML 2Page - ACE Technology Co., LTD. ACE50542QM+H Datasheet HTML 3Page - ACE Technology Co., LTD. ACE50542QM+H Datasheet HTML 4Page - ACE Technology Co., LTD. ACE50542QM+H Datasheet HTML 5Page - ACE Technology Co., LTD. ACE50542QM+H Datasheet HTML 6Page - ACE Technology Co., LTD. ACE50542QM+H Datasheet HTML 7Page - ACE Technology Co., LTD. ACE50542QM+H Datasheet HTML 8Page - ACE Technology Co., LTD. ACE50542QM+H Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ACE505
Low noise 150mA LDO regulator
VER 1.4
3
Block Diagram
Recommended Work Conditions
Item
Min
Max
Unit
Input Voltage Range
8
V
Ambient Temperature
-40
85
Electrical Characteristics
(Test Conditions: Cin=1uF, Cout=2.2uF,TA=25℃, unless otherwise specified.)
ACE505, for arbitrary output voltage
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
s
Vin
Input Voltage
1.8
8
V
Vout
Output
Voltage
Vout>1.5V
Vin=Set Vout+1V
1mA
≤Iout≤30mA
Vout
x0.98
Vout
X1.02
V
Vout<=1.5V
Vout-0.03
Vout+0.03
Iout (Max.)
Maximun Output
Current
Vin-Vout=1V
150
mA
Dropout
Voltage
Input-Output Voltage
Differentia
Refer to the Electrical Characteristics by Output Voltage
△Vout /
Vin∙Vout
Line Regulation
Iout=40mA
1.6V≤Vin≤8V
0.05
0.2
%/V
△Vout /
△Iout
Load Regulation
Vin=Set Vout+1V
1mA≤Iout≤80mA
12
40
mV
Iss
Supply Current
Vin=Set Vout+1V
25
50
uA
Istandby
Supply Current
(Srandby)
Vin=Set Vout+1V
Vce=Gnd
0.1
1.0
uA


Similar Part No. - ACE50542QM+H

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE50542QM++ ACE-ACE50542QM+ Datasheet
231Kb / 9P
   Low noise 150mA LDO regulator
VER 1.5
More results

Similar Description - ACE50542QM+H

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
RP112K121B RICOH-RP112K121B_17 Datasheet
888Kb / 32P
   Low Noise 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com