Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE50543QM+H Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE50543QM+H
Description  Low noise 150mA LDO regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE50543QM+H Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE50543QM+H Datasheet HTML 1Page - ACE Technology Co., LTD. ACE50543QM+H Datasheet HTML 2Page - ACE Technology Co., LTD. ACE50543QM+H Datasheet HTML 3Page - ACE Technology Co., LTD. ACE50543QM+H Datasheet HTML 4Page - ACE Technology Co., LTD. ACE50543QM+H Datasheet HTML 5Page - ACE Technology Co., LTD. ACE50543QM+H Datasheet HTML 6Page - ACE Technology Co., LTD. ACE50543QM+H Datasheet HTML 7Page - ACE Technology Co., LTD. ACE50543QM+H Datasheet HTML 8Page - ACE Technology Co., LTD. ACE50543QM+H Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ACE505
Low noise 150mA LDO regulator
VER 1.4
2
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Input Voltage
10
V
Output Current
200
mA
Power Dissipation
SOT-23-5
SC-70-5
250
250
mW
Operating Junction temperature
TJ
125
OC
Storage temperature
TS
- 45 to 150
OC
Packaging Type
SC-70-5 / SOT-23-5
5
4
1
2
3
SC-70-5
SOT-23-5(A)
SOT-23-5(B)
Description
Function
5
5
1
VOUT
Output pin
1
1
3
VDD
Input Pin
2
2
2
GND
Ground Pin
3
3
4
CE
Chip Enable Pin
4
4
5
NC
No Connection
Ordering information
ACE505 XX XX + H
QM: SC-70-5
BNA: SOT-23-5(A)
BNB: SOT-23-5(B)
Output Voltage:1.2V/1.5V
…..5.0V
Pb - free
Halogen - free


Similar Part No. - ACE50543QM+H

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE50543QM++ ACE-ACE50543QM+ Datasheet
231Kb / 9P
   Low noise 150mA LDO regulator
VER 1.5
More results

Similar Description - ACE50543QM+H

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
RP112K121B RICOH-RP112K121B_17 Datasheet
888Kb / 32P
   Low Noise 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com