Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE50544QM+H Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE50544QM+H
Description  Low noise 150mA LDO regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE50544QM+H Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE50544QM+H Datasheet HTML 1Page - ACE Technology Co., LTD. ACE50544QM+H Datasheet HTML 2Page - ACE Technology Co., LTD. ACE50544QM+H Datasheet HTML 3Page - ACE Technology Co., LTD. ACE50544QM+H Datasheet HTML 4Page - ACE Technology Co., LTD. ACE50544QM+H Datasheet HTML 5Page - ACE Technology Co., LTD. ACE50544QM+H Datasheet HTML 6Page - ACE Technology Co., LTD. ACE50544QM+H Datasheet HTML 7Page - ACE Technology Co., LTD. ACE50544QM+H Datasheet HTML 8Page - ACE Technology Co., LTD. ACE50544QM+H Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ACE505
Low noise 150mA LDO regulator
VER 1.4
1
Description
ACE505 series is a group of positive voltage output, low power consumption, low dropout voltage
regulator.
ACE505 can provide output value in the range of 1.2V~5.0V every 0.1V step. It also can be customized
on command.
ACE505 includes high accuracy voltage reference, error amplifier, current limit circuit and output driver
module.
ACE505 has excellent load and line transient response and good temperature characteristics, which can
assure the stability of chip and power system. And it uses trimming technique to guarantee output voltage
accuracy within±2%.
Features
Low Power Consumption: 25uA(Typ.)
Low output noise (27uVRMS)
Standby Mode: 0.1uA
Low dropout Voltage: 0.2V@100mA (Typ.)
High Ripple Rejection: 65dB@1kHz (Typ.)
Low Temperature Coefficient: ±100ppm/C
Excellent Line regulation: 0.05%/V
Build-in chip enable circuit
Output Voltage Range: 1.2V~5.0V (customized on command every 0.1V step)
Highly Accurate: ±2% (±1% customized)
Output Current Limit
Application
Power source for cellular phones and various kind of PCSs
Battery Powered equipment
Power Management of MP3, PDA, DSC, Mouse, PS2 Games
Reference Voltage Source
Regulation after Switching Power
Typical Performance Characteristic:
ACE505-1.8V Output
Output Current Iout(mA)


Similar Part No. - ACE50544QM+H

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE50544QM++ ACE-ACE50544QM+ Datasheet
231Kb / 9P
   Low noise 150mA LDO regulator
VER 1.5
More results

Similar Description - ACE50544QM+H

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
RP112K121B RICOH-RP112K121B_17 Datasheet
888Kb / 32P
   Low Noise 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com