Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE520OEGM+H Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE520OEGM+H
Description  Dual 300mA High PSRR Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE520OEGM+H Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE520OEGM+H Datasheet HTML 1Page - ACE Technology Co., LTD. ACE520OEGM+H Datasheet HTML 2Page - ACE Technology Co., LTD. ACE520OEGM+H Datasheet HTML 3Page - ACE Technology Co., LTD. ACE520OEGM+H Datasheet HTML 4Page - ACE Technology Co., LTD. ACE520OEGM+H Datasheet HTML 5Page - ACE Technology Co., LTD. ACE520OEGM+H Datasheet HTML 6Page - ACE Technology Co., LTD. ACE520OEGM+H Datasheet HTML 7Page - ACE Technology Co., LTD. ACE520OEGM+H Datasheet HTML 8Page - ACE Technology Co., LTD. ACE520OEGM+H Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ACE520
Dual 300mA High PSRR Linear Regulator
VER 1.4
1
Description
ACE520 dual, low-noise, low-dropout regulator delivers at least 300mA of continuous output current.
The output voltage for each regulator is set independently by trimming. Output voltages are selectable in
100mV steps within a range of 1.2V to 3.5V. Typical output noise is 47uVrms,and PSRR is 73dB at 100Hz.
The ACE520 includes two independent logic-controlled shutdown inputs and allows the output of each
regulator to be turned of independently.
The ACE520 includes high accuracy voltage reference, error amplifier, current limit circuit and output
driver module.
The ACE520 has excellent load and line transient response and good temperature characteristics, which
can assure the stability of chip and power system. And it uses trimming technique to guarantee output
voltage accuracy within± 2%.
Features
Two low dropout voltage regulators
300mA output current for each LDO
25uA operating supply current per LDO
Low 47uV
RMS output noise
Standby Mode: 0.1uA
Low 160mV dropout at 300mA load
73dB PSRR at 100Hz
Excellent Line regulation: 0.05%/V
Independent Shutdown controls
1.2V to 3.5V Factory-Preset Output
Output Current Limit
Highly Accurate: ±2% (±1% customized)
Application
Cellular phones
Cordless phones and radio communication equipment
Battery Powered equipment
Notebook and hand-ole equipment
Wireless LAN
GPS receivers
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Input voltage
VIN
8
V
Power Dissipation
SOT-23-6
250
mW
Junction temperature
TJ
125
OC
Storage temperature
TS
- 45 to 150
OC
Ambient Temperature
TA
-40 to 85
OC
Note: Exceed these limits to damage to the device. Exposure to absolute maximum rating conditions may affect device reliability.


Similar Part No. - ACE520OEGM+H

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE5208 ACE-ACE5208 Datasheet
943Kb / 6P
   P-Channel Power MOSFET
VER 1.1
ACE520C ACE-ACE520C Datasheet
1Mb / 8P
   Dual 300mA High PSRR Linear Regulator
VER 1.5
More results

Similar Description - ACE520OEGM+H

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE520C ACE-ACE520C Datasheet
1Mb / 8P
   Dual 300mA High PSRR Linear Regulator
VER 1.5
ACE525C ACE-ACE525C Datasheet
921Kb / 9P
   300mA High PSRR, Linear Regulator
VER 1.4
logo
SHANGHAI BELLING CO., L...
BL8063 BELLING-BL8063 Datasheet
322Kb / 8P
   300mA High PSRR, Linear Regulator
logo
ACE Technology Co., LTD...
ACE555 ACE-ACE555_15 Datasheet
498Kb / 10P
   300mA High PSRR, Linear Regulator
VER 1.1
ACE525 ACE-ACE525 Datasheet
540Kb / 11P
   300mA High PSRR, Linear Regulator
VER 1.3
logo
SHANGHAI BELLING CO., L...
BL8554 BELLING-BL8554 Datasheet
314Kb / 8P
   300mA High PSRR, Linear Regulator
BL8063 BELLING-BL8063_14 Datasheet
758Kb / 8P
   300mA High PSRR, Linear Regulator
logo
AiT Semiconductor Inc.
A6306 AITSEMI-A6306 Datasheet
487Kb / 10P
   REGULATOR 300mA HIGH PSRR, LINEAR REGULATOR
REV1.0
logo
Monolithic Power System...
MP20041 MPS-MP20041 Datasheet
364Kb / 11P
   Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
MP20044 MPS-MP20044 Datasheet
397Kb / 11P
   Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com