Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE306XXXXBXX+ Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE306XXXXBXX+
Description  Low Voltage Detector with Built-in Delay Circuit / SSD
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE306XXXXBXX+ Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE306XXXXBXX+ Datasheet HTML 1Page - ACE Technology Co., LTD. ACE306XXXXBXX+ Datasheet HTML 2Page - ACE Technology Co., LTD. ACE306XXXXBXX+ Datasheet HTML 3Page - ACE Technology Co., LTD. ACE306XXXXBXX+ Datasheet HTML 4Page - ACE Technology Co., LTD. ACE306XXXXBXX+ Datasheet HTML 5Page - ACE Technology Co., LTD. ACE306XXXXBXX+ Datasheet HTML 6Page - ACE Technology Co., LTD. ACE306XXXXBXX+ Datasheet HTML 7Page - ACE Technology Co., LTD. ACE306XXXXBXX+ Datasheet HTML 8Page - ACE Technology Co., LTD. ACE306XXXXBXX+ Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ACE306
Low Voltage Detector with Built-in Delay Circuit / SSD
VER 1.3
2
Packaging Type
SOT-23-3
3
1
2
SOT-23-5
5
4
1
2
3
Ordering information
ACE306 X XXX X XX
+
H
SOT-23-3
SOT-23-5
Description
Function
2
3
VSS
GND Pin
1
1
VOUT
Voltage detection output pin
3
2
VDD
Voltage input Pin
4
NC
No connection
5
CD
Connection pin for delay capacitor
Delay time: A:50ms / B:100ms / C:150ms / D:200ms /
E:250ms / F:300ms / G:400ms
Detector Voltage:
090
…0.9V / 100…1.0V / 263…2.63V / 300…3.0V /
465
…4.65V…..600…6.0V (In 0.1V step)
Pb - free
Halogen - free
Output type:
N: Nch
C: CMOS
Package type
BM: SOT-23-3
BN: SOT-23-5


Similar Part No. - ACE306XXXXBXX+

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE306A ACE-ACE306A Datasheet
233Kb / 8P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.1
ACE306 ACE-ACE306_14 Datasheet
109Kb / 1P
   Low Voltage Detector with Built-in Delay Circuit / SSD
2014/03/24
More results

Similar Description - ACE306XXXXBXX+

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE306 ACE-ACE306_14 Datasheet
109Kb / 1P
   Low Voltage Detector with Built-in Delay Circuit / SSD
2014/03/24
ACE302 ACE-ACE302 Datasheet
953Kb / 13P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.2
ACE306A ACE-ACE306A Datasheet
233Kb / 8P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8511 BELLING-BL8511 Datasheet
550Kb / 5P
   Low Voltage Detector With Built-in Delay Circuit
BL8509D BELLING-BL8509D Datasheet
328Kb / 12P
   Low Voltage Detector with Built-in Delay Circuit
logo
RICOH electronics devic...
R3130N16EA RICOH-R3130N16EA Datasheet
273Kb / 32P
   Low Voltage Detector with built-in Delay Circuit
R3130N RICOH-R3130N_04 Datasheet
333Kb / 29P
   Low Voltage Detector with Built-in Delay Circuit
logo
ACE Technology Co., LTD...
ACE302 ACE-ACE302_1 Datasheet
953Kb / 13P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.3
ACE302A ACE-ACE302A Datasheet
536Kb / 10P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.2
ACE302 ACE-ACE302_12 Datasheet
1Mb / 14P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com