Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7346B Datasheet(PDF) 4 Page - Analog Devices

Part # AD7346B
Description  2 Pair/1 Pair ETSI Compatible HDSL Analog Front End
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7346B Datasheet(HTML) 4 Page - Analog Devices

  AD7346B Datasheet HTML 1Page - Analog Devices AD7346B Datasheet HTML 2Page - Analog Devices AD7346B Datasheet HTML 3Page - Analog Devices AD7346B Datasheet HTML 4Page - Analog Devices AD7346B Datasheet HTML 5Page - Analog Devices AD7346B Datasheet HTML 6Page - Analog Devices AD7346B Datasheet HTML 7Page - Analog Devices AD7346B Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AD5011
–4–
REV PrA
PRELIMINARY TECHNICAL DATA
TIMING CHARACTERISTICS (V
DD = +2.7 V to +5.5 V; AGND = DGND = 0 V, unless otherwise noted)
Limit at
TMIN to TMAX
Parameter
(B Version)
Units
Test Conditions/Comments
ADCCLK <= 1160kHz
t1
1.5*t3
ns min
ADCCLK Rising Edge to SCLK Rising Edge Delay
2*t3
ns typ
t2
2.5*t3
ns min
SCLK Rising Edge to ADCCLK Falling Edge Delay
3*t3
ns typ
t3
26.939
ns min
SCLK Period (1/32*ADCCLK Period)
t4
5
ns min
Data Setup Time Before SCLK Falling Edge
t5
10
ns min
Data Hold Time After SCLK Falling Edge
1160 kHz < ADCCLK <= 2320 kHz
t6
20
ns min
ADCCLK Rising Edge to SCLK Rising Edge Delay
1*t8
ns typ
t7
1.5*t8
ns min
SCLK Rising Edge to ADCCLK Falling Edge Delay
2*t8
ns typ
t8
26.939
ns min
SCLK Period (1/16*ADCCLK Period)
t9
5
ns min
Data Setup Time Before SCLK Falling Edge
t10
10
ns min
Data Hold Time After SCLK Falling Edge
TRANSMIT DAC
t11
53.5
ns min
TxCLK Period (1/18.688 MHz)
t12
12
ns min
Data Setup Time Before TxCLK Rising Edge
t13
10
ns min
Data Hold Time After TxCLK Rising Edge
t14
t11
ns min
TxSYNC Low Time
t15
3
ns min
TxCLK Rising Edge to TxSYNC Falling Edge Delay
t11/2
ns max
CONTROL REGISTER
t16
50
ns min
SPICLK Period
76
ns typ
t17
15
ns min
TFS Setup Time Before SPICLK Falling Edge
t16 - 15
ns max
t18
15
ns min
TFS Hold Time After SPICLK Falling Edge
t16 - 15
ns max
t19
t16
ns typ
TFS High Time
t20
7
ns min
DT Setup Time Before SPICLK Falling Edge
t21
10
ns min
DT Hold Time After SPICLK Falling Edge
t22
7
ns min
DR Setup Time Before SPICLK Falling Edge (R/
W = 1)
t23
10
ns min
DR Hold Time After SPICLK Falling Edge (R/
W = 1)
Guaranteed by design but not production tested.
D1 1
D1 0
D 1
D0
AD C CL K
t 1
t 5
D1 1
D 1 0
D9
SCL K
SDO
t 2
t
3
t 4
Figure 1. ADC Timing (ADCCLK <= 1160 kHz)
SCLK activity and serial output data activity does not coincide with the sesitive ADCCLK clock edges


Similar Part No. - AD7346B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73460 AD-AD73460 Datasheet
290Kb / 32P
   Six-Input Channel Analog Front End
REV. 0
AD73460BB-40 AD-AD73460BB-40 Datasheet
290Kb / 32P
   Six-Input Channel Analog Front End
REV. 0
AD73460BB-80 AD-AD73460BB-80 Datasheet
290Kb / 32P
   Six-Input Channel Analog Front End
REV. 0
AD73460 AD-AD73460_15 Datasheet
597Kb / 32P
   Six-Input Channel Analog Front End
REV. A
More results

Similar Description - AD7346B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6472 AD-AD6472 Datasheet
114Kb / 8P
   2 Pair/1 Pair ETSI Compatible HDSL Analog Front End
REV. 0
logo
Burr-Brown (TI)
AFE1205 BURR-BROWN-AFE1205 Datasheet
196Kb / 10P
   2Mbps, Single Pair HDSL ANALOG FRONT END
AFE1203 BURR-BROWN-AFE1203 Datasheet
193Kb / 10P
   2Mbps, Single Pair HDSL ANALOG FRONT END
logo
Texas Instruments
AFE1203E TI-AFE1203E Datasheet
880Kb / 15P
[Old version datasheet]   2Mbps, Single Pair HDSL ANALOG FRONT END
AFE1203 TI1-AFE1203_14 Datasheet
897Kb / 16P
[Old version datasheet]   2Mbps, Single Pair HDSL ANALOG FRONT END
AFE1224 TI1-AFE1224 Datasheet
152Kb / 13P
[Old version datasheet]   2Mbps, Single Pair ANALOG FRONT END
logo
Burr-Brown (TI)
AFE1224 BURR-BROWN-AFE1224 Datasheet
137Kb / 11P
   2Mbps, Single Pair ANALOG FRONT END
AFE1144 BURR-BROWN-AFE1144 Datasheet
114Kb / 11P
   HDSL/MDSL ANALOG FRONT END
AFE1103 BURR-BROWN-AFE1103 Datasheet
204Kb / 10P
   HDSL/MDSL ANALOG FRONT END
AFE1105 BURR-BROWN-AFE1105 Datasheet
206Kb / 10P
   HDSL/MDSL ANALOG FRONT END
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com