Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE2341 Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE2341
Description  P-Channel Enhancement Mode MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE2341 Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE2341_12 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE2341_12 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE2341_12 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE2341_12 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE2341_12 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE2341_12 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE2341_12 Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ACE2341
P-Channel Enhancement Mode MOSFET
VER 1.3
3
Input Capacitance
Ciss
VDS=-6V, VGS=0V,
f=1MHz
700
pF
Output Capacitance
Coss
160
Reverse Transfer Capacitance
Crss
120
Turn-On Time
td(on)
VDD=-6V, RL=6Ω
ID≡-1.0A, VGEN=-4.5V
RG=6Ω
15
25
ns
tr
35
55
Turn-Off Time
td(off)
60
90
tf
40
60
Typical Characteristics
Output Characteristics
Transfer Characteristics
VDS – Drain to Source Voltage (V)
VGS – Gate to Source Voltage (V)
On-Resistance vs. Drain Current
Capacitance
ID – Drain Current (A)
VDS – Drain to Source Voltage (V)


Similar Part No. - ACE2341_12

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE2341B ACE-ACE2341B Datasheet
968Kb / 6P
   P-Channel Enhancement Mode Field Effect Transistor
VER 1.2
More results

Similar Description - ACE2341_12

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com