Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS92510DGQ Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92510DGQ
Description  1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS92510DGQ Datasheet(HTML) 4 Page - Texas Instruments

  TPS92510DGQ Datasheet HTML 1Page - Texas Instruments TPS92510DGQ Datasheet HTML 2Page - Texas Instruments TPS92510DGQ Datasheet HTML 3Page - Texas Instruments TPS92510DGQ Datasheet HTML 4Page - Texas Instruments TPS92510DGQ Datasheet HTML 5Page - Texas Instruments TPS92510DGQ Datasheet HTML 6Page - Texas Instruments TPS92510DGQ Datasheet HTML 7Page - Texas Instruments TPS92510DGQ Datasheet HTML 8Page - Texas Instruments TPS92510DGQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
TPS92510
SLUSAE4A – JANUARY 2012 – REVISED AUGUST 2012
www.ti.com
ELECTRICAL CHARACTERISTICS
–40°C
≤ TJ ≤ 125°C, VVIN = 12 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE (VIN PIN)
VVIN
Input voltage
3.5
60
V
VUVLO
Internal undervoltage lockout threshold
No voltage hysteresis, rising and falling
2.5
V
IVINSD
Shutdown supply current
VEN = 0 V, TA=25°C, 3.5 V ≤ VVIN ≤ 60 V
1.3
4
μA
IVIN
Non-switching supply current
VVSENSE = 210 mV, TA=25°C
305
400
ENABLE AND UVLO (EN PIN)
VEN
Enable threshold voltage
No voltage hysteresis, rising and falling, 25°C
1.10
1.22
1.34
V
VREF threshold +50 mV
–3.8
Input current
μA
VREF threshold –50 mV
–0.9
Hysteresis current
–2.9
μA
VOLTAGE REFERENCE
3.5
≤ VVIN ≤ 60 V, TJ = 25°C
194
200
206
VREF
Voltage reference
mV
3.5
≤ VVIN ≤ 60 V, -40°C ≤ TJ ≤ 125°C
190
210
HIGH-SIDE MOSFET
VVIN = 3.5 V, (VBOOT– VPH) = 3 V
300
RDS(on)
On-resistance
m
VVIN = 12 V, (VBOOT– VPH) = 6 V
200
410
ERROR AMPLIFIER
Input current
50
nA
gM(ea)
Error amplifier transconductance gain
–2
μA < ICOMP < 2 μA, VCOMP = 1 V
310
μA/V
Error amplifier dc gain
VVSENSE = 0.2 V
10
kV/V
Error amplifier bandwidth
2.7
MHz
Error amplifier source/sink
VCOMP = 1 V, 100 mV overdrive
±27
μA
COMP to switch current transconductance
10.5
A/V
CURRENT LIMIT
Current limit threshold
TJ = 25°C
2.5
4.0
A
THERMAL SHUTDOWN
TSD
Thermal shutdown
150
°C
Thermal shutdown hysteresis
20
°C
TIMING RESISTOR AND EXTERNAL CLOCK (RT/CLK PIN)
fSW
Switching frequency range using RT mode
100
2500
kHz
fSW
Switching frequency
RRT = 200 kΩ
450
581
720
kHz
Switching frequency range using CLK mode
300
2200
kHz
Minimum CLK input pulse width
40
ns
RT/CLK high threshold
1.9
2.2
V
RT/CLK low threshold
0.5
0.7
V
RT/CLK falling edge to PH rising edge delay
Measured at 500 kHz with RT resistor in series
60
ns
Phase loop (PLL) lock-in time
fSW = 500 kHz
100
μs
PWM DIMMING (PDIM)
VIH
High-level input voltage
1.35
1.55
V
VIL
Low-level input voltage
0.75
0.90
V
THERMAL FOLDBACK PROTECTION (TSENSE)
PWM ramp valley voltage
0
100
250
mV
PWM ramp peak voltage
1.75
1.95
2.15
V
PWM frequency
3.5
6.0
9.0
kHz
Current source
70
95
125
μA
4
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TPS92510


Similar Part No. - TPS92510DGQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92510DGQ TI1-TPS92510DGQ Datasheet
1Mb / 25P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510DGQR TI1-TPS92510DGQR Datasheet
1Mb / 25P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
More results

Similar Description - TPS92510DGQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92510 TI1-TPS92510 Datasheet
1Mb / 25P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510EVM-011 TI1-TPS92510EVM-011 Datasheet
1Mb / 22P
[Old version datasheet]   1.5-A, Constant-Current, Non-Synchronous Buck Converter for High-Brightness LEDs with Integrated Thermal Foldback
logo
National Semiconductor ...
LM3424_0910 NSC-LM3424_0910 Datasheet
1Mb / 50P
   Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
logo
Texas Instruments
LM3424 TI1-LM3424_14 Datasheet
1Mb / 62P
[Old version datasheet]   Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
logo
National Semiconductor ...
LM3424 NSC-LM3424 Datasheet
1Mb / 50P
   Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
logo
Texas Instruments
LM3424 TI1-LM3424 Datasheet
2Mb / 69P
[Old version datasheet]   Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
logo
Grenergy Opto, lnc.
GR6004 GRENERGY-GR6004 Datasheet
756Kb / 13P
   Constant Current Switching Converter for High Brightness LED Driving
logo
STMicroelectronics
UM0422 STMICROELECTRONICS-UM0422 Datasheet
252Kb / 14P
   Constant current controller for high brightness LEDs
logo
National Semiconductor ...
LM3405 NSC-LM3405_08 Datasheet
181Kb / 6P
   Powering and Dimming High-Brightness LEDs with the LM3405 Constant-Current Buck Regulator
logo
Texas Instruments
LM3407 TI1-LM3407 Datasheet
1Mb / 22P
[Old version datasheet]   Constant Current Output Floating Buck Switching Converter for High Power LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com