Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

62-227B Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # 62-227B
Description  SMD MID POWER LED
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

62-227B Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  62-227B Datasheet HTML 1Page - Everlight Electronics Co., Ltd 62-227B Datasheet HTML 2Page - Everlight Electronics Co., Ltd 62-227B Datasheet HTML 3Page - Everlight Electronics Co., Ltd 62-227B Datasheet HTML 4Page - Everlight Electronics Co., Ltd 62-227B Datasheet HTML 5Page - Everlight Electronics Co., Ltd 62-227B Datasheet HTML 6Page - Everlight Electronics Co., Ltd 62-227B Datasheet HTML 7Page - Everlight Electronics Co., Ltd 62-227B Datasheet HTML 8Page - Everlight Electronics Co., Ltd 62-227B Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
DATASHEET
SMD
MID POWER LED
62-227B/XK2C-SXXXXXXXXXXZ12/2T
4
Copyright © 2010, Everlight All Rights Reserved. Release Date : 03.Apr.2012. Issue No: V4
Issue No: DSE-0005796
www.everlight.com
Device Selection Guide
Chip
Materials
Emitted Color
Resin Color
InGaN
Cool White
Neutral White
Warm White
Water Clear
Absolute Maximum Ratings (TSoldering=25℃
℃)
Parameter
Symbol
Rating
Unit
Forward Current
IF
200
mA
Peak Forward Current (Duty 1/10 @10ms)
IFP
600
mA
Power Dissipation
Pd
740
mW
Electrostatic Discharge(HBM)
ESD
2000
V
Operating Temperature
Topr
-40 ~ +85
Storage Temperature
Tstg
-40 ~ +100
Thermal Resistance (Junction / Soldering point)
Rth J-S
22
℃/W
Junction Temperature
T j
115
Soldering Temperature
Tsol
Reflow Soldering : 260
℃ for 10 sec.
Hand Soldering : 350
℃ for 3 sec.
Notes:
1. The value are based on two dies parallel connected..
2. The products are sensitive to static electricity and must be carefully taken when handling products.
Electro-Optical Characteristics (TSoldering=25℃
℃)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Luminous Flux
Φ
27
-----
52
lm
IF=120mA
Forward Voltage
VF
2.9
-----
3.6
V
IF=120mA
Viewing Angle
1/2
-----
120
-----
deg
IF=120mA
Notes:
1. The value are based on two dies for parallel connected.
2. Tolerance of Luminous flux: ±11%.
3. Tolerance of Forward Voltage : ±0.1V.


Similar Part No. - 62-227B

ManufacturerPart #DatasheetDescription
logo
Advanced Technical Mate...
62-201-2 ATM-62-201-2 Datasheet
82Kb / 1P
   STANDARD GAIN HORN
62-203-2 ATM-62-203-2 Datasheet
82Kb / 1P
   STANDARD GAIN HORN
logo
A-BRIGHT Inc
62-217ASW2C1H A-BRIGHT-62-217ASW2C1H Datasheet
948Kb / 10P
   Power Warm White Surface Mount Device
62-217ASW2C2H A-BRIGHT-62-217ASW2C2H Datasheet
1Mb / 11P
   Power Warm White Surface Mount Device
62-217AUW2C1H A-BRIGHT-62-217AUW2C1H Datasheet
1Mb / 13P
   Power White Surface Mount Device
More results

Similar Description - 62-227B

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
62-217D EVERLIGHT-62-217D Datasheet
508Kb / 18P
   SMD MID POWER LED
62-217B EVERLIGHT-62-217B Datasheet
430Kb / 18P
   SMD MID POWER LED
logo
Seoul Semiconductor
SAW8A62E-E2 SEOUL-SAW8A62E-E2 Datasheet
1Mb / 31P
   Mid-Power LED
SAW8A32E-E2 SEOUL-SAW8A32E-E2 Datasheet
1Mb / 31P
   Mid-Power LED
STW8A12D SEOUL-STW8A12D Datasheet
1Mb / 26P
   Mid-Power LED
logo
Everlight Electronics C...
EAHP2835BA1 EVERLIGHT-EAHP2835BA1 Datasheet
434Kb / 10P
   MID Power LED
logo
Seoul Semiconductor
SAW9A62E-E2 SEOUL-SAW9A62E-E2 Datasheet
1Mb / 31P
   Mid-Power LED
logo
Luminus, Inc
MP-3014-2100 LUMINUS-MP-3014-2100 Datasheet
810Kb / 15P
   Mid Power LED
MP-3020-2100-27-80 LUMINUS-MP-3020-2100-27-80 Datasheet
1Mb / 14P
   Mid Power LED
logo
Seoul Semiconductor
STB0A12D SEOUL-STB0A12D Datasheet
877Kb / 19P
   Mid-Power LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com