Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7376 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7376
Description  2-Channel, 256-Position Digital Potentiometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7376 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7376 Datasheet HTML 2Page - Analog Devices AD7376 Datasheet HTML 3Page - Analog Devices AD7376 Datasheet HTML 4Page - Analog Devices AD7376 Datasheet HTML 5Page - Analog Devices AD7376 Datasheet HTML 6Page - Analog Devices AD7376 Datasheet HTML 7Page - Analog Devices AD7376 Datasheet HTML 8Page - Analog Devices AD7376 Datasheet HTML 9Page - Analog Devices AD7376 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV. 0
AD5207
–6–
TEMPERATURE – C
45
–40
20
15
10
5
0
–20
0
20406080
100
25
120
30
35
40
VDD = 5.5V
TPC 7. Shutdown Current vs. Temperature
VSUPPLY – V
160
06
140
120
100
80
60
40
20
0
5
4
3
2
1
VDD = 3V
VDD = 5V
TPC 8. Wiper ON Resistance vs. VSUPPLY
FREQUENCY – Hz
1000
10k
900
800
700
600
500
400
300
200
100
0
100k
1M
10M
CODE FFH
ISS @ VDD/VSS = 2.5V
IDD @ VDD/VSS = 2.5V
IDD @ VDD/VSS = 5V/0V
IDD @ VDD/VSS = 3V/0V
TPC 9. 10 k
Ω Supply Current vs. Clock Frequency
FREQUENCY – Hz
1000
10k
900
800
700
600
500
400
300
200
100
0
100k
1M
10M
CODE 55H
ISS @ VDD/VSS = 2.5V
IDD @ VDD/VSS = 2.5V
IDD @ VDD/VSS = 5V/0V
IDD @ VDD/VSS = 3V/0V
TPC 10. 10 k
Ω Supply Current vs. Clock Frequency
FREQUENCY – Hz
100
1k
10k
1M
100k
80
60
40
20
0
–PSRR @ VDD = 3V DC 10% p-p AC
+PSRR @ VDD = 5V DC 10% p-p AC
+PSRR @ VDD = 3V DC 10% p-p AC
CODE = 80H,VA = VDD, VB = 0V
TPC 11. Power Supply Rejection Ratio vs. Frequency
FREQUENCY – Hz
–54
1k
10k
100k
1M
–48
–42
–36
–30
–24
–18
–12
–6
0
–60
DATA = 01H
DATA = 02H
DATA = 04H
DATA = 08H
DATA = 10H
DATA = 20H
DATA = 40H
DATA = 80H
VDD = +2.7V
VSS = –2.7V
VA = 100mV rms
TA = 25 C
VA
OP42
TPC 12. 10 k
Ω Gain vs. Frequency vs. Code


Similar Part No. - AD7376

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7376 AD-AD7376 Datasheet
268Kb / 20P
   8-Bit Dual Nonvolatile Memory Digital Potentiometer
REV. 0
AD7376 AD-AD7376 Datasheet
335Kb / 12P
   -15 V Operation Digital Potentiometer
REV. 0
AD7376 AD-AD7376 Datasheet
749Kb / 16P
   256-Position and 33-Position Digital Potentiometers
REV. B
AD7376AN10 AD-AD7376AN10 Datasheet
335Kb / 12P
   -15 V Operation Digital Potentiometer
REV. 0
AD7376AN100 AD-AD7376AN100 Datasheet
335Kb / 12P
   -15 V Operation Digital Potentiometer
REV. 0
More results

Similar Description - AD7376

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5207 AD-AD5207_15 Datasheet
703Kb / 16P
   2-Channel, 256-Position Digital Potentiometer
REV. 0
AD5207BRUZ10 AD-AD5207BRUZ10 Datasheet
631Kb / 16P
   2-Channel, 256-Position Digital Potentiometer
REV. 0
AD5245BRJ50 AD-AD5245BRJ50 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5162BRMZ10 AD-AD5162BRMZ10 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162BRMZ2.5 AD-AD5162BRMZ2.5 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5245 AD-AD5245_15 Datasheet
687Kb / 20P
   256-Position IC-Compatible Digital Potentiometer
REV. B
AD5162 AD-AD5162_15 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
logo
ON Semiconductor
CAT5171 ONSEMI-CAT5171 Datasheet
171Kb / 12P
   256-Position I2C Compatible Digital Potentiometer
August, 2009 ??Rev. 1
logo
Analog Devices
AD5160 AD-AD5160_15 Datasheet
480Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. C
AD5245BRJZ10-RL7 AD-AD5245BRJZ10-RL7 Datasheet
687Kb / 20P
   256-Position I2C짰-Compatible Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com