Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A4402 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # A4402
Description  The A4402 is a dual-output regulator, combining in a single package a constant on-time buck regulator and a linear regulator (LDO)?봢ach with adjustable output voltages.
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4402 Datasheet(HTML) 3 Page - Allegro MicroSystems

  A4402_12 Datasheet HTML 1Page - Allegro MicroSystems A4402_12 Datasheet HTML 2Page - Allegro MicroSystems A4402_12 Datasheet HTML 3Page - Allegro MicroSystems A4402_12 Datasheet HTML 4Page - Allegro MicroSystems A4402_12 Datasheet HTML 5Page - Allegro MicroSystems A4402_12 Datasheet HTML 6Page - Allegro MicroSystems A4402_12 Datasheet HTML 7Page - Allegro MicroSystems A4402_12 Datasheet HTML 8Page - Allegro MicroSystems A4402_12 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Constant On-Time Buck Converter
With Integrated Linear Regulator
A4402
3
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Functional Block Diagram
ENB
VO2
NPOR
VFB2
Internal
Regulator
VIN1
ENB
1
3.3 V
250 mA
VO2
FAULT
TSD
VIN2
L1
33 μH
LX
FB1
Switch PWM
Control
Switch
Disable
Boot
Charge
10
VBAT
FB2
VIN2
POR
CPOR
Soft Start
Ramp Generator
Watchdog Timer
TSET
CTSET
VREF
VREF
VREF
VSW
VLIN
5V
0.1
ISEN
VSW
VREG
VREG
0.01
4.7
20
VIN1
Rton
750 kΩ
4.7 kΩ
WDI
WDI
0.15 μF
μF
0.33
R3
10
R4
5.62
R
RSENSE
1
31.6
R2
9.76
GND
GND
μF
μF
μF
μF
μF
Pin-out Diagram
Terminal List Table
Number
Name
Function
1
TON
On time setting terminal
2
GND
Ground
3
FB2
Feedback for VLIN
4
VIN2
Input voltage 2
5
VO2
Regulator 2 output
6
WDI
Watchdog input
7
TSET
Soft start and watchdog timing capacitor terminal
8
NPOR
Fault output
9
FB1
Feedback for VSW
10
POR
POR delay
11
ISEN
Current sense, limit setting for switching regulator, connect to GND
through series resistor
12
BOOT
Boot node for LX
13
LX
Switching regulator output
14
GND
Ground
15
VIN1
Input voltage 1
16
ENB
Enable input
PAD
Exposed thermal pad
TON
GND
FB2
VIN2
VO2
WDI
TSET
NPOR
ENB
VIN1
GND
LX
BOOT
ISEN
POR
FB1
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
PAD


Similar Part No. - A4402_12

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4402 ALLEGRO-A4402_1 Datasheet
378Kb / 15P
   Constant On-Time Buck Converter with Integrated Linear Regulator
More results

Similar Description - A4402_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM138QML TI1-LM138QML Datasheet
715Kb / 34P
[Old version datasheet]   Military Grade 5-A Adjustable Output Linear Regulator
logo
Vishay Siliconix
SIP12116 VISHAY-SIP12116_V01 Datasheet
978Kb / 17P
   3 A Current Mode Constant On-Time Synchronous Buck Regulator
01-Jan-2022
SIP12117 VISHAY-SIP12117_V01 Datasheet
965Kb / 17P
   3 A Current Mode Constant On-Time Synchronous Buck Regulator
01-Jan-2022
logo
ON Semiconductor
CS52015-1 ONSEMI-CS52015-1 Datasheet
242Kb / 9P
   1.5 A Adjustable Linear Regulator
September, 2006 ??Rev. 7
NCP1086 ONSEMI-NCP1086 Datasheet
102Kb / 14P
   1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
July, 2004 ??Rev. 4
logo
Vishay Siliconix
SIP12116 VISHAY-SIP12116 Datasheet
942Kb / 18P
   3 A Current Mode Constant On-Time Synchronous Buck Regulator
Rev. C, 06-Mar-17
SIP12117 VISHAY-SIP12117 Datasheet
926Kb / 18P
   3 A Current Mode Constant On-Time Synchronous Buck Regulator
Rev. B, 06-Mar-17
logo
ON Semiconductor
NCP1086 ONSEMI-NCP1086_05 Datasheet
121Kb / 14P
   1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
May, 2005 ??Rev. 6
CS5205A-1 ONSEMI-CS5205A-1 Datasheet
219Kb / 8P
   5.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 7
CS5201-1 ONSEMI-CS5201-1 Datasheet
213Kb / 9P
   1.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com