Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8828 Datasheet(PDF) 6 Page - Active-Semi, Inc

Part # ACT8828
Description  Six Channel ActivePathTM Power Management IC
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8828 Datasheet(HTML) 6 Page - Active-Semi, Inc

Back Button ACT8828_12 Datasheet HTML 2Page - Active-Semi, Inc ACT8828_12 Datasheet HTML 3Page - Active-Semi, Inc ACT8828_12 Datasheet HTML 4Page - Active-Semi, Inc ACT8828_12 Datasheet HTML 5Page - Active-Semi, Inc ACT8828_12 Datasheet HTML 6Page - Active-Semi, Inc ACT8828_12 Datasheet HTML 7Page - Active-Semi, Inc ACT8828_12 Datasheet HTML 8Page - Active-Semi, Inc ACT8828_12 Datasheet HTML 9Page - Active-Semi, Inc ACT8828_12 Datasheet HTML 10Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
ACT8828
Rev 7, 15-Nov-12
Innovative Power
TM
- 6 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
PIN DESCRIPTIONS CONT’D
PIN
NAME
DESCRIPTION
24
nPBIN
Master Enable Input. Drive nPBIN to GA through a 100kΩ resistor to enable the IC, drive nPBIN
directly to GA to assert a Hard-Reset condition. Refer to the System Startup & Shutdown section
for more information. nPBIN is internally pulled up to VSYS through a 50kΩ resistor.
25
OUT3
Output Feedback Sense for REG3. Connect this pin directly to the output node to connect the
internal feedback network to the output voltage.
26
GP3
Power Ground for REG3. Connect GA, GP1, GP2, GP3, and GP4 together at a single point as
close to the IC as possible.
27
SW3
Switching Node Output for REG3. Connect this pin to the switching end of the inductor.
28
VP3
Power Input for REG3. Bypass to GP3 with a high quality ceramic capacitor placed as close as
possible to the IC.
29
FB4
Feedback Sense for REG4. Connect this pin to the LED string current sense resistor to sense the
LED current.
30
OVP4
Over-Voltage Protection Input for REG4. Connect this pin to the output node through a 10kΩ
resistor to sense and prevent over-voltage conditions.
31
GP4
Power Ground for REG4. Connect GP4 directly to a power ground plane. Connect GA, GP1, GP2,
GP3, and GP4 together at a single point as close to the IC as possible.
32
SW4
Switching Node Output for REG4. Connect this pin to the switching end of the inductor.
33
nSTAT
Active-Low Open-Drain Charger Status Output. nSTAT has a 5mA (typ) current limit, allowing it to
directly drive an indicator LED without additional external components. To generate a logic-level
output, connect nSTAT to an appropriate supply voltage (typically VSYS) through a 10kΩ or
greater pull-up resistor. See the Charge Status Indication section for more information.
34
ON2
Independent Enable Control Input for REG2. Drive ON2 to a logic high for normal operation, drive to
GA or a logic low to disable REG2. Do not leave ON2 floating.
35
GA
Analog Ground. Connect GA directly to a quiet ground node. Connect GA, GP1, GP2, GP3, and
GP4 together at a single point as close to the IC as possible.
36
REFBP
Reference Noise Bypass. Connect a 0.01µF ceramic capacitor from REFBP to GA. This pin is
discharged to GA in shutdown.
37
ON4
Independent Enable Control Input for REG4. Drive ON4 to a logic high for normal operation, drive to
GA or a logic low to disable REG4. Do not leave ON4 floating.
38
nRSTO
Open-Drain Reset Output. nRSTO asserts low whenever REG1 is out of regulation, and remains
low for 260ms (typ) after REG1 reaches regulation.
39
nIRQ
Open-Drain Interrupt Output. nIRQ asserts any time nPBIN is asserted or an unmasked fault
condition exists. When asserted by nPBIN, nIRQ automatically de-asserts when nPBIN is
released. When asserted by an unmasked fault condition, nIRQ remains asserted until the
ACT8828 is polled by the microprocessor. See the nIRQ Output section for more information.
40
CHGLEV
Charging State Select Input.
When ACIN = 0 charge current is internally set; Drive CHGLEV to a logic-high for high-current
USB charging mode (maximum charge current is 500mA), drive CHGLEV to a logic-low for low-
current USB charging mode (maximum charge current is 100mA).
When ACIN = 1 charge current is externally set by RISET; Drive CHGLEV to a logic-high to for high
-current charging mode (ISET (mA) = KISET × 1V/(RISET (kΩ) +0.031) where KISET = 628), drive
CHGLEV to a logic-low for low-current charging mode (ISET (mA) = KISET × 1V/(RISET (kΩ) + 31)
where KISET = 314). Do not leave CHGLEV floating.
EP
EP
Exposed Pad. Must be soldered to ground on the PCB.


Similar Part No. - ACT8828_12

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8828 ACTIVE-SEMI-ACT8828_10 Datasheet
666Kb / 13P
   Three Channel Integrated Power Management IC for Handheld Portable Equipment
Rev 6, 09-Jun-10
ACT8828 ACTIVE-SEMI-ACT8828_14 Datasheet
719Kb / 51P
   Six Channel ActivePathTM Power Management IC
Rev 7, 15-Nov-12
More results

Similar Description - ACT8828_12

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8828 ACTIVE-SEMI-ACT8828_09 Datasheet
639Kb / 49P
   Six Channel ActivePathTM Power Management IC
Rev 3, 24-Sep-09
ACT8828 ACTIVE-SEMI-ACT8828_14 Datasheet
719Kb / 51P
   Six Channel ActivePathTM Power Management IC
Rev 7, 15-Nov-12
ACT8810 ACTIVE-SEMI-ACT8810_14 Datasheet
766Kb / 54P
   Eight Channel ActivePathTM Power Management IC
Rev 9, 15-Nov-12
ACT8810 ACTIVE-SEMI-ACT8810_09 Datasheet
889Kb / 52P
   Eight Channel ActivePathTM Power Management IC
Rev 4, 01-Oct-09
ACT8828 ACTIVE-SEMI-ACT8828 Datasheet
141Kb / 2P
   Six Channel ActivePath??Power Management IC
12-Mar-09
ACT8796 ACTIVE-SEMI-ACT8796_08 Datasheet
657Kb / 34P
   Six Channel Integrated Power Management IC for Handheld Portable Equipment
Rev1, 10-Oct-08
ACT8796 ACTIVE-SEMI-ACT8796_09 Datasheet
692Kb / 34P
   Six Channel Integrated Power Management IC for Handheld Portable Equipment
Rev 2, 16-Nov-09
ACT8770 ACTIVE-SEMI-ACT8770 Datasheet
111Kb / 2P
   Six Channel Integrated Power Management IC for Handheld Portable Equipment
19-Feb-08
ACT8740 ACTIVE-SEMI-ACT8740 Datasheet
111Kb / 2P
   Six Channel Integrated Power Management IC for Handheld Portable Equipment
03-Feb-08
ACT8780 ACTIVE-SEMI-ACT8780 Datasheet
107Kb / 2P
   Six Channel Integrated Power Management IC for Handheld Portable Equipment
03-Feb-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com