Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1381 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A1381
Description  Programmable Linear Hall Effect Sensor ICs with Analog Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1381 Datasheet(HTML) 5 Page - Allegro MicroSystems

  A1381 Datasheet HTML 1Page - Allegro MicroSystems A1381 Datasheet HTML 2Page - Allegro MicroSystems A1381 Datasheet HTML 3Page - Allegro MicroSystems A1381 Datasheet HTML 4Page - Allegro MicroSystems A1381 Datasheet HTML 5Page - Allegro MicroSystems A1381 Datasheet HTML 6Page - Allegro MicroSystems A1381 Datasheet HTML 7Page - Allegro MicroSystems A1381 Datasheet HTML 8Page - Allegro MicroSystems A1381 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Programmable Linear Hall Effect Sensor ICs with Analog Output
Available in a Miniature Thin Profile Surface Mount Package
A1381, A1382,
A1383, and A1384
5
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
ERROR COMPONENTS
Linearity Sensitivity Error
LinERR
±1.5
%
Symmetry Sensitivity Error
SymERR
±1.5
%
Ratiometry Quiescent Voltage
Output Error13
RatERRVOUT(Q)
±1.5
%
Ratiometry Sensitivity Error13
RatERRSens
±1.5
%
Ratiometry Clamp Error14
RatERRCLP
TA = 25°C
±1.5
%
DRIFT CHARACTERISTICS
Quiescent Voltage Output Drift
Through Temperature Range
∆VOUT(Q)
A1381
TA = 150°C
±60
mV
A1382
±50
mV
A1383
±40
mV
A1384
±40
mV
Sensitivity Drift Through
Temperature Range15
∆SensTC
–±3
%
Sensitivity Drift Due to Package
Hysteresis1
∆SensPKG
TA = 25°C; after temperature cycling
±2
%
1See Characteristic Definitions section.
2fC varies up to approximately ± 20% over the full operating ambient temperature range, TA, and process.
3Unit of measure (phase degrees) in reference to the magnetic input signal.
4Sens, VOUT(Q), VCLP(LOW), and VCLP(HIGH) scale with VCC due to ratiometry.
5Raw device characteristic values before any programming.
6Programmed at 150°C and calculated relative to 25°C.
7VOUT(Q)(max) is the value available with all programming fuses blown (maximum programming code set). The VOUT(Q) range is the total range from
VOUT(Q)init up to and including VOUT(Q)(max). See Characteristic Definitions section.
8Step size is larger than required, in order to provide for manufacturing spread. See Characteristic Definitions section.
9Non-ideal behavior in the programming DAC can cause the step size at each significant bit rollover code to be greater than twice the maximum
specified value of StepVOUT(Q), StepSENS, or StepTCSENS.
10Overall programming value accuracy. See Characteristic Definitions section.
11Sens(max) is the value available with all programming fuses blown (maximum programming code set). Sens range is the total range from Sensinit up
to and including Sens(max). See Characteristic Definitions section.
12Default polarity is for VOUT voltage to increase with a positive (south polarity) field applied to the branded face of the device.
13Percent change from actual value at VCC = 5 V, for a given temperature, over the guaranteed supply voltage operating range.
14Percent change from actual value at VCC = 5 V, TA = 25°C, over the guaranteed supply voltage operating range.
15Sensitivity drift from expected value at TA after programming TCSENS. See Characteristic Definitions section.
OPERATING CHARACTERISTICS (continued), valid over full operating temperature range,TA; CBYPASS= 0.1 μF, VCC = 5 V, unless otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units


Similar Part No. - A1381

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1381 ALLEGRO-A1381 Datasheet
404Kb / 18P
   Programmable Linear Hall Effect Sensors with Analog Output Available in a Miniature Thin Profile Surface Mount Package
December 10, 2012
A1381ELHLT-T ALLEGRO-A1381ELHLT-T Datasheet
404Kb / 18P
   Programmable Linear Hall Effect Sensors with Analog Output Available in a Miniature Thin Profile Surface Mount Package
December 10, 2012
A1381EUA-T ALLEGRO-A1381EUA-T Datasheet
404Kb / 18P
   Programmable Linear Hall Effect Sensors with Analog Output Available in a Miniature Thin Profile Surface Mount Package
December 10, 2012
A1381EUATI-T ALLEGRO-A1381EUATI-T Datasheet
404Kb / 18P
   Programmable Linear Hall Effect Sensors with Analog Output Available in a Miniature Thin Profile Surface Mount Package
December 10, 2012
A1381LLHLT-T ALLEGRO-A1381LLHLT-T Datasheet
404Kb / 18P
   Programmable Linear Hall Effect Sensors with Analog Output Available in a Miniature Thin Profile Surface Mount Package
December 10, 2012
More results

Similar Description - A1381

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1388 ALLEGRO-A1388 Datasheet
842Kb / 12P
   Linear Hall-Effect Sensor ICs with Analog Output
A1324-26 ALLEGRO-A1324-26 Datasheet
291Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1324LUA-T ALLEGRO-A1324LUA-T Datasheet
291Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1324 ALLEGRO-A1324 Datasheet
292Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1324LLHLT-T ALLEGRO-A1324LLHLT-T Datasheet
291Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1324 ALLEGRO-A1324_16 Datasheet
1,004Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1325LLHLT-T ALLEGRO-A1325LLHLT-T Datasheet
1Mb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1360 ALLEGRO-A1360 Datasheet
620Kb / 25P
   Low-Noise Programmable Linear Hall Effect Sensor ICs with
logo
Honeywell Accelerometer...
SS49E-F HONEYWELL-ACC-SS49E-F Datasheet
621Kb / 7P
   Linear Hall-Effect Sensor ICs
logo
Allegro MicroSystems
A1360_V ALLEGRO-A1360_V Datasheet
623Kb / 26P
   Low-Noise Programmable Linear Hall Effect Sensor ICs with Adjustable Bandwidth (50 kHz Maximum) and Analog Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com