Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8891 Datasheet(PDF) 2 Page - Active-Semi, Inc

Part # ACT8891
Description  Advanced PMU for Rockchip RK2918 Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8891 Datasheet(HTML) 2 Page - Active-Semi, Inc

  ACT8891 Datasheet HTML 1Page - Active-Semi, Inc ACT8891 Datasheet HTML 2Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ACT8891
Product Brief, 05-Dec-11
®
Innovative Power
TM
- 2 -
www.active-semi.com
Copyright © 2011 Active-Semi, Inc.
REG6
LDO
REG7
LDO
ACT8891
SDA
VP2
GP2
SW2
OUT2
OUT2
VP1
GP1
SW1
OUT1
OUT1
To Battery
OUT7
OUT6
REG5
LDO
OUT5
OUT7
OUT6
OUT5
System
Control
nIRQ
REG4
LDO
OUT4
OUT4
INL45
REFBP
Reference
VP3
GP3
SW3
OUT3
OUT3
GA
EP
To Battery
To Battery
To Battery
nPBSTAT
PWRHLD
SCL
VSEL
OUT1
OUT1
nPBIN
PUSH BUTTON
VDDREF
Serial
Interface
nRSTO
OUT1
INL67
To Battery
To Battery
VDDREF
Active-Semi
PRODUCT OPTIONS
Block
Function
Output Voltage
Capability
REG1
Step-Down DC/DC
0.6V to 3.9V
1150mA
REG2
Step-Down DC/DC
1150mA
REG3
Step-Down DC/DC
1300mA
REG4
LDO
0.6V to 3.9V
320mA
REG5
LDO
320mA
REG6
LDO
320mA
REG7
LDO
320mA
0.6V to 3.9V
0.6V to 3.9V
0.6V to 3.9V
0.6V to 3.9V
0.6V to 3.9V
FUNCTIONAL BLOCK DIAGRAM


Similar Part No. - ACT8891

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8891 ACTIVE-SEMI-ACT8891 Datasheet
497Kb / 30P
   Advanced PMU for Rockchip RK2918 Processor
Rev 1, 06-Sep-13
ACT8891Q4I133-T ACTIVE-SEMI-ACT8891Q4I133-T Datasheet
497Kb / 30P
   Advanced PMU for Rockchip RK2918 Processor
Rev 1, 06-Sep-13
ACT8891 ACTIVE-SEMI-ACT8891_14 Datasheet
497Kb / 30P
   Advanced PMU for Rockchip RK2918 Processor
Rev 1, 06-Sep-13
More results

Similar Description - ACT8891

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8891 ACTIVE-SEMI-ACT8891_14 Datasheet
497Kb / 30P
   Advanced PMU for Rockchip RK2918 Processor
Rev 1, 06-Sep-13
ACT8941A ACTIVE-SEMI-ACT8941A Datasheet
757Kb / 42P
   Advanced PMU for Rockchip RK2906/RK2918 Processor
Rev 0, 12-Mar-13
ACT8931A ACTIVE-SEMI-ACT8931A_14 Datasheet
756Kb / 43P
   Advanced PMU for Rockchip RK2928/RK2926 Processors
Rev 3, 29-Nov-12
ACT8931A ACTIVE-SEMI-ACT8931A Datasheet
757Kb / 42P
   Advanced PMU for Rockchip RK2928/RK2926 Processors
Rev 3, 29-Nov-12
ACT8899 ACTIVE-SEMI-ACT8899 Datasheet
78Kb / 2P
   Advanced PMU for Freescale i.MX53 Processor
05-Dec-11
ACT8939 ACTIVE-SEMI-ACT8939 Datasheet
91Kb / 2P
   Advanced PMU for Freescale i.MX53 Processor
05-Dec-11
ACT8939 ACTIVE-SEMI-ACT8939_14 Datasheet
98Kb / 3P
   Advanced PMU for Freescale i.MX53 Processor
15-Aug-13
ACT8942 ACTIVE-SEMI-ACT8942_14 Datasheet
830Kb / 44P
   Advanced PMU for Amlogic AML8726-M3 Processor
Rev 2, 15-Nov-12
ACT8942QJ133-T ACTIVE-SEMI-ACT8942QJ133-T Datasheet
111Kb / 2P
   Advanced PMU for Amlogic AML8726-M3 Processor
05-Dec-12
ACT8942 ACTIVE-SEMI-ACT8942 Datasheet
111Kb / 2P
   Advanced PMU for Amlogic AML8726-M3 Processor
05-Dec-12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com