Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A4933 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A4933
Description  The A4933 is a 3-phase controller for use with N-channel external power MOSFETs and is specifically designed for automotive applications.
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4933 Datasheet(HTML) 1 Page - Allegro MicroSystems

  A4933 Datasheet HTML 1Page - Allegro MicroSystems A4933 Datasheet HTML 2Page - Allegro MicroSystems A4933 Datasheet HTML 3Page - Allegro MicroSystems A4933 Datasheet HTML 4Page - Allegro MicroSystems A4933 Datasheet HTML 5Page - Allegro MicroSystems A4933 Datasheet HTML 6Page - Allegro MicroSystems A4933 Datasheet HTML 7Page - Allegro MicroSystems A4933 Datasheet HTML 8Page - Allegro MicroSystems A4933 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Description
The A4933 is a 3-phase controller for use with N-channel
external power MOSFETs and is specifically designed for
automotive applications.
A unique charge pump regulator provides full (>10 V) gate
drive for battery voltages down to 7 V and allows the A4933
to operate with a reduced gate drive, down to 5.5 V.
A bootstrap capacitor is used to provide the above-battery
supply voltage required for N-channel MOSFETs. An internal
charge pump for the high-side drive allows DC (100% duty
cycle) operation.
Full control over all six power FETs in the 3-phase bridge is
provided, allowing motors to be driven with block commutation
or sinusoidal excitation. The power FETs are protected from
shoot-through by integrated crossover control and resistor-
adjustable dead time.
Bridge current can be measured using an integrated current
sense amplifier. This is an uncommitted differential amplifier
with a below-ground common mode range allowing it to be
used in low-side current sense applications. Gain and offset
are defined by external resistors.
4933-DS
Features and Benefits
▪ High current 3-phase gate drive for large N-channel
MOSFETs
▪ Pin compatible with Allegro® A4935KJP
▪ Cross-conduction protection with adjustable dead time
▪ Top-off charge pump for 100% PWM
▪ Charge pump for low supply voltage operation
▪ Uncommitted current sense amplifier
▪ 5.5 to 50 V supply voltage range
▪ Compatible with 3.3 V and 5 V logic
▪ Extensive diagnostic outputs
▪ Low-current sleep mode
Automotive 3-Phase MOSFET Driver
Continued on the next page…
Package: 48-pin LQFP with exposed
thermal pad (suffix JP)
Typical Application
Not to scale
A4933
VBAT
VBAT
A4405
Regulator
Current Sense
3-Phase
BLDC
Motor
A4933
DSP
or
Micro-
controller
Control
Diagnostics


Similar Part No. - A4933

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4933KJPTR-T ALLEGRO-A4933KJPTR-T Datasheet
452Kb / 25P
   Automotive 3-Phase MOSFET Driver
A4933 ALLEGRO-A4933_16 Datasheet
452Kb / 25P
   Automotive 3-Phase MOSFET Driver
More results

Similar Description - A4933

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4935 ALLEGRO-A4935_12 Datasheet
452Kb / 25P
   The A4935 is a 3-phase controller for use with N-channel external power MOSFETs and is specifically designed for automotive applications.
A4960 ALLEGRO-A4960 Datasheet
599Kb / 34P
   The A4960 is a three-phase, sensorless, brushless DC (BLDC) motor controller for use with external N-channel power MOSFETs and is specifically designed for automotive applications.
A4957 ALLEGRO-A4957 Datasheet
315Kb / 16P
   The A4957 is a full-bridge controller for use with external N-channel power MOSFETs and is specifically designed for applications with high-power inductive loads such as brush DC motors.
logo
International Rectifier
AUIRFS3207Z IRF-AUIRFS3207Z Datasheet
266Kb / 13P
   Specifically designed for Automotive applications
AUIRFP4004 IRF-AUIRFP4004 Datasheet
281Kb / 11P
   Specifically designed for Automotive applications
AUIRLR2905Z IRF-AUIRLR2905Z Datasheet
278Kb / 13P
   Specifically designed for Automotive applications
AUIRFR4620 IRF-AUIRFR4620 Datasheet
241Kb / 12P
   Specifically designed for Automotive applications
logo
List of Unclassifed Man...
LD1207 ETC1-LD1207 Datasheet
319Kb / 17P
   The LD1207 is specifically designed for LED DISPLAY drivers
logo
International Rectifier
IRDC3065 IRF-IRDC3065 Datasheet
540Kb / 6P
   The IRU3065 controller is designed to provide solutions for the applications requiring low power on board switching regulators. The IRU3065 is specifically
logo
Enpirion, Inc.
EV1320QI ENPIRION-EV1320QI Datasheet
1Mb / 20P
   The EV1320QI is a DC to DC converter specifically designed for memory termination applications.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com