Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A4953 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A4953
Description  Designed for pulse width modulated (PWM) control of DC motors, the A4952 and A4953 are capable of peak output currents to 짹2 A and operating voltages to 40 V.
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4953 Datasheet(HTML) 2 Page - Allegro MicroSystems

  A4953 Datasheet HTML 1Page - Allegro MicroSystems A4953 Datasheet HTML 2Page - Allegro MicroSystems A4953 Datasheet HTML 3Page - Allegro MicroSystems A4953 Datasheet HTML 4Page - Allegro MicroSystems A4953 Datasheet HTML 5Page - Allegro MicroSystems A4953 Datasheet HTML 6Page - Allegro MicroSystems A4953 Datasheet HTML 7Page - Allegro MicroSystems A4953 Datasheet HTML 8Page - Allegro MicroSystems A4953 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Full-Bridge DMOS PWM Motor Drivers
A4952 and
A4953
2
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Terminal List Table
Name
Number
Function
A4952
A4953
FLTn
1
Fault output, active low
GND
10
1
Ground
IN1
4
3
Logic input 1
IN2
3
2
Logic input 2
LSS
8
7
Power return – sense resistor connection
OUT1
7
6
DMOS full bridge output 1
OUT2
9
8
DMOS full bridge output 2
PAD
Exposed pad for enhanced thermal dissipation
RTRY
2
Logic input
VBB
6
5
Load supply voltage
VREF
5
4
Analog input
Pin-out Diagrams
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Rating
Unit
Load Supply Voltage
VBB
40
V
Logic I/O Voltage Range
VIN
–0.3 to 6
V
FLTn Sink Current
IFLTN
10
mA
VREF Input Voltage Range
VREF
–0.3 to 6
V
Sense Voltage (LSS pin)
VS
–0.5 to 0.5
V
Motor Outputs Voltage
VOUT
–2 to 42
V
Output Current
IOUT
Duty cycle = 100%
2
A
Transient Output Current
iOUT
TW < 500 ns
6
A
Operating Temperature Range
TA
Temperature Range E
–40 to 85
°C
Maximum Junction Temperature
TJ(max)
150
°C
Storage Temperature Range
Tstg
–55 to 150
°C
Selection Guide
Part Number
Packing
A4952ELYTR-T
4000 pieces per 13-in. reel
A4953ELJTR-T
3000 pieces per 13-in. reel
Thermal Characteristics may require derating at maximum conditions, see application information
Characteristic
Symbol
Test Conditions*
Value
Unit
Package Thermal Resistance
RθJA
LJ package, on 4-layer PCB based on JEDEC standard
35
ºC/W
LJ package, on 2-layer PCB with 0.8 in2. 2-oz. copper each side
62
ºC/W
LY package, on 4-layer PCB based on JEDEC standard
48
ºC/W
LY package, (estimate) on 2-layer PCB with 1 in2. 2-oz. copper each side
60
ºC/W
*Additional thermal information available on the Allegro website.
8
7
6
5
1
2
3
4
OUT2
LSS
OUT1
VBB
GND
IN2
IN1
VREF
PAD
FLTn
RTRY
IN2
IN1
VREF
GND
OUT2
LSS
OUT1
VBB
1
2
3
4
5
10
9
8
7
6
PAD
LJ Package (A4953)
LY Package (A4952)


Similar Part No. - A4953

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4953 ALLEGRO-A4953 Datasheet
299Kb / 11P
   Full-Bridge DMOS PWM Motor Drivers
A4953ELJTR-T ALLEGRO-A4953ELJTR-T Datasheet
299Kb / 11P
   Full-Bridge DMOS PWM Motor Drivers
More results

Similar Description - A4953

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AEP17012 PANASONIC-AEP17012 Datasheet
230Kb / 8P
   Control of large voltages and currents
logo
Allegro MicroSystems
A4930 ALLEGRO-A4930 Datasheet
206Kb / 9P
   Designed for pulse width modulated (PWM) current control of single phase brushless fans, the A4930 minimizes external component count and integrates all the key features required...
logo
Shindengen Electric Mfg...
MCZ3001D SHINDENGEN-MCZ3001D Datasheet
154Kb / 2P
   Pulse Width Modulated Control Circuit
logo
National Semiconductor ...
LM494 NSC-LM494 Datasheet
159Kb / 8P
   Pulse Width Modulated Control Circuit
logo
Littelfuse
SMD2016 LITTELFUSE-SMD2016 Datasheet
92Kb / 2P
   These devices offer a wide range of hold currents from 0.3 A to 2.0 A and voltages form 6 V to 60 V.
logo
List of Unclassifed Man...
GV2P07 ETC-GV2P07 Datasheet
1Mb / 50P
   Accurate and reliable control of motors
logo
Texas Instruments
PT6932C TI-PT6932C Datasheet
371Kb / 7P
[Old version datasheet]   The PT6930 Excalibur series of 8-A dual-output ISRs are designed to power
logo
PHOENIX CONTACT
2811886 PHOENIX-2811886 Datasheet
60Kb / 3P
   For control cabinet mounting of the operating and display unit
logo
Linear Dimensions Semic...
LND-SA55 LINEAR_DIMENSIONS-LND-SA55 Datasheet
112Kb / 1P
   Pulse Width Modulated Amplifier
logo
Allegro MicroSystems
A3988 ALLEGRO-A3988_11 Datasheet
333Kb / 14P
   The A3988 is a quad DMOS full-bridge driver capable of driving up to two stepper motors or four DC motors.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com