Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A5358CA-T Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A5358CA-T
Description  The A5358 is a low-current BiCMOS circuit providing all of the required features for a photoelectric type smoke detector.
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A5358CA-T Datasheet(HTML) 2 Page - Allegro MicroSystems

  A5358CA-T Datasheet HTML 1Page - Allegro MicroSystems A5358CA-T Datasheet HTML 2Page - Allegro MicroSystems A5358CA-T Datasheet HTML 3Page - Allegro MicroSystems A5358CA-T Datasheet HTML 4Page - Allegro MicroSystems A5358CA-T Datasheet HTML 5Page - Allegro MicroSystems A5358CA-T Datasheet HTML 6Page - Allegro MicroSystems A5358CA-T Datasheet HTML 7Page - Allegro MicroSystems A5358CA-T Datasheet HTML 8Page - Allegro MicroSystems A5358CA-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Photoelectric Smoke Detector
with Interconnect and Timer
A5358
2
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Selection Guide
Part Number
Pb-free
Package
Packing
A5358CA
16-pin DIP through hole
25 pieces / tube
A5358CA-T
Yes
16-pin DIP through hole
25 pieces / tube
A5358CLWTR-T
Yes
16-pin SOICW surface mount
1000 pieces / reel
Absolute Maximum Ratings*
Characteristic
Symbol
Notes
Rating
Units
Supply Voltage Range
VDD
Referenced to VSS
–0.5 to 15
V
Input Voltage Range
VIN
Referenced to VSS
–0.3 to VDD+0.3
V
Input Current
IIN
10
mA
Operating Ambient Temperature Range
TA
–25 to 75
ºC
Maximum Junction Temperature
TJ(max)
150
ºC
Storage Temperature Range
Tstg
–55 to 125
ºC
*CAUTION: BiCMOS devices have input static protection but are susceptible to damage if exposed to extremely high static electrical
charges.
Terminal List Table
Number
Name
Function
1
C1
Sets photoamplifier gain in supervisory mode
2
C2
Sets photoamplifier gain in standby mode
3
DETECT
Photoamplifier input
4
STROBE
Strobed supply (VDD – 5 V) for photoamplifier low-side
reference
5
VDD
Positive supply voltage
6
IRED
Output to smoke chamber IR LED driver
7
I/O
Input-output to interconnected detectors
8
HORN1
Output for driving piezoelectric horn
9
HORN2
Complementary output for driving piezoelectric horn
10
FEEDBACK
Input for driving piezoelectric horn
11
LED
Output to drive visible LED
12
OSC CAP
Connection for capacitor to set clock frequency
13
TIMING RES
Connection for resistor to set clock frequency
14
VSS
Negative supply voltage
15
HUSH
Input for photoamplifier timer mode reference; can also
disable timer mode
16
TEST
Enables push-to-test mode and diagnostic test/calibration
mode; starts timer mode, if enabled
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
TEST
HUSH
VSS
TIMING RES
OSC CAP
LED
FEEDBACK
HORN2
C1
C2
DETECT
STROBE
VDD
IRED
I/O
HORN1
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
TEST
HUSH
VSS
TIMING RES
OSC CAP
LED
FEEDBACK
HORN2
C1
C2
DETECT
STROBE
VDD
IRED
I/O
HORN1
Package A
Package LW
Pin-out Diagrams
Thermal Characteristics
Characteristic
Symbol
Test Conditions*
Value
Units
Package Thermal Resistance
RθJA
Package A, on 4-layer PCB based on JEDEC standard
38
ºC/W
Package LW, on 4-layer PCB based on JEDEC standard
48
ºC/W
*Additional thermal information available on Allegro website.


Similar Part No. - A5358CA-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A5358CA ALLEGRO-A5358CA Datasheet
98Kb / 12P
   PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT AND TIMER
A5358CAT ALLEGRO-A5358CAT Datasheet
325Kb / 13P
   Photoelectric Smoke Detector with Interconnect and Timer
More results

Similar Description - A5358CA-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A5366 ALLEGRO-A5366 Datasheet
322Kb / 13P
   The A5366 is a low-current BiCMOS circuit providing all of the required features for a photoelectric type smoke detector.
A5348 ALLEGRO-A5348 Datasheet
282Kb / 9P
   The A5348 is a low-current, BiCMOS circuit providing all of the required features for an ionization-type smoke detector.
A5367 ALLEGRO-A5367 Datasheet
281Kb / 10P
   The A5367 is a low-current, BiCMOS circuit providing all of the required features for an ionization-type smoke detector.
logo
SHANGHAI BELLING CO., L...
BL59A66 BELLING-BL59A66 Datasheet
351Kb / 4P
   The BL59A66 is a low-current BiCMOS circuit providing all of the features
logo
Gamewell-FCI by Honeywe...
PSD-7155 GAMEWELL-FCI-PSD-7155 Datasheet
66Kb / 2P
   Photoelectric smoke detector
logo
NXP Semiconductors
MC56F826XXDS NXP-MC56F826XXDS Datasheet
1Mb / 60P
   The following table is the comparsion of features among members of the family.
Rev. 0, 08/2018
logo
STMicroelectronics
AN2252 STMICROELECTRONICS-AN2252 Datasheet
439Kb / 21P
   The flyback converter is a popular choice in applications where the required power
logo
SHANGHAI BELLING CO., L...
BL5980 BELLING-BL5980 Datasheet
535Kb / 30P
   Low Voltage Photoelectric Smoke Detector ASIC
logo
NXP Semiconductors
68HC05JB4 NXP-68HC05JB4 Datasheet
2Mb / 134P
   The MC68HC05JB4 is a member of the low-cost, high-performance M68HC05
REV 2 February 24 , 1999
68HC805K3 NXP-68HC805K3 Datasheet
1Mb / 119P
   The low-cost MC68HC805K3 microcontroller is a member of the M68HC805 Family of microprocessors.
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com