Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A5366CA Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # A5366CA
Description  The A5366 is a low-current BiCMOS circuit providing all of the required features for a photoelectric type smoke detector.
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A5366CA Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button A5366CA Datasheet HTML 3Page - Allegro MicroSystems A5366CA Datasheet HTML 4Page - Allegro MicroSystems A5366CA Datasheet HTML 5Page - Allegro MicroSystems A5366CA Datasheet HTML 6Page - Allegro MicroSystems A5366CA Datasheet HTML 7Page - Allegro MicroSystems A5366CA Datasheet HTML 8Page - Allegro MicroSystems A5366CA Datasheet HTML 9Page - Allegro MicroSystems A5366CA Datasheet HTML 10Page - Allegro MicroSystems A5366CA Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Photoelectric Smoke Detector
with Interconnect and Timer
A5366
7
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Pin and Circuit Description
(In Typical Application)
C1 Pin
A capacitor connected to this pin determines the gain, Ae, of
the photoamplifier during the push-to-test mode and during the
chamber monitor test. A typical capacitor value for this high-
gain (supervisory) mode is 0.047 μF, but it should be selected
based on the photochamber background reflections reaching the
detector and the desired level of sensitivity. Ae = 1 + (C1/ 10),
where C1 is in pF. Ae should not exceed 10,000 and thus C1
should not exceed 0.1 μF. Coupling of other signals to the C1,
C2, and DETECT inputs must be minimized.
C2 Pin
A capacitor connected to this pin determines the gain, Ae, of
the photoamplifier during standby. A typical capacitor value for
this low-gain mode is 4700 pF, but it should be selected based
on a specific photochamber and the desired level of sensitiv-
ity to smoke. Ae = 1 + (C2/ 10), where C2 is in pF. Ae should not
exceed 10,000 and thus C2 should not exceed 0.1 μF. This gain
increases by a nominal 10% after a local alarm is detected (three
consecutive detections). A resistor must be installed in series
with the C2 capacitor.
DETECT Pin
This is the input to the photoamplifier and is connected to the
cathode of the photodiode. The photodiode is operated at zero
bias and should have low dark leakage current and low capaci-
tance. A shunt resistor must be installed in parallel with the
photodiode.
STROBE Pin
This output provides a strobed, regulated voltage of VDD – 5 V.
The minus side of all internal and external photoamplifier cir-
cuitry is referenced to this pin.
VDD Pin
This pin is connected to the positive supply potential and can
range from 6 to 12 V with respect to VSS.
IRED Pin
This output provides a pulsed base current for the external NPN
transistor, which drives the IR emitter. Its beta should be greater
than 100. To minimize noise impact, the IRED output is not
active when the horn and visible LED outputs are active.
I/O Pin
A connection at this pin allows multiple smoke detectors to be
interconnected. If any single unit detects smoke, its I/O pin is
driven high, and all connected units will sound their associated
horns.
As an input, the I/O is sampled every fourth clock cycle (nomi-
nally 42 ms). When the I/O pin is driven high by another device,
three consecutive samples with I/O high plus one additional
cycle (nominally 10.5 ms) are required to cause an alarm. If the
I/O falls below its threshold at any time during those (nomi-
nally) 95 ms, an internal latch is reset and there will not be an
alarm. Thus, depending on when during the (nominally) 42 ms
sample cycle I/O is initially forced high, the I/O must remain
high for a minimum of (nominally) 95 to 137 ms to cause an
alarm. This filtering provides significant immunity to I/O noise.
The LED is suppressed when an alarm is signaled from an
interconnected unit, and any local alarm condition causes this
pin to be ignored as an input. An internal NMOS device acts as
a charge dump to aid in applications involving large (distrib-
uted) capacitance, and is activated at the end of a local or test
alarm. This pin has an on-chip pull-down device and must be
left unconnected if not used. In the application, there should be a
series current-limiting resistor to other smoke alarms.
HORN1, HORN2, FEEDBACK Pins
These three pins are used with a self-resonating piezoelectric
transducer and horn-starting external passive components. The
output HORN1 is connected to the piezo metal support elec-
trode. The complementary output, HORN2, is connected to the
ceramic electrode. The FEEDBACK input is connected to the
feedback electrode. If the FEEDBACK pin is not used, it must
be connected to VSS.
LED Pin
This open-drain NMOS output is used to directly drive a visible
LED. The load for the low-battery test is applied to this output.
If an LED is not used, it should be replaced with an equivalent
resistor (typically 500 to 1000 Ω) such that the battery load-
ing remains about 10 mA. The low-battery test does not occur
coincident with any other test or alarm signal. The LED also
indicates detector status as follows (with component values as in
the typical application, all times nominal):
Condition
Pulse Occurrence
Standby
Every 43 s
Local Smoke
Every 0.5 s
Remote Alarm
No pulses
Test Mode
Every 0.5 s
Timer Mode
Every 10 s


Similar Part No. - A5366CA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A5366CA ALLEGRO-A5366CA Datasheet
190Kb / 12P
   PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT AND TIMER
logo
Sensitron
A5366CA SENSITRON-A5366CA Datasheet
402Kb / 13P
   Photoelectric Smoke Detector with Interconnect and Timer
A5366CA-T SENSITRON-A5366CA-T Datasheet
402Kb / 13P
   Photoelectric Smoke Detector with Interconnect and Timer
More results

Similar Description - A5366CA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A5358 ALLEGRO-A5358 Datasheet
326Kb / 13P
   The A5358 is a low-current BiCMOS circuit providing all of the required features for a photoelectric type smoke detector.
A5348 ALLEGRO-A5348 Datasheet
282Kb / 9P
   The A5348 is a low-current, BiCMOS circuit providing all of the required features for an ionization-type smoke detector.
A5367 ALLEGRO-A5367 Datasheet
281Kb / 10P
   The A5367 is a low-current, BiCMOS circuit providing all of the required features for an ionization-type smoke detector.
logo
SHANGHAI BELLING CO., L...
BL59A66 BELLING-BL59A66 Datasheet
351Kb / 4P
   The BL59A66 is a low-current BiCMOS circuit providing all of the features
logo
Gamewell-FCI by Honeywe...
PSD-7155 GAMEWELL-FCI-PSD-7155 Datasheet
66Kb / 2P
   Photoelectric smoke detector
logo
NXP Semiconductors
MC56F826XXDS NXP-MC56F826XXDS Datasheet
1Mb / 60P
   The following table is the comparsion of features among members of the family.
Rev. 0, 08/2018
logo
STMicroelectronics
AN2252 STMICROELECTRONICS-AN2252 Datasheet
439Kb / 21P
   The flyback converter is a popular choice in applications where the required power
logo
SHANGHAI BELLING CO., L...
BL5980 BELLING-BL5980 Datasheet
535Kb / 30P
   Low Voltage Photoelectric Smoke Detector ASIC
logo
NXP Semiconductors
68HC05JB4 NXP-68HC05JB4 Datasheet
2Mb / 134P
   The MC68HC05JB4 is a member of the low-cost, high-performance M68HC05
REV 2 February 24 , 1999
68HC805K3 NXP-68HC805K3 Datasheet
1Mb / 119P
   The low-cost MC68HC805K3 microcontroller is a member of the M68HC805 Family of microprocessors.
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com