Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A5366CA-T Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A5366CA-T
Description  The A5366 is a low-current BiCMOS circuit providing all of the required features for a photoelectric type smoke detector.
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A5366CA-T Datasheet(HTML) 4 Page - Allegro MicroSystems

  A5366CA-T Datasheet HTML 1Page - Allegro MicroSystems A5366CA-T Datasheet HTML 2Page - Allegro MicroSystems A5366CA-T Datasheet HTML 3Page - Allegro MicroSystems A5366CA-T Datasheet HTML 4Page - Allegro MicroSystems A5366CA-T Datasheet HTML 5Page - Allegro MicroSystems A5366CA-T Datasheet HTML 6Page - Allegro MicroSystems A5366CA-T Datasheet HTML 7Page - Allegro MicroSystems A5366CA-T Datasheet HTML 8Page - Allegro MicroSystems A5366CA-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Photoelectric Smoke Detector
with Interconnect and Timer
A5366
4
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
DC ELECTRICAL CHARACTERISTICS at TA = –25°C to 75°C1. VSS = 0 V, in typical application (unless otherwise noted)
Characteristic
Symbol
Test Conditions
Test Pin
VDD
Min.
Typ.2
Max.
Units
Supply Voltage Range
VDD
5
6.0
12
V
Operating Supply Current
IDD
Average in standby mode, configured per
typical application
512
9
μA
During STROBE on, IRED off, configured per
typical application
5
12
2.0
mA
During STROBE on, IRED on, configured per
typical application
5
12
3.0
mA
Low-Level Input Voltage
VIL
7
9
1.5
V
10
9
2.7
V
16
9
7.0
V
15
9
0.5
V
High-Level Input Voltage
VIH
7
9
3.2
V
10
9
6.3
V
16
9
8.5
V
15
9
1.6
V
Input Leakage High
IIH
VIN = VDD, STROBE active, OSC CAP = VDD
1, 2
12
100
nA
VIN = VDD
3, 10, 12
12
100
nA
Input Leakage Low
IIL
VIN = VST, STROBE active, OSC CAP = VDD
1, 2, 3
12
–100
nA
VIN = VSS
10, 12
12
–100
nA
15, 16
12
–1.0
μA
Input Pull-Down Current
IIN
VIN = VDD
16, 15
9
0.25
10
μA
No local smoke, VIN = VDD
7
9
20
80
μA
No local smoke, VIN = 17 V
7
12
140
μA
Low-Level Output Voltage
VOL
IO = 10 mA
11
6.5
0.6
V
IO = 16 mA
8, 9
6.5
1.0
V
IO = 5 mA
13
6.5
0.5
V
High-Level Output Voltage
VOH
IO = –16 mA
8, 9
6.5
5.5
V
Strobe Output Voltage
VST
Inactive, IO = –1 μA4
12
VDD
– 0.1
––
V
Active, IO = 100 to 500 μA4
9
VDD
– 5.25
VDD
– 4.75
V
Line Regulation
ΔVST(ΔVDD)
Active, VDD = 6 to 12 V
4
–60
dB
Strobe Temperature
Coefficient
αST
VDD = 6 to 12 V
4
0.01
%/°C
IRED Output Voltage
VIRED
Inactive, IO = 1 μA, TA = 25°C
6
12
0.1
V
Active, IO = –6 mA, TA = 25°C
6
9
2.85
3.1
3.35
V
Continued on the next page…


Similar Part No. - A5366CA-T

ManufacturerPart #DatasheetDescription
logo
Sensitron
A5366CA-T SENSITRON-A5366CA-T Datasheet
402Kb / 13P
   Photoelectric Smoke Detector with Interconnect and Timer
More results

Similar Description - A5366CA-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A5358 ALLEGRO-A5358 Datasheet
326Kb / 13P
   The A5358 is a low-current BiCMOS circuit providing all of the required features for a photoelectric type smoke detector.
A5348 ALLEGRO-A5348 Datasheet
282Kb / 9P
   The A5348 is a low-current, BiCMOS circuit providing all of the required features for an ionization-type smoke detector.
A5367 ALLEGRO-A5367 Datasheet
281Kb / 10P
   The A5367 is a low-current, BiCMOS circuit providing all of the required features for an ionization-type smoke detector.
logo
SHANGHAI BELLING CO., L...
BL59A66 BELLING-BL59A66 Datasheet
351Kb / 4P
   The BL59A66 is a low-current BiCMOS circuit providing all of the features
logo
Gamewell-FCI by Honeywe...
PSD-7155 GAMEWELL-FCI-PSD-7155 Datasheet
66Kb / 2P
   Photoelectric smoke detector
logo
NXP Semiconductors
MC56F826XXDS NXP-MC56F826XXDS Datasheet
1Mb / 60P
   The following table is the comparsion of features among members of the family.
Rev. 0, 08/2018
logo
STMicroelectronics
AN2252 STMICROELECTRONICS-AN2252 Datasheet
439Kb / 21P
   The flyback converter is a popular choice in applications where the required power
logo
SHANGHAI BELLING CO., L...
BL5980 BELLING-BL5980 Datasheet
535Kb / 30P
   Low Voltage Photoelectric Smoke Detector ASIC
logo
NXP Semiconductors
68HC05JB4 NXP-68HC05JB4 Datasheet
2Mb / 134P
   The MC68HC05JB4 is a member of the low-cost, high-performance M68HC05
REV 2 February 24 , 1999
68HC805K3 NXP-68HC805K3 Datasheet
1Mb / 119P
   The low-cost MC68HC805K3 microcontroller is a member of the M68HC805 Family of microprocessors.
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com