Electronic Components Datasheet Search |
|
A3295 Datasheet(PDF) 3 Page - Allegro MicroSystems |
|
A3295 Datasheet(HTML) 3 Page - Allegro MicroSystems |
3 / 9 page Chopper Stabilized, Precision Hall Effect Switch for Consumer and Industrial Applications A3295 3 Allegro MicroSystems, Inc. 115 Northeast Cutoff Worcester, Massachusetts 01615-0036 U.S.A. 1.508.853.5000; www.allegromicro.com ELECTRICAL CHARACTERISTICS over operating temperature range, unless otherwise noted Characteristic Symbol Test Conditions Min. Typ.1 Max Units Supply Voltage Range2 VCC Operating, TJ < 165°C 4.2 – 24 V Output Leakage Current IOFF VOUT = 24 V, B < BRP –– 10 μA Output Saturation Voltage VOUT(SAT) IOUT = 20 mA, B > BOP – 185 500 mV Output Current Limit ION B > BOP 30 – 60 mA Power-On Time tPO VCC > 4.2 V – – 50 μs Chopping Frequency fC – 800 – kHz Output Rise Time tR RLOAD = 820 Ω, CLOAD = 20 pF – 0.2 2.0 μs Output Fall Time tF RLOAD = 820 Ω, CLOAD = 20 pF – 0.1 2.0 μs Supply Current ICC B < BRP, VCC = 12 V – 3.0 8.0 mA B > BOP, VCC = 12 V – 4.0 8.0 mA Reverse Battery Current IRCC VRCC = –30 V – – –5.0 mA Zener Voltage VZ + VD ICC = 15 mA, TA = 25°C 28 – – V Zener Impedance ZZ + ZD ICC = 15 mA, TA = 25°C – 50 – Ω 1Typical data at TA = 25°C, 12 V. 2Maximum VCC must be derated for power dissipation and junction temperature. See Application Information. MAGNETIC CHARACTERISTICS over VCC range, unless otherwise noted Characteristic Symbol Test Conditions Min. Typ. Max. Units Operate Point BOP – – 75 G Release Point BRP 5– – G Hysteresis BHYS BOP – BRP – – 70 G |
Similar Part No. - A3295 |
|
Similar Description - A3295 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |