Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6213 Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # A6213
Description  The A6213 is a single IC switching regulator that provides constant-current output to drive high-power LEDs.
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6213 Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button A6213 Datasheet HTML 5Page - Allegro MicroSystems A6213 Datasheet HTML 6Page - Allegro MicroSystems A6213 Datasheet HTML 7Page - Allegro MicroSystems A6213 Datasheet HTML 8Page - Allegro MicroSystems A6213 Datasheet HTML 9Page - Allegro MicroSystems A6213 Datasheet HTML 10Page - Allegro MicroSystems A6213 Datasheet HTML 11Page - Allegro MicroSystems A6213 Datasheet HTML 12Page - Allegro MicroSystems A6213 Datasheet HTML 13Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Automotive Grade, Constant-Current 3-Ampere
PWM Dimmable Buck Regulator LED Driver
A6213
9
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Figure 8. Minimum and Maximum Output Voltage versus Switching
Frequency (VIN = 24 V, iLED = 2 A, minimum tON and tOFF = 150 ns)
Figure 9. Minimum and Maximum Output Voltage versus iLED current
(VIN = 9 V, fSW = 1 MHz, minimum tON and tOFF = 150 ns)
at any time, a series resistor (1 kΩ) is required to limit the current
flowing into the EN pin. This series resistor is not necessary if
EN is driven from a logic input.
PWM Dimming Ratio
The brightness of the LED string can be reduced by adjusting the
PWM duty cycle at the EN pin as follows:
Dimming ratio = PWM on-time / PWM period
For example, by selecting a PWM period of 5 ms (200 Hz PWM
frequency) and a PWM on-time of 50 μs, a dimming ratio of 1%
can be achieved.
In an actual application, the minimum dimming ratio is deter-
mined by various system parameters, including: VIN, VOUT,
inductance, LED current, switching frequency, and PWM
frequency. As a general guideline, the minimum PWM on-time
should be kept at 50 μs or longer. A shorter PWM on-time is
acceptable under more favorable operating conditions.
Output Voltage and Duty Cycle
Figure 7 provides simplified equations for approximating output
voltage. Essentially, the output voltage of a buck converter is
approximately given as:
VOUT = VIN × D – VD1 × (1 – D ) ≈ VIN × D, if VD1<< VIN
D = tON / (tON + tOFF )
where D is the duty cycle, and VD1 is the forward drop of the
Schottky diode D1 (typically under 0.5 V).
Minimum and Maximum Output Voltages
For a given input voltage, the maximum output voltage depends
on the switching frequency and minimum tOFF. For example, if
tOFF(min) = 150 ns and fSW = 1 MHz, then the maximum duty
cycle is 85%. So for a 24 V input, the maximum output is 20.3 V.
This means up to 6 LEDs can be operated in series, assuming
Vf = 3.3 V or less for each LED.
The minimum output voltage depends on minimum tON and
switching frequency. For example, if the minimum tON = 150 ns
and fSW = 1 MHz, then the minimum duty cycle is 15%. That
means with VIN = 24 V, the minimum VOUT = 3.2 V (one LED).
To a lesser degree, the output voltage is also affected by other
factors such as LED current, on-resistance of the high-side
switch, DCR of the inductor, and forward drop of the low-side
diode. The more precise equation is shown in figure 7.
As a general rule, switching at lower frequencies allows a wider
range of VOUT, and hence more flexible LED configurations.
This is shown in figure 8.
Figure 8 shows how the minimum and maximum output volt-
ages vary with LED current (assuming RDS(on) = 0.4 Ω, inductor
DCR = 0.1 Ω, and diode Vf = 0.6 V).
If the required output voltage is lower than that permitted by the
minimum tON, the controller will automatically extend the tOFF,
in order to maintain the correct duty cycle. This means that the
switching frequency will drop lower when necessary, while the
LED current is kept in regulation at all times.
24
22
20
18
16
14
12
10
8
6
4
2
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
fsw (MHz)
VOUT(max) (V)
VOUT(min) (V)
9
8
7
6
5
4
3
2
1
0
0
0.5
1.0
1.5
2.0
2.5
3.0
iLED (A)
VOUT(max) (V)
VOUT(min) (V)


Similar Part No. - A6213

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A621 ETC2-A621 Datasheet
1Mb / 12P
   Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
A621 TEKTRONIX-A621 Datasheet
2Mb / 36P
   Mixed Domain Oscilloscopes
A621 TEKTRONIX-A621 Datasheet
930Kb / 10P
   Digital Storage Oscilloscopes
A621 TEKTRONIX-A621 Datasheet
215Kb / 4P
   Current Probes
logo
Allegro MicroSystems
A6210 ALLEGRO-A6210 Datasheet
448Kb / 11P
   3 A, 2 MHz Buck-Regulating LED Driver
More results

Similar Description - A6213

ManufacturerPart #DatasheetDescription
logo
Littelfuse
DCSA LITTELFUSE-DCSA Datasheet
288Kb / 2P
   The DCSA Series is a loop-powered, linear output current transducer that provides an output that is directly proportional to the RMS AC current passing through the LCSC10T12 sensor
logo
ON Semiconductor
NCP3065 ONSEMI-NCP3065 Datasheet
241Kb / 18P
   Up to 1.5 A Constant Current Switching Regulator for LEDs
July, 2007 - Rev. 0
logo
Quelighting Corp
QLSP08RGBXW-273 QUELIGHTING-QLSP08RGBXW-273 Datasheet
1Mb / 17P
   This is a multi-color LED that provides high lumen output in the 5050 package.
1.0 11-23-2020
logo
Allegro MicroSystems
A6267 ALLEGRO-A6267 Datasheet
349Kb / 17P
   The A6267 is a DC-to-DC converter controller, providing a programmable constant current output for driving high power LEDs in series.
A6265 ALLEGRO-A6265 Datasheet
349Kb / 17P
   The A6265 is a DC-to-DC converter controller, providing a programmable constant current output for driving high power LEDs in series.
A6268 ALLEGRO-A6268 Datasheet
369Kb / 19P
   The A6268 is a DC-to-DC converter controller, providing a programmable constant current output for driving high power LEDs in series.
A6266 ALLEGRO-A6266 Datasheet
338Kb / 17P
   The A6266 is a boost converter controller, providing a programmable constant current output for driving high power LEDs in series.
A6210 ALLEGRO-A6210_11 Datasheet
457Kb / 12P
   The A6210 is a buck regulator that uses valley current-mode control.
logo
Texas Instruments
LM3407 TI1-LM3407 Datasheet
1Mb / 22P
[Old version datasheet]   Constant Current Output Floating Buck Switching Converter for High Power LEDs
SLTS054A TI-SLTS054A Datasheet
403Kb / 4P
[Old version datasheet]   The PT7771 is a high-output Integrated grated Switching Regulator (ISR)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com