Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABA3100 Datasheet(PDF) 5 Page - ANADIGICS, Inc

Part # ABA3100
Description  1 GHz Balanced Low Noise Linear Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ABA3100 Datasheet(HTML) 5 Page - ANADIGICS, Inc

  ABA3100 Datasheet HTML 1Page - ANADIGICS, Inc ABA3100 Datasheet HTML 2Page - ANADIGICS, Inc ABA3100 Datasheet HTML 3Page - ANADIGICS, Inc ABA3100 Datasheet HTML 4Page - ANADIGICS, Inc ABA3100 Datasheet HTML 5Page - ANADIGICS, Inc ABA3100 Datasheet HTML 6Page - ANADIGICS, Inc ABA3100 Datasheet HTML 7Page - ANADIGICS, Inc ABA3100 Datasheet HTML 8Page - ANADIGICS, Inc ABA3100 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Data Sheet - Rev 2.6
04/2008
5
ABA3100
Figure 3: typical Gain (S21) vs. Frequency
Figure 4: typical Input Return loss (S11) vs. Frequency
PERFORMAnCE DAtA
Figure 3: typical Gain (S21) vs. Frequency
10
10.5
11
11.5
12
12.5
13
13.5
14
14.5
15
0
100
200
300
400
500
600
700
800
900
1000
Frequency (MHz)
Figure ? typical Input Return loss (S11) vs. Frequency
-40
-35
-30
-25
-20
-15
-10
-5
0
5
0
100
200
300
400
500
600
700
800
900
1000
Frequency (MHz)


Similar Part No. - ABA3100

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ABA3100 ANADIGICS-ABA3100 Datasheet
573Kb / 8P
   Balanced Linear Amplifier MMIC
logo
Skyworks Solutions Inc.
ABA3100 SKYWORKS-ABA3100 Datasheet
522Kb / 12P
   1 GHz Balanced Low Noise Linear Amplifier
ABA3100RS3P1 SKYWORKS-ABA3100RS3P1 Datasheet
522Kb / 12P
   1 GHz Balanced Low Noise Linear Amplifier
logo
ANADIGICS, Inc
ABA3100S3 ANADIGICS-ABA3100S3 Datasheet
573Kb / 8P
   Balanced Linear Amplifier MMIC
logo
Skyworks Solutions Inc.
ABA3100S3P0 SKYWORKS-ABA3100S3P0 Datasheet
522Kb / 12P
   1 GHz Balanced Low Noise Linear Amplifier
More results

Similar Description - ABA3100

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ABA3101 ANADIGICS-ABA3101 Datasheet
468Kb / 12P
   1 GHz Balanced Low Noise Linear Amplifier
logo
Skyworks Solutions Inc.
ABA3100 SKYWORKS-ABA3100 Datasheet
522Kb / 12P
   1 GHz Balanced Low Noise Linear Amplifier
ABA3101 SKYWORKS-ABA3101 Datasheet
585Kb / 12P
   1.2 GHz Balanced Low Noise Linear Amplifier
logo
TriQuint Semiconductor
TGA4511-EPU TRIQUINT-TGA4511-EPU Datasheet
180Kb / 8P
   30-38 GHz Balanced Low Noise Amplifier
logo
Pasternack Enterprises,...
PE1519 PASTERNACK-PE1519 Datasheet
392Kb / 2P
   Low Noise Amplifier 1 ??4 GHz
logo
TriQuint Semiconductor
TGA8061 TRIQUINT-TGA8061 Datasheet
580Kb / 7P
   .1 - 3.5 GHz Low Noise Amplifier
logo
NXP Semiconductors
BGU7044 PHILIPS-BGU7044 Datasheet
163Kb / 10P
   1 GHz wideband low-noise amplifier
Rev. 1-2 January 2012
logo
Agilent(Hewlett-Packard...
INA-50311 HP-INA-50311 Datasheet
64Kb / 5P
   1 GHz Low Noise Silicon MMIC Amplifier
logo
RF Micro Devices
RF3220 RFMD-RF3220_10 Datasheet
622Kb / 10P
   LOW NOISE, LINEAR AMPLIFIER
logo
Agilent(Hewlett-Packard...
INA-30311 HP-INA-30311 Datasheet
75Kb / 6P
   1 GHz Low Noise Silicon MMIC Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com