Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABA3130RS26Q1 Datasheet(PDF) 3 Page - ANADIGICS, Inc

Part # ABA3130RS26Q1
Description  50-1100 MHz Low Noise Amplifier/Attenuator with Gain Control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ABA3130RS26Q1 Datasheet(HTML) 3 Page - ANADIGICS, Inc

  ABA3130RS26Q1 Datasheet HTML 1Page - ANADIGICS, Inc ABA3130RS26Q1 Datasheet HTML 2Page - ANADIGICS, Inc ABA3130RS26Q1 Datasheet HTML 3Page - ANADIGICS, Inc ABA3130RS26Q1 Datasheet HTML 4Page - ANADIGICS, Inc ABA3130RS26Q1 Datasheet HTML 5Page - ANADIGICS, Inc ABA3130RS26Q1 Datasheet HTML 6Page - ANADIGICS, Inc ABA3130RS26Q1 Datasheet HTML 7Page - ANADIGICS, Inc ABA3130RS26Q1 Datasheet HTML 8Page - ANADIGICS, Inc ABA3130RS26Q1 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PRELIMINARY DATA SHEET - Rev 1.2
04/2010
ABA3130
3
ELECtRICAL ChARACtERIstICs
table 2: Absolute Minimum and Maximum Ratings
stresses in excess of the absolute ratings may cause permanent damage. Functional operation
is not implied under these conditions. Exposure to absolute ratings for extended periods of
time may adversely affect reliability.
table 3: Operating Ranges
the device may be operated safely over these conditions; however, parametric performance is guaranteed only
over the conditions defined in the electrical specifications.
PARAMEtER
MIN
MAX
UNIt
COMMENts
Supply Voltage (VCC)
0
+8
V
AGC Input Voltage (VAGC)
0
+5
V
RF Input Power (PIN)
-
+25
dBmV
PARAMEtER
MIN
tYP
MAX
UNIt
COMMENts
Operating Frequency (f)
50
-
1100
MHz
Supply Voltage (VDD)
+3.3
+5.0
+5.5
V
AGC Input Voltage (VAGC)
0
-
+5
V
RF Input Power (PIN)
-15
-
+15
dBmV
Case Temperature (TC)
-40
-
+85
°C


Similar Part No. - ABA3130RS26Q1

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
ABA3130RS26Q1 SKYWORKS-ABA3130RS26Q1 Datasheet
521Kb / 14P
   50-1100 MHz Low Noise Amplifier/ Attenuator with Gain Control
More results

Similar Description - ABA3130RS26Q1

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
ABA3130 SKYWORKS-ABA3130 Datasheet
521Kb / 14P
   50-1100 MHz Low Noise Amplifier/ Attenuator with Gain Control
logo
NXP Semiconductors
MBC13706 NXP-MBC13706 Datasheet
261Kb / 4P
   GSM Low Noise Amplifier with Gain Control
Rev 0
logo
Broadcom Corporation.
ALM-1522 BOARDCOM-ALM-1522 Datasheet
1Mb / 12P
   700 ??1100 MHz Low Noise, High Gain, High Linearity Balanced Amplifier Module
logo
List of Unclassifed Man...
WHM13-3530A ETC-WHM13-3530A Datasheet
213Kb / 5P
   1100-1400 MHz LOW NOISE AMPLIFIER WHM13-3530A
logo
Analog Devices
AD603 AD-AD603 Datasheet
219Kb / 14P
   Low Noise, 90 MHz Variable-Gain Amplifier
REV. C
AD603 AD-AD603_05 Datasheet
605Kb / 20P
   Low Noise, 90 MHz Variable Gain Amplifier
Rev. G
AD603 AD-AD603_15 Datasheet
994Kb / 25P
   Low Noise, 90 MHz Variable Gain Amplifier
Rev. K
AD603 AD-AD603_07 Datasheet
551Kb / 24P
   Low Noise, 90 MHz Variable Gain Amplifier
Rev. H
AD603 AD-AD603_17 Datasheet
815Kb / 25P
   Low Noise, 90 MHz Variable Gain Amplifier
logo
Qorvo, Inc
SPF5043Z QORVO-SPF5043Z Datasheet
1Mb / 14P
   50 MHz to 4000 MHz Low-Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com