Electronic Components Datasheet Search |
|
A3946 Datasheet(PDF) 2 Page - Allegro MicroSystems |
|
A3946 Datasheet(HTML) 2 Page - Allegro MicroSystems |
2 / 14 page Half-Bridge Power MOSFET Controller A3946 2 Allegro MicroSystems, Inc. 115 Northeast Cutoff Worcester, Massachusetts 01615-0036 U.S.A. 1.508.853.5000; www.allegromicro.com Absolute Maximum Ratings Characteristic Symbol Notes Rating Units Load Supply Voltage V BB 60 V Logic Inputs Voltage V IN –0.3 to 6.5 V Pin S Voltage V S –4 to 60 V Pin GH Voltage V GH –4 to 75 V Pin BOOT Voltage V BOOT –0.6 to 75 V Pin DT Voltage V DT V REF V Pin VREG Voltage V REG –0.6 to 15 V Operating Ambient Temperature T A Range K –40 to 135 ºC Maximum Junction Temperature T J(max) 150 ºC Storage Temperature T stg –55 to 150 ºC ESD Rating, Human Body Model AEC-Q100-002, all pins 2000 V ESD Rating, Charged Device Model AEC-Q100-011, all pins 1050 V THERMAL CHARACTERISTICS Characteristic Symbol Test Conditions* Value Units Package Thermal Resistance R θJA Mounted on a 2-layer PCB with 3.8 in2. 2-oz copper both sides 43 ºC/W Mounted on a 4-layer PCB based on JEDEC standard 34 ºC/W *Additional thermal information available on Allegro Web site. Selection Guide Part Number Packing Package A3946KLPTR-T 4000 pieces/reel 16-pin TSSOP with exposed thermal pad |
Similar Part No. - A3946 |
|
Similar Description - A3946 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |