Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3949 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # A3949
Description  DMOS Full-Bridge Motor Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3949 Datasheet(HTML) 3 Page - Allegro MicroSystems

  A3949 Datasheet HTML 1Page - Allegro MicroSystems A3949 Datasheet HTML 2Page - Allegro MicroSystems A3949 Datasheet HTML 3Page - Allegro MicroSystems A3949 Datasheet HTML 4Page - Allegro MicroSystems A3949 Datasheet HTML 5Page - Allegro MicroSystems A3949 Datasheet HTML 6Page - Allegro MicroSystems A3949 Datasheet HTML 7Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DMOS Full-Bridge Motor Driver
A3949
3
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
ELECTRICAL CHARACTERISTICS at T
A = 25°C, VBB = 8 V to 36 V (unless otherwise noted)
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Output-On Resistance
R
DSON
Source driver, I
OUT = –2.8 A, TJ= 25°C
.4
.48
Ω
Source driver, I
OUT = –2.8 A, TJ= 125°C
.68
Ω
Sink driver, I
OUT = 2.8 A, TJ= 25°C
.3
.43
Ω
Sink driver, I
OUT = –2.8 A, TJ= 125°C
.576
Ω
Body Diode Forward Voltage
V
F
Source diode, I
F = –2.8 A
1.1
1.3
V
Sink diode, I
F = 2.8 A
1
1.3
V
Motor Supply Current
I
BB
f
PWM < 50 kHz
6
8.5
mA
Charge pump turned on; outputs disabled
3
4.5
mA
Sleep mode
10
μA
Logic Input Voltage
PHASE, ENABLE, MODE
V
IN(1)
2.0
V
V
IN(0)
0.8
V
Logic Input Voltage
SLEEP
V
IN(1)
2.7
V
V
IN(0)
0.8
V
Logic Input Current
PHASE, MODE pins
I
IN(1)
V
IN = 2.0 V
< 1.0
20
μA
I
IN(0)
V
IN = 0.8 V
< –2.0
–20
μA
Logic Input Current
ENABLE pin
I
IN(1)
V
IN = 2.0 V
40
100
μA
I
IN(0)
V
IN = 0.8 V
16
40
μA
Logic Input Current
SLEEP pin
I
IN(1)
V
IN = 2.7 V
27
50
μA
I
IN(0)
V
IN = 0.8 V
< 1
10
μA
Propagation Delay Times
t
pd
From PWM change to source or sink turn on
600
ns
From PWM change to source or sink turn off
100
ns
Crossover Delay
t
COD
500
ns
Protection Circuitry
UVLO Enable Threshold
VBB rising
6
V
UVLO Hysteresis
250
mV
Thermal Shutdown Temp.
T
J
170
°C
Thermal Shutdown Hysteresis
ΔT
J
–15
°C


Similar Part No. - A3949

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3949 ALLEGRO-A3949 Datasheet
240Kb / 7P
   DMOS Full-Bridge Motor Driver
A3949 ALLEGRO-A3949 Datasheet
230Kb / 7P
   DMOS Full-Bridge Motor Driver
A3949SLB-T ALLEGRO-A3949SLB-T Datasheet
226Kb / 8P
   DMOS Full-Bridge Motor Driver
A3949SLBTR ALLEGRO-A3949SLBTR Datasheet
230Kb / 7P
   DMOS Full-Bridge Motor Driver
A3949SLBTR-T ALLEGRO-A3949SLBTR-T Datasheet
226Kb / 8P
   DMOS Full-Bridge Motor Driver
More results

Similar Description - A3949

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3950 ALLEGRO-A3950_06 Datasheet
530Kb / 12P
   DMOS Full-Bridge Motor Driver
A3949SLPTR ALLEGRO-A3949SLPTR Datasheet
240Kb / 7P
   DMOS Full-Bridge Motor Driver
A3949 ALLEGRO-A3949_04 Datasheet
226Kb / 8P
   DMOS Full-Bridge Motor Driver
A3949 ALLEGRO-A3949_16 Datasheet
230Kb / 7P
   DMOS Full-Bridge Motor Driver
A3950 ALLEGRO-A3950 Datasheet
317Kb / 9P
   DMOS Full-Bridge Motor Driver
November 4, 2005
A3950 ALLEGRO-A3950_16 Datasheet
705Kb / 13P
   DMOS Full-Bridge Motor Driver
A3949SLBTR ALLEGRO-A3949SLBTR Datasheet
230Kb / 7P
   DMOS Full-Bridge Motor Driver
A3959SLB-T ALLEGRO-A3959SLB-T Datasheet
562Kb / 12P
   DMOS Full-Bridge PWM Motor Driver
A4950KLJTR-T ALLEGRO-A4950KLJTR-T Datasheet
231Kb / 9P
   Full-Bridge DMOS PWM Motor Driver
A3959 ALLEGRO-A3959 Datasheet
557Kb / 11P
   DMOS Full-Bridge PWM Motor Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com