Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACA1206RS7P2 Datasheet(PDF) 7 Page - ANADIGICS, Inc

Part # ACA1206RS7P2
Description  1 GHz CATV Line Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACA1206RS7P2 Datasheet(HTML) 7 Page - ANADIGICS, Inc

Back Button ACA1206RS7P2 Datasheet HTML 3Page - ANADIGICS, Inc ACA1206RS7P2 Datasheet HTML 4Page - ANADIGICS, Inc ACA1206RS7P2 Datasheet HTML 5Page - ANADIGICS, Inc ACA1206RS7P2 Datasheet HTML 6Page - ANADIGICS, Inc ACA1206RS7P2 Datasheet HTML 7Page - ANADIGICS, Inc ACA1206RS7P2 Datasheet HTML 8Page - ANADIGICS, Inc ACA1206RS7P2 Datasheet HTML 9Page - ANADIGICS, Inc ACA1206RS7P2 Datasheet HTML 10Page - ANADIGICS, Inc ACA1206RS7P2 Datasheet HTML 11Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
PRELIMINARY DATA SHEET - Rev 1.5
04/2012
ACA1206
Figure 11: CTB vs. Frequency
(VDD = +12 V, IDD = 195 mA, 112 Analog Channels, 3 dB Tilt, +37 dBmV output power at 1 GHz)
Figure 12: CSO vs. Frequency
(VDD = +12 V, IDD = 195 mA, 112 Analog Channels, 3 dB Tilt, +37 dBmV output power at 1 GHz)
Figure 13: XMOD vs. Frequency
(VDD = +12 V, IDD = 195 mA, 112 Analog Channels, 3 dB Tilt, +37 dBmV output power at 1 GHz)
-90
-85
-80
-75
-70
-65
-60
0
100
200
300
400
500
600
700
800
Frequency(MHz)
CTB Vs Frequency
(Vdd=+12V,Idd=195mA)
(112 analog channels, 3 dB Tilt, +34 dBmV output power at 1GHz)
-100
-95
-90
-85
-80
-75
-70
-65
-60
0
100
200
300
400
500
600
700
800
Frequency(MHz)
CSOVs Frequency
(Vdd=+12V,Idd=195mA)
(112 analog channels, 3 dB Tilt, +34 dBmV output power at 1GHz)
-80
-78
-76
-74
-72
-70
-68
-66
-64
-62
-60
0
100
200
300
400
500
600
700
800
Frequency(MHz)
XMOD Vs Frequency
(Vdd=+12V,Idd=195mA)
(112 analog channels, 3 dB Tilt, +34 dBmV output power at 1GHz)


Similar Part No. - ACA1206RS7P2

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACA1206RS7P2 ANADIGICS-ACA1206RS7P2 Datasheet
349Kb / 16P
   1 GHz CATV Line Amplifier
logo
Skyworks Solutions Inc.
ACA1206RS7P2 SKYWORKS-ACA1206RS7P2 Datasheet
1Mb / 22P
   1 GHz CATV Line Amplifier
More results

Similar Description - ACA1206RS7P2

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACA1206 ANADIGICS-ACA1206 Datasheet
349Kb / 16P
   1 GHz CATV Line Amplifier
logo
Skyworks Solutions Inc.
ACA1206 SKYWORKS-ACA1206 Datasheet
1Mb / 22P
   1 GHz CATV Line Amplifier
ACA0862-B SKYWORKS-ACA0862-B Datasheet
816Kb / 14P
   1 GHz CATV Line Amplifier MMIC
ACA0862B SKYWORKS-ACA0862B Datasheet
1Mb / 14P
   1 GHz CATV Line Amplifier MMIC
logo
ANADIGICS, Inc
ACA0862 ANADIGICS-ACA0862 Datasheet
534Kb / 12P
   1 GHz CATV Line Amplifier MMIC
ADA10000 ANADIGICS-ADA10000_12 Datasheet
748Kb / 20P
   1 GHz CATV Amplifier
logo
Skyworks Solutions Inc.
ACA1212 SKYWORKS-ACA1212 Datasheet
452Kb / 9P
   ACA1212: 1.2 GHz CATV Line Amplifier MMIC
logo
RFHIC
2F8720P RFHIC-2F8720P_14 Datasheet
214Kb / 5P
   CATV Line Amplifier
2F8725P RFHIC-2F8725P_14 Datasheet
215Kb / 5P
   CATV Line Amplifier
2F8719DS RFHIC-2F8719DS Datasheet
164Kb / 3P
   CATV Line Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com