Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJ15023 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MJ15023
Description  16 AMPERE SILICON POWER TRANSISTORS 200 AND 250 VOLTS 250 WATTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJ15023 Datasheet(HTML) 3 Page - Motorola, Inc

  MJ15023 Datasheet HTML 1Page - Motorola, Inc MJ15023 Datasheet HTML 2Page - Motorola, Inc MJ15023 Datasheet HTML 3Page - Motorola, Inc MJ15023 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MJ15023 MJ15025
3
Motorola Bipolar Power Transistor Device Data
Figure 2. Capacitances
Figure 3. Current–Gain — Bandwidth Product
Figure 4. DC Current Gain
IC, COLLECTOR CURRENT (AMPS)
0.1
0.3
0.5
9
5
VCE = 4.0 V
8
2
1.0
5.0
0
1
3
4
7
6
2.0
10
4000
0.3
VR, REVERSE VOLTAGE (VOLTS)
50
TJ = 25°C
100
10
500
100
1000
300
30
1.0
0.5
Figure 5. “On” Voltages
5.0
1.8
0.1
IC, COLLECTOR CURRENT (AMPS)
10
TJ = 25°C
5.0
1.0
0.8
0.2
0
1.4
2.0
1.0
VCE(sat) @ IC/IB = 10
0.5
VBE(on) @ VCE = 4.0 V
IC, COLLECTOR CURRENT (AMPS)
200
100
2.0
5.0
10
20
50
Cob
TJ = 25°C
TJ = 100°C
TJ = 25°C
VCE = 10 V
fTest = 1 MHz
25
°C
100
°C
3000
0.2
10
20
5.0
2.0
1.0
0.5
Cib
100
°C
TYPICAL CHARACTERISTICS


Similar Part No. - MJ15023

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJ15023 MOSPEC-MJ15023 Datasheet
141Kb / 3P
   POWER TRANSISTOR(16A,200-250V,250W)
logo
ON Semiconductor
MJ15023 ONSEMI-MJ15023 Datasheet
144Kb / 4P
   SILICON POWER TRANSISTORS
1995 REV 7
logo
Wing Shing Computer Com...
MJ15023 WINGS-MJ15023 Datasheet
63Kb / 1P
   PNP PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
logo
ON Semiconductor
MJ15023 ONSEMI-MJ15023 Datasheet
72Kb / 4P
   Silicon Power Transistors
February, 2006 ??Rev. 10
logo
Savantic, Inc.
MJ15023 SAVANTIC-MJ15023 Datasheet
113Kb / 3P
   Silicon PNP Power Transistors
More results

Similar Description - MJ15023

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJL21193 ONSEMI-MJL21193_07 Datasheet
152Kb / 6P
   16 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS, 200 WATTS
January, 2007 ??Rev. 5
logo
Motorola, Inc
MJL21193 MOTOROLA-MJL21193 Datasheet
159Kb / 6P
   16 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS 200 WATTS
MJ21193 MOTOROLA-MJ21193 Datasheet
173Kb / 6P
   16 ampere complementary silicon power transistors 250 volts 250 watts
MJ10020 MOTOROLA-MJ10020 Datasheet
293Kb / 8P
   60 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 200 AND 250 VOLTS 250 WATTS
logo
ON Semiconductor
MJ15023 ONSEMI-MJ15023_13 Datasheet
105Kb / 4P
   Silicon Power Transistors 16 AMPERES SILICON POWER TRANSISTORS 200 ??250 VOLTS, 250 WATTS
August, 2013 ??Rev. 12
logo
Motorola, Inc
MJ3281A MOTOROLA-MJ3281A Datasheet
221Kb / 6P
   15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 200 VOLTS 250 WATTS
MJ15011 MOTOROLA-MJ15011 Datasheet
129Kb / 4P
   10 AMPERE COMPLEMENTARY POWER TRANSISTORS 250 VOLTS 200 WATTS
logo
ON Semiconductor
MJW21195 ONSEMI-MJW21195_06 Datasheet
75Kb / 7P
   16 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS, 200 WATTS
January, 2006 ??Rev. 2
logo
Motorola, Inc
MJH11017 MOTOROLA-MJH11017 Datasheet
212Kb / 6P
   15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150, 200, 250 VOLTS 150 WATTS
MJ15003 MOTOROLA-MJ15003 Datasheet
119Kb / 4P
   20 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 140 VOLTS 250 WATTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com